Part Number Hot Search : 
TLG4243 FDA4004C TLG4243 STF20A60 XC3202B NM3SOL3R CXA1562S RB085
Product Description
Full Text Search

G5131-50T23UF - Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel RECTIFIER BRIDGE 15A 400V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY RECTIFIER BRIDGE 15A 200V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY Octal D Flip-Flop with 3-STATE Outputs; Package: SSOP; No of Pins: 20; Container: Tape & Reel Octal D Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 20; Container: Rail 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: SSOP; No of Pins: 48; Container: Tape & Reel SCANSTA111 Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port; Package: TSSOP; No of Pins: 48 掩模升压DC / DC转换 LPC660 Low Power CMOS Quad Operational Amplifier; Package: SOIC NARROW; No of Pins: 14 掩模升压DC / DC转换 10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 24; Container: Rail 掩模升压DC / DC转换 MM5483 Liquid Crystal Display Driver; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换 10-A, 4.5V to 14V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj Power Module with TurboTrans 11-DIP MODULE -40 to 85 掩模升压DC / DC转换 50A, 4.5V to 14V Input, Non-Isolated, Wide Output, Adjustable Power Module with TurboTrans 22-DIP MODULE -40 to 85 掩模升压DC / DC转换 DIODE ZENER SINGLE 200mW 2.4Vz 5mA-Izt 0.0833 50uA-Ir 1 SOT-323 3K/REEL 掩模升压DC / DC转换 Octal D Flip-Flop with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换 Synchronous Presettable Binary Counter 掩模升压DC / DC转换 8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input OR Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 DIODE ZENER SINGLE 200mW 27Vz 2mA-Izt 0.0704 0.1uA-Ir 18.9 SOT-323 3K/REEL 掩模升压DC / DC转换 Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 MM5452/MM5453 Liquid Crystal Display Drivers; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换 MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: SOIC WIDE; No of Pins: 20 掩模升压DC / DC转换 MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换 LPC662 Low Power CMOS Dual Operational Amplifier 掩模升压DC / DC转换 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换 CLC016 Data Retiming PLL with Automatic Rate Selection 掩模升压DC / DC转换 CAPACITOR, 47UF, 10V, /-20%, LOWESR, S.M. 掩模升压DC / DC转换 DCC37ST 掩模升压DC / DC转换 SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement; Package: TQFP EXP PAD; No of Pins: 100 掩模升压DC / DC转换 SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换 TP11362A Quad Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 掩模升压DC / DC转换 SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor; Package: LLP; No of Pins: 16 掩模升压DC / DC转换 QUAD OP AMP; Package: CERDIP; No of Pins: 14 掩模升压DC / DC转换 Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input AND Gate 输入与门 LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 Octal Buffer/Line Driver with 3-STATE Outputs 掩模升压DC / DC转换 LP5996 Dual Linear Regulator with 300mA and 150mA Outputs; Package: LLP; No of Pins: 10 掩模升压DC / DC转换 Octal D-Type Flip-Flop; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 掩模升压DC / DC转换 SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换 LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 TP3406 DASL Digital Adapter for Subscriber Loops; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换 TP3404 Quad Digital Adapter for Subscriber Loops (QDASL); Package: PLCC; No of Pins: 28 掩模升压DC / DC转换 Quad 2-Input AND Gate 2输入与门 Quad 2-Input OR Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box 掩模升压DC / DC转换 LP5952 350mA Dual Rail Linear Regulator; Package: MICRO SMD; No of Pins: 5 掩模升压DC / DC转换 DS90C241/DS90C124 5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换 LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray 掩模升压DC / DC转换 SMD,CAP,TANT,100UF,10V,7 343,ESR:0.1 掩模升压DC / DC转换 Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad D-Type Flip-Flop 掩模升压DC / DC转换 Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-3; No of Pins: 2 掩模升压DC / DC转换 Quad 2-Input AND Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 Quad 2-Input OR Gate 2输入或门 LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换 LMH0340, LMH0040, LMH0070, LMH0050 3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface 掩模升压DC / DC转换 VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-39; No of Pins: 3 掩模升压DC / DC转换 TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver; Package: CERDIP; No of Pins: 28 掩模升压DC / DC转换 MCP809/MCP810 3-Pin Microprocessor Reset Circuits; Package: SOT-23; No of Pins: 3 掩模升压DC / DC转换 SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换 PSM Step-up DC/DC Converter 掩模升压DC / DC转换 LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换 LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换 LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 200V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 100V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 600V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 TP3420A ISDN S/T Interface Device; Package: PLCC; No of Pins: 20 掩模升压DC / DC转换 LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support 掩模升压DC / DC转换 USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: SOIC WIDE; No of Pins: 28 掩模升压DC / DC转换 CONN N PLUG CRIMP RG-8,213 CONN N PLUG STR CRIMP RG-142 CONN N STR CRIMP RG-8,213 COAX SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 28 LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier; Package: SC-70; No of Pins: 5 SCANSTA101 Low Voltage IEEE 1149.1 STA Master; Package: FBGA; No of Pins: 49 SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6; Package: TQFP; No of Pins: 48 WIRE, PTFE, A, YELLOW, 7/0.12MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Yellow; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes WIRE, PTFE, A, BROWN, 7/0.12MM, 25M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN; Package: LQFP; No of Pins: 64 8-Input Multiplexer with 3-STATE Output; Package: SOIC; No of Pins: 16; Container: Rail CABLE, COAX, RG174, BLACK, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:148dB; Attenuation, 400MHz:80dB; Capacitance:100pF/m; Conductor make-up:7/0.160 mm; Diameter, External:2.8mm; Impedance:50R; Length, Reel RoHS Compliant: Yes SYSTEM 4 ADJUSTABLE HANDLE SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with -TRISTATE Outputs; Package: FBGA; No of Pins: 64 Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Rail DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 8-Bit D-Type Flip-Flop; Package: DIP; No of Pins: 24; Container: Rail Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 8-Bit D-Type Flip-Flop; Package: TSSOP; No of Pins: 24; Container: Tape & Reel 8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Tape & Reel Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 10-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 8-Bit Identity Comparator; Package: DIP; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: TSSOP; No of Pins: 20; Container: Tape & Reel DS99R103/DS99R104 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer CLC014 Adaptive Cable Equalizer for High Speed Data Recovery MM145453 Liquid Crystal Display Driver; Package: PLCC; No of Pins: 44 LMH0346 3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs MM5452/MM5453 Liquid Crystal Display Drivers; Package: PLCC; No of Pins: 44 SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 Dual D-Type Positive Edge-Triggered Flip-Flop LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SC-70; No of Pins: 5 MAX660 Switched Capacitor Voltage Converter; Package: SOIC NARROW; No of Pins: 8 DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch DS90LV047A 3V LVDS Quad CMOS Differential Line Driver PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: MDIP; No of Pins: 40 Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Rail TP3406 DASL Digital Adapter for Subscriber Loops; Package: PLCC; No of Pins: 28 LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: LAMINATE CSP; No of Pins: 28 TP3465 MICROWIRE(TM) Interface Device (MID); Package: PLCC; No of Pins: 28 TP3155 Time Slot Assignment Circuit; Package: PLCC; No of Pins: 20 TP11368 Octal Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: MDIP; No of Pins: 8 TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 STA400EP Enhanced Plastic Dual 2:1 Analog Mux with IEEE 1149.4; Package: TSSOP; No of Pins: 20 SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 NS16C2552/NS16C2752 Dual UART with 16-byte/64-byte FIFO's and up to 5 Mbit/s Data Rate; Package: PLCC; No of Pins: 44 SCAN15MB200 Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 48 PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44 PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44 Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Tape & Reel Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: DIP; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Tape & Reel Synchronous Presettable Binary Counter; Package: TSSOP; No of Pins: 16; Container: Tape & Reel Distribution Riser Series, UL OFNR/CSA FT4, Multimode FX300, 62.5 m, 6 fibers Hex D Flip-Flop with Master Reset; Package: DIP; No of Pins: 16; Container: Rail Hex D Flip-Flop with Master Reset; Package: TSSOP; No of Pins: 16; Container: Rail Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel Quad 2-Input AND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Quad 2-Input NAND Gate; Package: DIP; No of Pins: 14; Container: Rail Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel CAP, NSPE470M16V8X10.8TR13 47UF 16V 20% LOW ESR, HIGH RIPPLE CURRENT, ELECTROLYT CAP,AL,ELECT,RAD,20%,10UF,16V,0.1LS CABLE, COAX, RG178PE, BLACK, 50M; Length, Reel (Imperial):164ft; Attenuation, 1 GHz:151dB; Attenuation, 10 MHz:19dB; Attenuation, 200 MHz:63dB; Attenuation, 400MHz:92dB; Capacitance:100pF/m; Colour, secondary insulation:Black; RoHS Compliant: Yes 1-of-8 Decoder/Demultiplexer; Package: SOP; No of Pins: 16; Container: Tape & Reel Dual JK Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 16; Container: Rail Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Rail 8-Input Multiplexer; Package: SOP; No of Pins: 16; Container: Rail 1-of-8 Decoder/Demultiplexer; Package: DIP; No of Pins: 16; Container: Rail TP3094 COMBO Quad PCM Codec/Filter; Package: PLCC; No of Pins: 44 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: SOIC WIDE; No of Pins: 20 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: MDIP; No of Pins: 20 TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO® Family; Package: MDIP; No of Pins: 16 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: PLCC; No of Pins: 20 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: PLCC; No of Pins: 20 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: MDIP; No of Pins: 16 SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: TQFP; No of Pins: 100 SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: FBGA; No of Pins: 100 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: TSSOP; No of Pins: 14 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: MINI SOIC; No of Pins: 8 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOIC NARROW; No of Pins: 14 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SC-70; No of Pins: 5 LPC662 Low Power CMOS Dual Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 6-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 10-DIP MODULE -40 to 85 Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel

G5131-50T23UF_1243899.PDF Datasheet

 
Part No. G5131-50T23UF G5130 G5130-25T11U G5130-25-T11U G5130-25T11UF G5130-25-T11UF G5130-25T12U G5130-25-T12U G5130-25T12UF G5130-25-T12UF G5130-25T13U G5130-25-T13U G5130-25T13UF G5130-25-T13UF G5130-25T14U G5130-25-T14U G5130-25T14UF G5130-25-T14UF G5130-25T15U G5130-25-T15U G5130-25T15UF G5130-25-T15UF G5130-25T21U G5130-25-T21U G5130-25T21UF G5130-25-T21UF G5130-25T22U G5130-25-T22U G5130-25T22UF G5130-25T23U G5130-25-T23U
Description Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
RECTIFIER BRIDGE 15A 400V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY
RECTIFIER BRIDGE 15A 200V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY
Octal D Flip-Flop with 3-STATE Outputs; Package: SSOP; No of Pins: 20; Container: Tape & Reel
Octal D Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 20; Container: Rail
16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: SSOP; No of Pins: 48; Container: Tape & Reel
SCANSTA111 Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port; Package: TSSOP; No of Pins: 48 掩模升压DC / DC转换
LPC660 Low Power CMOS Quad Operational Amplifier; Package: SOIC NARROW; No of Pins: 14 掩模升压DC / DC转换
10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 24; Container: Rail 掩模升压DC / DC转换
MM5483 Liquid Crystal Display Driver; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换
10-A, 4.5V to 14V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj Power Module with TurboTrans 11-DIP MODULE -40 to 85 掩模升压DC / DC转换
50A, 4.5V to 14V Input, Non-Isolated, Wide Output, Adjustable Power Module with TurboTrans 22-DIP MODULE -40 to 85 掩模升压DC / DC转换
DIODE ZENER SINGLE 200mW 2.4Vz 5mA-Izt 0.0833 50uA-Ir 1 SOT-323 3K/REEL 掩模升压DC / DC转换
Octal D Flip-Flop with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换
Synchronous Presettable Binary Counter 掩模升压DC / DC转换
8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换
Quad 2-Input OR Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
DIODE ZENER SINGLE 200mW 27Vz 2mA-Izt 0.0704 0.1uA-Ir 18.9 SOT-323 3K/REEL 掩模升压DC / DC转换
Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换
Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
MM5452/MM5453 Liquid Crystal Display Drivers; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换
MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: SOIC WIDE; No of Pins: 20 掩模升压DC / DC转换
MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换
LPC662 Low Power CMOS Dual Operational Amplifier 掩模升压DC / DC转换
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换
DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换
CLC016 Data Retiming PLL with Automatic Rate Selection 掩模升压DC / DC转换
CAPACITOR, 47UF, 10V, /-20%, LOWESR, S.M. 掩模升压DC / DC转换
DCC37ST 掩模升压DC / DC转换
SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement; Package: TQFP EXP PAD; No of Pins: 100 掩模升压DC / DC转换
SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换
TP11362A Quad Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 掩模升压DC / DC转换
SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor; Package: LLP; No of Pins: 16 掩模升压DC / DC转换
QUAD OP AMP; Package: CERDIP; No of Pins: 14 掩模升压DC / DC转换
Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 掩模升压DC / DC转换
Quad 2-Input AND Gate 输入与门
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换
Octal Buffer/Line Driver with 3-STATE Outputs 掩模升压DC / DC转换
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs; Package: LLP; No of Pins: 10 掩模升压DC / DC转换
Octal D-Type Flip-Flop; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 掩模升压DC / DC转换
SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换
LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换
TP3406 DASL Digital Adapter for Subscriber Loops; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换
TP3404 Quad Digital Adapter for Subscriber Loops (QDASL); Package: PLCC; No of Pins: 28 掩模升压DC / DC转换
Quad 2-Input AND Gate 2输入与门
Quad 2-Input OR Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box 掩模升压DC / DC转换
LP5952 350mA Dual Rail Linear Regulator; Package: MICRO SMD; No of Pins: 5 掩模升压DC / DC转换
DS90C241/DS90C124 5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray 掩模升压DC / DC转换
SMD,CAP,TANT,100UF,10V,7 343,ESR:0.1 掩模升压DC / DC转换
Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换
Quad D-Type Flip-Flop 掩模升压DC / DC转换
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 掩模升压DC / DC转换
VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-3; No of Pins: 2 掩模升压DC / DC转换
Quad 2-Input AND Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换
Quad 2-Input OR Gate 2输入或门
LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换
LMH0340, LMH0040, LMH0070, LMH0050 3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface 掩模升压DC / DC转换
VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-39; No of Pins: 3 掩模升压DC / DC转换
TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver; Package: CERDIP; No of Pins: 28 掩模升压DC / DC转换
MCP809/MCP810 3-Pin Microprocessor Reset Circuits; Package: SOT-23; No of Pins: 3 掩模升压DC / DC转换
SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换
PSM Step-up DC/DC Converter 掩模升压DC / DC转换
LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换
LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换
RECTIFIER BRIDGE 8A 200V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换
RECTIFIER BRIDGE 8A 100V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换
RECTIFIER BRIDGE 8A 600V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换
TP3420A ISDN S/T Interface Device; Package: PLCC; No of Pins: 20 掩模升压DC / DC转换
LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support 掩模升压DC / DC转换
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: SOIC WIDE; No of Pins: 28 掩模升压DC / DC转换
CONN N PLUG CRIMP RG-8,213
CONN N PLUG STR CRIMP RG-142
CONN N STR CRIMP RG-8,213 COAX
SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 28
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier; Package: SC-70; No of Pins: 5
SCANSTA101 Low Voltage IEEE 1149.1 STA Master; Package: FBGA; No of Pins: 49
SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6; Package: TQFP; No of Pins: 48
WIRE, PTFE, A, YELLOW, 7/0.12MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Yellow; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
WIRE, PTFE, A, BROWN, 7/0.12MM, 25M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN; Package: LQFP; No of Pins: 64
8-Input Multiplexer with 3-STATE Output; Package: SOIC; No of Pins: 16; Container: Rail
CABLE, COAX, RG174, BLACK, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:148dB; Attenuation, 400MHz:80dB; Capacitance:100pF/m; Conductor make-up:7/0.160 mm; Diameter, External:2.8mm; Impedance:50R; Length, Reel RoHS Compliant: Yes
SYSTEM 4 ADJUSTABLE HANDLE
SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with -TRISTATE Outputs; Package: FBGA; No of Pins: 64
Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel
Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel
8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Rail
DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
8-Bit D-Type Flip-Flop; Package: DIP; No of Pins: 24; Container: Rail
Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail
8-Bit D-Type Flip-Flop; Package: TSSOP; No of Pins: 24; Container: Tape & Reel
8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Tape & Reel
Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel
10-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85
8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel
Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail
8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
8-Bit Identity Comparator; Package: DIP; No of Pins: 20; Container: Rail
8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Rail
8-Bit Identity Comparator; Package: TSSOP; No of Pins: 20; Container: Tape & Reel
DS99R103/DS99R104 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
CLC014 Adaptive Cable Equalizer for High Speed Data Recovery
MM145453 Liquid Crystal Display Driver; Package: PLCC; No of Pins: 44
LMH0346 3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
MM5452/MM5453 Liquid Crystal Display Drivers; Package: PLCC; No of Pins: 44
SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49
Dual D-Type Positive Edge-Triggered Flip-Flop
LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SC-70; No of Pins: 5
MAX660 Switched Capacitor Voltage Converter; Package: SOIC NARROW; No of Pins: 8
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: MDIP; No of Pins: 40
Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Rail
TP3406 DASL Digital Adapter for Subscriber Loops; Package: PLCC; No of Pins: 28
LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray
LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: LAMINATE CSP; No of Pins: 28
TP3465 MICROWIRE(TM) Interface Device (MID); Package: PLCC; No of Pins: 28
TP3155 Time Slot Assignment Circuit; Package: PLCC; No of Pins: 20
TP11368 Octal Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: MDIP; No of Pins: 8
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: SOIC NARROW; No of Pins: 8
STA400EP Enhanced Plastic Dual 2:1 Analog Mux with IEEE 1149.4; Package: TSSOP; No of Pins: 20
SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196
NS16C2552/NS16C2752 Dual UART with 16-byte/64-byte FIFO's and up to 5 Mbit/s Data Rate; Package: PLCC; No of Pins: 44
SCAN15MB200 Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 48
PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44
PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44
Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Rail
Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Tape & Reel
Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Rail
Synchronous Presettable Binary Counter; Package: DIP; No of Pins: 16; Container: Rail
Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Tape & Reel
Synchronous Presettable Binary Counter; Package: TSSOP; No of Pins: 16; Container: Tape & Reel
Distribution Riser Series, UL OFNR/CSA FT4, Multimode FX300, 62.5 m, 6 fibers
Hex D Flip-Flop with Master Reset; Package: DIP; No of Pins: 16; Container: Rail
Hex D Flip-Flop with Master Reset; Package: TSSOP; No of Pins: 16; Container: Rail
Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel
Quad 2-Input AND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel
Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel
Quad 2-Input NAND Gate; Package: DIP; No of Pins: 14; Container: Rail
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel
CAP, NSPE470M16V8X10.8TR13 47UF 16V 20% LOW ESR, HIGH RIPPLE CURRENT, ELECTROLYT
CAP,AL,ELECT,RAD,20%,10UF,16V,0.1LS
CABLE, COAX, RG178PE, BLACK, 50M; Length, Reel (Imperial):164ft; Attenuation, 1 GHz:151dB; Attenuation, 10 MHz:19dB; Attenuation, 200 MHz:63dB; Attenuation, 400MHz:92dB; Capacitance:100pF/m; Colour, secondary insulation:Black; RoHS Compliant: Yes
1-of-8 Decoder/Demultiplexer; Package: SOP; No of Pins: 16; Container: Tape & Reel
Dual JK Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 16; Container: Rail
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Rail
8-Input Multiplexer; Package: SOP; No of Pins: 16; Container: Rail
1-of-8 Decoder/Demultiplexer; Package: DIP; No of Pins: 16; Container: Rail
TP3094 COMBO Quad PCM Codec/Filter; Package: PLCC; No of Pins: 44
TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: SOIC WIDE; No of Pins: 20
TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: MDIP; No of Pins: 20
TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO® Family; Package: MDIP; No of Pins: 16
TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: PLCC; No of Pins: 20
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: PLCC; No of Pins: 20
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16
TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: MDIP; No of Pins: 16
SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: TQFP; No of Pins: 100
SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: FBGA; No of Pins: 100
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: TSSOP; No of Pins: 14
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: MINI SOIC; No of Pins: 8
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOIC NARROW; No of Pins: 14
LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SC-70; No of Pins: 5
LPC662 Low Power CMOS Dual Operational Amplifier; Package: SOIC NARROW; No of Pins: 8
6-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 10-DIP MODULE -40 to 85
Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel

File Size 320.03K  /  10 Page  

Maker


Vishay Intertechnology, Inc.
TE Connectivity, Ltd.
Maxim Integrated Products, Inc.
Global Mixed-mode Technology, Inc.
Global Mixed-mode Technology Inc.
GMT[Global Mixed-mode Technology Inc]
Global Mixed-mode Technolog...
Global Mixed-mode Techn...



Homepage http://www.gmt.com.tw/
Download [ ]
[ G5131-50T23UF G5130 G5130-25T11U G5130-25-T11U G5130-25T11UF G5130-25-T11UF G5130-25T12U G5130-25-T1 Datasheet PDF Downlaod from Datasheet.HK ]
[G5131-50T23UF G5130 G5130-25T11U G5130-25-T11U G5130-25T11UF G5130-25-T11UF G5130-25T12U G5130-25-T1 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for G5131-50T23UF ]

[ Price & Availability of G5131-50T23UF by FindChips.com ]

 Full text search : Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel RECTIFIER BRIDGE 15A 400V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY RECTIFIER BRIDGE 15A 200V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY Octal D Flip-Flop with 3-STATE Outputs; Package: SSOP; No of Pins: 20; Container: Tape & Reel Octal D Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 20; Container: Rail 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: SSOP; No of Pins: 48; Container: Tape & Reel SCANSTA111 Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port; Package: TSSOP; No of Pins: 48 掩模升压DC / DC转换 LPC660 Low Power CMOS Quad Operational Amplifier; Package: SOIC NARROW; No of Pins: 14 掩模升压DC / DC转换 10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 24; Container: Rail 掩模升压DC / DC转换 MM5483 Liquid Crystal Display Driver; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换 10-A, 4.5V to 14V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj Power Module with TurboTrans 11-DIP MODULE -40 to 85 掩模升压DC / DC转换 50A, 4.5V to 14V Input, Non-Isolated, Wide Output, Adjustable Power Module with TurboTrans 22-DIP MODULE -40 to 85 掩模升压DC / DC转换 DIODE ZENER SINGLE 200mW 2.4Vz 5mA-Izt 0.0833 50uA-Ir 1 SOT-323 3K/REEL 掩模升压DC / DC转换 Octal D Flip-Flop with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换 Synchronous Presettable Binary Counter 掩模升压DC / DC转换 8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input OR Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 DIODE ZENER SINGLE 200mW 27Vz 2mA-Izt 0.0704 0.1uA-Ir 18.9 SOT-323 3K/REEL 掩模升压DC / DC转换 Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 MM5452/MM5453 Liquid Crystal Display Drivers; Package: MDIP; No of Pins: 40 掩模升压DC / DC转换 MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: SOIC WIDE; No of Pins: 20 掩模升压DC / DC转换 MF10 Universal Monolithic Dual Switched Capacitor Filter; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换 LPC662 Low Power CMOS Dual Operational Amplifier 掩模升压DC / DC转换 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换 CLC016 Data Retiming PLL with Automatic Rate Selection 掩模升压DC / DC转换 CAPACITOR, 47UF, 10V, /-20%, LOWESR, S.M. 掩模升压DC / DC转换 DCC37ST 掩模升压DC / DC转换 SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement; Package: TQFP EXP PAD; No of Pins: 100 掩模升压DC / DC转换 SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: LBGA; No of Pins: 196 掩模升压DC / DC转换 TP11362A Quad Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 掩模升压DC / DC转换 SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor; Package: LLP; No of Pins: 16 掩模升压DC / DC转换 QUAD OP AMP; Package: CERDIP; No of Pins: 14 掩模升压DC / DC转换 Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 掩模升压DC / DC转换 Quad 2-Input AND Gate 输入与门 LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 Octal Buffer/Line Driver with 3-STATE Outputs 掩模升压DC / DC转换 LP5996 Dual Linear Regulator with 300mA and 150mA Outputs; Package: LLP; No of Pins: 10 掩模升压DC / DC转换 Octal D-Type Flip-Flop; Package: SOP; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 掩模升压DC / DC转换 SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换 LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SOT-23; No of Pins: 5 掩模升压DC / DC转换 TP3406 DASL Digital Adapter for Subscriber Loops; Package: MDIP; No of Pins: 20 掩模升压DC / DC转换 TP3404 Quad Digital Adapter for Subscriber Loops (QDASL); Package: PLCC; No of Pins: 28 掩模升压DC / DC转换 Quad 2-Input AND Gate 2输入与门 Quad 2-Input OR Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box 掩模升压DC / DC转换 LP5952 350mA Dual Rail Linear Regulator; Package: MICRO SMD; No of Pins: 5 掩模升压DC / DC转换 DS90C241/DS90C124 5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 掩模升压DC / DC转换 LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray 掩模升压DC / DC转换 SMD,CAP,TANT,100UF,10V,7 343,ESR:0.1 掩模升压DC / DC转换 Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 掩模升压DC / DC转换 Quad D-Type Flip-Flop 掩模升压DC / DC转换 Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 掩模升压DC / DC转换 VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-3; No of Pins: 2 掩模升压DC / DC转换 Quad 2-Input AND Gate; Package: DIP; No of Pins: 14; Container: Rail 掩模升压DC / DC转换 Quad 2-Input OR Gate 2输入或门 LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换 LMH0340, LMH0040, LMH0070, LMH0050 3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface 掩模升压DC / DC转换 VOLTAGE REGULATOR, 5 VOLTS AT 0.5A; Package: TO-39; No of Pins: 3 掩模升压DC / DC转换 TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver; Package: CERDIP; No of Pins: 28 掩模升压DC / DC转换 MCP809/MCP810 3-Pin Microprocessor Reset Circuits; Package: SOT-23; No of Pins: 3 掩模升压DC / DC转换 SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 掩模升压DC / DC转换 PSM Step-up DC/DC Converter 掩模升压DC / DC转换 LP8345 Low Dropout, Low IQ, 500mA CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换 LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: LLP; No of Pins: 6 掩模升压DC / DC转换 LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator; Package: TO-252; No of Pins: 3 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 200V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 100V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 RECTIFIER BRIDGE 8A 600V 170A-ifsm 1V-vf 5uA-ir GBJ 15/TUBE 掩模升压DC / DC转换 TP3420A ISDN S/T Interface Device; Package: PLCC; No of Pins: 20 掩模升压DC / DC转换 LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support 掩模升压DC / DC转换 USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: SOIC WIDE; No of Pins: 28 掩模升压DC / DC转换 CONN N PLUG CRIMP RG-8,213 CONN N PLUG STR CRIMP RG-142 CONN N STR CRIMP RG-8,213 COAX SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 28 LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier; Package: SC-70; No of Pins: 5 SCANSTA101 Low Voltage IEEE 1149.1 STA Master; Package: FBGA; No of Pins: 49 SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6; Package: TQFP; No of Pins: 48 WIRE, PTFE, A, YELLOW, 7/0.12MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Yellow; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes WIRE, PTFE, A, BROWN, 7/0.12MM, 25M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN; Package: LQFP; No of Pins: 64 8-Input Multiplexer with 3-STATE Output; Package: SOIC; No of Pins: 16; Container: Rail CABLE, COAX, RG174, BLACK, 500M; Length, Reel (Imperial):1640.4ft; Attenuation, 1 GHz:148dB; Attenuation, 400MHz:80dB; Capacitance:100pF/m; Conductor make-up:7/0.160 mm; Diameter, External:2.8mm; Impedance:50R; Length, Reel RoHS Compliant: Yes SYSTEM 4 ADJUSTABLE HANDLE SCAN16602 Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with -TRISTATE Outputs; Package: FBGA; No of Pins: 64 Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 10-Bit D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Tape & Reel 8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Rail DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer 8-Bit D-Type Flip-Flop; Package: DIP; No of Pins: 24; Container: Rail Octal D-Type Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Rail 8-Bit D-Type Flip-Flop; Package: TSSOP; No of Pins: 24; Container: Tape & Reel 8-Bit Identity Comparator; Package: SOP; No of Pins: 20; Container: Tape & Reel Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel 10-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 8-Bit D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 24; Container: Tape & Reel Octal Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel 8-Bit Identity Comparator; Package: DIP; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: SOIC-Wide; No of Pins: 20; Container: Rail 8-Bit Identity Comparator; Package: TSSOP; No of Pins: 20; Container: Tape & Reel DS99R103/DS99R104 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer CLC014 Adaptive Cable Equalizer for High Speed Data Recovery MM145453 Liquid Crystal Display Driver; Package: PLCC; No of Pins: 44 LMH0346 3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs MM5452/MM5453 Liquid Crystal Display Drivers; Package: PLCC; No of Pins: 44 SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST; Package: FBGA; No of Pins: 49 Dual D-Type Positive Edge-Triggered Flip-Flop LPV7215 Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator; Package: SC-70; No of Pins: 5 MAX660 Switched Capacitor Voltage Converter; Package: SOIC NARROW; No of Pins: 8 DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch DS90LV047A 3V LVDS Quad CMOS Differential Line Driver PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: MDIP; No of Pins: 40 Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Rail TP3406 DASL Digital Adapter for Subscriber Loops; Package: PLCC; No of Pins: 28 LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 20; Container: Tray LM136-5.0/LM236-5.0/LM336-5.0 5.0V Reference Diode; Package: TO-46; No of Pins: 3; Qty per Container: 1000; Container: Box USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support; Package: LAMINATE CSP; No of Pins: 28 TP3465 MICROWIRE(TM) Interface Device (MID); Package: PLCC; No of Pins: 28 TP3155 Time Slot Assignment Circuit; Package: PLCC; No of Pins: 20 TP11368 Octal Adaptive Differential PCM Processor; Package: PLCC; No of Pins: 28 TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: MDIP; No of Pins: 8 TL082 Wide Bandwidth Dual JFET Input Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 STA400EP Enhanced Plastic Dual 2:1 Analog Mux with IEEE 1149.4; Package: TSSOP; No of Pins: 20 SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST; Package: LBGA; No of Pins: 196 NS16C2552/NS16C2752 Dual UART with 16-byte/64-byte FIFO's and up to 5 Mbit/s Data Rate; Package: PLCC; No of Pins: 44 SCAN15MB200 Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6; Package: LLP; No of Pins: 48 PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44 PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs[dagger]; Package: PLCC; No of Pins: 44 Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Tape & Reel Synchronous Presettable Binary Counter; Package: SOIC; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: DIP; No of Pins: 16; Container: Rail Synchronous Presettable Binary Counter; Package: SOP; No of Pins: 16; Container: Tape & Reel Synchronous Presettable Binary Counter; Package: TSSOP; No of Pins: 16; Container: Tape & Reel Distribution Riser Series, UL OFNR/CSA FT4, Multimode FX300, 62.5 m, 6 fibers Hex D Flip-Flop with Master Reset; Package: DIP; No of Pins: 16; Container: Rail Hex D Flip-Flop with Master Reset; Package: TSSOP; No of Pins: 16; Container: Rail Quad 2-Input AND Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel Quad 2-Input AND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Quad 2-Input NAND Gate; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Quad 2-Input NAND Gate; Package: DIP; No of Pins: 14; Container: Rail Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel CAP, NSPE470M16V8X10.8TR13 47UF 16V 20% LOW ESR, HIGH RIPPLE CURRENT, ELECTROLYT CAP,AL,ELECT,RAD,20%,10UF,16V,0.1LS CABLE, COAX, RG178PE, BLACK, 50M; Length, Reel (Imperial):164ft; Attenuation, 1 GHz:151dB; Attenuation, 10 MHz:19dB; Attenuation, 200 MHz:63dB; Attenuation, 400MHz:92dB; Capacitance:100pF/m; Colour, secondary insulation:Black; RoHS Compliant: Yes 1-of-8 Decoder/Demultiplexer; Package: SOP; No of Pins: 16; Container: Tape & Reel Dual JK Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 16; Container: Rail Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Rail 8-Input Multiplexer; Package: SOP; No of Pins: 16; Container: Rail 1-of-8 Decoder/Demultiplexer; Package: DIP; No of Pins: 16; Container: Rail TP3094 COMBO Quad PCM Codec/Filter; Package: PLCC; No of Pins: 44 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: SOIC WIDE; No of Pins: 20 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: MDIP; No of Pins: 20 TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO® Family; Package: MDIP; No of Pins: 16 TP3064, TP3067 Enhanced"" Serial Interface CMOS CODEC/Filter COMBO(RM)""; Package: PLCC; No of Pins: 20 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: PLCC; No of Pins: 20 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: SOIC WIDE; No of Pins: 16 TP3054, TP3057 Enhanced"" Serial Interface CODEC/Filter COMBO(RM) Family""; Package: MDIP; No of Pins: 16 SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: TQFP; No of Pins: 100 SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer; Package: FBGA; No of Pins: 100 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: TSSOP; No of Pins: 14 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: MINI SOIC; No of Pins: 8 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SOIC NARROW; No of Pins: 14 LPV321 Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers; Package: SC-70; No of Pins: 5 LPC662 Low Power CMOS Dual Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 6-A, 4.5V to 14V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 10-DIP MODULE -40 to 85 Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel


 Related Part Number
PART Description Maker
MC74AC377 MC74AC377N MC74ACT377N MC74AC377DT MC74A Octal D Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
ONSEMI[ON Semiconductor]
MC74HC273 MC74HC273ADT MC74HC273ADW MC74HC273AN MC Octal D Flip-Flop with Common Clock and Reset HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
Motorola Mobility Holdings, Inc.
Motorola Inc
MOTOROLA[Motorola Inc]
Motorola, Inc
MC74AC377DWR2G Octal D Flip−Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
ON Semiconductor
100353 100353QI 100353PC 100353QC 100353QIX 100353 From old datasheet system
Low Power 8-Bit Register
Octal D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PQCC28
FAIRCHILD[Fairchild Semiconductor]
Fairchild Semiconductor, Corp.
74ABT377 74ABT377CMSA 74ABT377CMTC 74ABT377CSC 74A From old datasheet system
Octal D-Type Flip-Flop with Clock Enable
Audio Click-Pop Suppressor ABT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
FAIRCHILD[Fairchild Semiconductor]
Fairchild Semiconductor, Corp.
74ACTQ821_00 74ACTQ821 74ACTQ821SC 74ACTQ821SPC 74 Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
From old datasheet system
FAIRCHILD[Fairchild Semiconductor]
74ACTQ74 74ACTQ74SC 74ACTQ74SJ 74ACTQ74PC Quiet Series Dual D-Type Positive Edge-Triggered Flip-Flop
From old datasheet system
FAIRCHILD[Fairchild Semiconductor]
74ACT374MSAX 74AC374SC 74AC374MTC Octal D Flip-Flop with 3-STATE Outputs; Package: SSOP; No of Pins: 20; Container: Tape & Reel ACT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
   Octal D-Type Flip-Flop with 3-STATE Outputs
Fairchild Semiconductor, Corp.
HCS109HMSR HCS109KMSR FN2466 HCS109MS HCS109D HCS1 Radiation Hardened Dual JK Flip Flop HC/UH SERIES, DUAL POSITIVE EDGE TRIGGERED J-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16
Radiation Hardened Dual JK Flip Flop(抗辐射双J-K触发 辐射加固JK触发器拖鞋(抗辐射双JK触发器)
From old datasheet system
Flip Flop, JK, Dual, Rad-Hard, High-Speed, CMOS, Logic
Intersil, Corp.
INTERSIL[Intersil Corporation]
MM74HC574WM MM74HC574SJX 3-STATE Octal D-Type Edge-Triggered Flip-Flop
IC,FLIP-FLOP,OCTAL,D TYPE,HC-CMOS,SOP,20PIN,PLASTIC
Fairchild Semiconductor Corp
MC74HCT374A-D MC74HCT374ADTR2 MC74HCT374ADWR2 MC74 Octal 3-State NonInverting D Flip-Flop with LSTTL-Compatible Inputs
Octal 3-State Non-Inverting Flip-Flop
ON Semiconductor
100351QC 100351 100351SC 100351PC 100351QI 100351Q From old datasheet system
Low Power Hex D-Type Flip-Flop
Hex D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO24
FAIRCHILD[Fairchild Semiconductor]
Fairchild Semiconductor, Corp.
 
 Related keyword From Full Text Search System
G5131-50T23UF m85049 G5131-50T23UF Level G5131-50T23UF 技术资料下载 G5131-50T23UF rectifier G5131-50T23UF read
G5131-50T23UF vdd G5131-50T23UF Ic-on-line G5131-50T23UF reference G5131-50T23UF sonardyne G5131-50T23UF 接腳圖
 

 

Price & Availability of G5131-50T23UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.81630611419678