Part Number Hot Search : 
2082D DTC32F1 30PRA40 20M00 SPR52 ISL6269B ILX751A 20M00
Product Description
Full Text Search
  adjustable Datasheet PDF File

For adjustable Found Datasheets File :: 26467    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AMS3107-50 AMS3107N-20 AMS3107N-25 AMS3107N-30 AMS3107N-33 AMS3107N-35 AMS3107N-40 AMS3107N-50 AMS3107C-20 AMS3107C-25 A

Advanced Monolithic Systems
http://
Advanced Monolithic Sys...
Part No. AMS3107-50 AMS3107N-20 AMS3107N-25 AMS3107N-30 AMS3107N-33 AMS3107N-35 AMS3107N-40 AMS3107N-50 AMS3107C-20 AMS3107C-25 AMS3107C-30 AMS3107C-33 AMS3107C-35 AMS3107C-40 AMS3107CL-20 AMS31071 AMS3107CN-20 AMS3107CN-25 AMS3107CN-30 AMS3107CN-33 AMS3107CN-35 AMS3107CN-40 AMS3107CN-50 AMS3107CN-X AMS3107CD-50
OCR Text adjustable Versions Available * Output Current up to 500mA * Very Low Quiescent Current * Reverse Battery Protection * Input-output Differential less than 0.6V * Short Circuit Protection * Internal Thermal Overload Protection * Load Dump Pr...
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

File Size 74.26K  /  9 Page

View it Online

Download Datasheet





    LTC2934 LTC2934ITS8-1-TRMPBF LTC2934ITS8-1-TRPBF LTC2934ITS8-2-TRMPBF LTC2934ITS8-2-TRPBF LTC2934CTS8-1-TRMPBF LTC2934CT

LINEAR TECHNOLOGY CORP
Linear Technology, Corp.
Part No. LTC2934 LTC2934ITS8-1-TRMPBF LTC2934ITS8-1-TRPBF LTC2934ITS8-2-TRMPBF LTC2934ITS8-2-TRPBF LTC2934CTS8-1-TRMPBF LTC2934CTS8-1-TRPBF LTC2934CTS8-2-TRMPBF LTC2934CTS8-2-TRPBF LTC2934CDC-1-TRMPBF LTC2934CDC-1-TRPBF LTC2934CDC-2-TRMPBF LTC2934CDC-2-TRPBF LTC2934IDC-1-TRMPBF LTC2934IDC-1-TRPBF LTC2934IDC-2-TRMPBF LTC2934IDC-2-TRPBF LTC2934ITS8-2TRMPBF LTC2934CDC-1TRMPBF
OCR Text adjustable Supervisor with Power-Fail Output DESCRIPTION The LTC(R)2934 ultra-low power voltage monitor provides system initialization, power-fail warning and reset generation functions. Low quiescent current (500nA typical) makes the LTC2...
Description Ultra-Low Power adjustable Supervisor with Power-Fail Output; Package: DFN; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
Ultra-Low Power adjustable Supervisor with Power-Fail Output; Package: SOT; No of Pins: 8; Temperature Range: -40&deg;C to 85&deg;C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8

File Size 174.12K  /  12 Page

View it Online

Download Datasheet

    LTC2932 LTC2932CF-TRPBF LTC2932F-PBF LTC2932HF-TRPBF LTC2932IF-TRPBF

Linear Technology
Part No. LTC2932 LTC2932CF-TRPBF LTC2932F-PBF LTC2932HF-TRPBF LTC2932IF-TRPBF
OCR Text adjustable Reset Timer and Supply Tolerance DESCRIPTION The LTC(R)2932 is a configurable supply monitor for systems with up to six supply voltages. One of 16 preset or adjustable voltage monitor combinations can be selected using an extern...
Description Confi gurable Six Supply Monitor with adjustable Reset Timer and Supply Tolerance

File Size 237.79K  /  16 Page

View it Online

Download Datasheet

    LTC2931 LTC2931CF-PBF LTC2931CF-TRPBF LTC2931HF-PBF LTC2931HF-TRPBF LTC2931IF-PBF LTC2931IF-TRPBF

Linear Technology
Part No. LTC2931 LTC2931CF-PBF LTC2931CF-TRPBF LTC2931HF-PBF LTC2931HF-TRPBF LTC2931IF-PBF LTC2931IF-TRPBF
OCR Text adjustable Reset and Watchdog Timers DESCRIPTION The LTC(R)2931 is a configurable supply monitor for systems with up to six supply voltages. One of 16 preset or adjustable voltage monitor combinations can be selected using an external resi...
Description Confi gurable Six Supply Monitor with adjustable Reset and Watchdog Timers

File Size 262.32K  /  16 Page

View it Online

Download Datasheet

    MP6401DJ-25BD3 MP6401DGT-18AD3 MP6401DJ-18AD3 MP6401DJ-25AD3 MP6401DJ-18BD3 MP6401DGT-33BD3 MP6401DGT-18BD3 MP6401DGT-25

Monolithic Power Systems
Monolithic Power System...
MPS Industries, Inc.
Part No. MP6401DJ-25BD3 MP6401DGT-18AD3 MP6401DJ-18AD3 MP6401DJ-25AD3 MP6401DJ-18BD3 MP6401DGT-33BD3 MP6401DGT-18BD3 MP6401DGT-25BD3 MP6401DGT-25AD3 MP6401DJ-33BD3 MP6401DQT-25AD3 MP6401DJ-18AD3-LF-Z
OCR Text ...ccuracy at 1.8v, 2.5v, 3.3v or adjustable value. it delivers up to 300ma of load current. by combining an ldo linear regulator with a reset circuit, these products can reduce cost and save space in compact portable devices such as cell...
Description 300mA LDO Linear Regulator with Integrated Reset Circuit

File Size 308.86K  /  16 Page

View it Online

Download Datasheet

    LTC2930 LTC2930CDD-PBF LTC2930CDD-TRPBF LTC2930HDD-PBF LTC2930HDD-TRPBF LTC2930IDD-PBF LTC2930IDD-TRPBF

Linear Technology
Part No. LTC2930 LTC2930CDD-PBF LTC2930CDD-TRPBF LTC2930HDD-PBF LTC2930HDD-TRPBF LTC2930IDD-PBF LTC2930IDD-TRPBF
OCR Text adjustable Reset Timer, Manual Reset DESCRIPTION The LTC(R)2930 is a configurable supply monitor for systems with up to six supply voltages. One of 16 preset or adjustable voltage monitor combinations can be selected using an external resi...
Description Confi gurable Six Supply Monitor with adjustable Reset Timer, Manual Reset

File Size 160.83K  /  12 Page

View it Online

Download Datasheet

    LT1764AMPQ LT1764AEFE-2.5TR LT1764AEFE-2.5TRPBF LT1764AEFE-2.5PBF LT1764AET-1.8PBF LT1764AET-2.5PBF LT1764AEFEPBF LT1764

Linear Technology, Corp.
LINEAR TECHNOLOGY CORP
Linear Dimensions Semiconductor
Part No. LT1764AMPQ LT1764AEFE-2.5TR LT1764AEFE-2.5TRPBF LT1764AEFE-2.5PBF LT1764AET-1.8PBF LT1764AET-2.5PBF LT1764AEFEPBF LT1764AET-1.5TR LT1764AET-2.5TR LT1764AEFE-1.8 LT1764AEFE-3.3 LT1764AEQ LT1764AEFE-1.5 LT1764AEQ-1.5 LT1764AEQ-3.3 LT1764AEQ-2.5
OCR Text ...oltages: 1.5V, 1.8V, 2.5V, 3.3V adjustable Output from 1.21V to 20V < 1A Quiescent Current in Shutdown Stable with 10F Output Capacitor* Stable with Ceramic Capacitors* Reverse Battery Protection No Reverse Current Thermal Limiting APPLI...
Description 3A, Fast Transient Response, Low Noise,LDO Regulators
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40&deg;C to 125&deg;C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40&deg;C to 125&deg;C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5
1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5
2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5
   3A, Fast Transient Response, Low Noise, LDO Regulators

File Size 611.48K  /  20 Page

View it Online

Download Datasheet

For adjustable Found Datasheets File :: 26467    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of adjustable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.179388999939