Part Number Hot Search : 
G574SAF MAX2320 PP1FC 49FHB XT0008 TED0512 NCP5501 C256F
Product Description
Full Text Search
  crystal Datasheet PDF File

For crystal Found Datasheets File :: 36340    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text .... the power-down mode stops the crystal oscillator for minimum power consumption. the external clock can be stopped at any time and in any state without affecting the processor. features ? fully static design ? supply voltage of 4.5v to 5...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet





    ITE TECH
Part No. IT9130 IT9137FN
OCR Text ...y on e power regulator and one crystal to further simplify the system design and reduce the system cost. the ultra-low power consumption feature of the it9130 makes it the perfect choice for all kinds of dvb-t ...
Description DVB-T Front-End Integrated Receiver

File Size 455.50K  /  22 Page

View it Online

Download Datasheet

   
Part No. TC94A58FAG
OCR Text ...9344-mhz, 75-khz or 32.768-khz crystal oscillator and external clock input), facilitating interface with the cd processor. the cd processor incorporates sync separation protection and interpolation, efm demodulator, error correction, di...
Description 4-BIT, MROM, 16.93 MHz, MICROCONTROLLER, PQFP64

File Size 494.79K  /  21 Page

View it Online

Download Datasheet

    Murata
Part No. XRCGB25M000F2P00R0 XRCGB25M000F0Z00R0 XRCGB40M000F0Z00R0 XRCGB24M000F2P00R0 XRCHA20M000F0Z01R0 XRCGB30M000F2P00R0 XRCHA16M000F0L01R0 XRCGB32M000F0Z00R0 XRCGB31M250F0Z00R0 XRCGB27M120F2P00R0 XRCGB30M000F0Z00R0 XRCGB27M000F2P00R0 XRCGB33M868F0Z00R0 XRCGB31M250F2P00R0
OCR Text crystal units key features small size: 2.5mm x 2.0mm for 16 to 20mhz 2.0mm x 1.6mm for 24 to 48mhz economical & robust design simple structure using muratas proven package technology particle screening process for enhanced...
Description crystal Units

File Size 364.18K  /  2 Page

View it Online

Download Datasheet

    NEL Frequency Controls, Inc.
Part No. SK-B2D00
OCR Text crystal CLOCK OSCILLATORS LVDS Data Sheet 0439D Rev. C SK-B2D00 Series Description The SK-B2D00 Series of quartz crystal oscillators provide LVDS compatible signals. This device is to operate using positive voltage and uses multi...
Description crystal CLOCK OSCILLATORS

File Size 251.19K  /  2 Page

View it Online

Download Datasheet

    ABRACON CORP
Part No. ACVTX1018SA-FREQ-D15-H5-OUT1 ACVTX1018A-FREQ-C10-H5-OUT23 ACVTX1018A-FREQ-D30-H5-OUT23 ACVTX1018A-FREQ-F25-H5-OUT23
OCR Text ... ttl / cmos and sine wave  crystal oscillators temperature-compensated xtal oscillators actx 1018 and acvtx 1018 series table 1 dimensions: inches (mm) note: pin 1 may be present with no connection function. 0 c to + 50 c c 05 c 10...
Description TCVCXO, SINE OUTPUT, 8 MHz - 45 MHz
TCVCXO, CLOCK, 1 MHz - 26 MHz, CMOS/TTL OUTPUT

File Size 176.13K  /  6 Page

View it Online

Download Datasheet

    BCM2035

ETC
Broadcom Corporation.
Part No. BCM2035
OCR Text ...quency synthesizer supports any crystal or TCXO source from 12 to 40 MHz * Automatic calibration and frequency detection of crystal frequency * Upgradeable to support Bluetooth 1.2 features including adaptive frequency hopping, fast connec...
Description BLUETOOTH SINGLE CHIP HCI SOLUTION

File Size 160.45K  /  2 Page

View it Online

Download Datasheet

For crystal Found Datasheets File :: 36340    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of crystal

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4052062034607