Part Number Hot Search : 
4ALS2 RD30HUF1 16541 PE9616 4815D KX750 RU31A CPD104R
Product Description
Full Text Search
  recovery Datasheet PDF File

For recovery Found Datasheets File :: 79531    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    V23990-P586-A20-PM V23990-P586-C20-PM V23990-P586-A20Y-PM V23990-P586-C20Y-PM V23990-P586-A208-PM V23990-P586-X2X-D2-14

Vincotech
Part No. V23990-P586-A20-PM V23990-P586-C20-PM V23990-P586-A20Y-PM V23990-P586-C20Y-PM V23990-P586-A208-PM V23990-P586-X2X-D2-14
OCR Text ...rge inverter diode peak reverse recovery current r everse transfer capacitance diode forward voltage gate charge c ies reverse recovery time reverse recovered energy peak rate of fall of recovery current collector-emitter cut-off current i...
Description Industrial drives Embedded drives
   Industrial drives Embedded drives

File Size 1,396.00K  /  23 Page

View it Online

Download Datasheet





    IXYS
Part No. VUB71
OCR Text recovery Diode for Braking System VRRM V 1200 1600 VUB 71-12 NO1 VUB 71-16 NO1 Type VRRM = 1200-1600 V IdAVM = 70 A 45 12 67 Symbol VRRM IdAV IdAVM IFSM I2t Test Conditions Maximum Ratings 1200 / 1600 59 70 530 475 1400 1130 90 1...
Description 3-Phase Rectifier Birdge

File Size 98.70K  /  2 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. 10JL2CZ47A
OCR Text ...ed Current l Ultra Fast Reverse-recovery Time : VRRM = 600V : IO = 10A : trr = 35ns (Max) Unit: mm l Low Switching Losses and Output Noise. MAXIMUM RATINGS (Ta = 25C) CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rect...
Description HIGH EFFICIENCY DIODE STACK (HED)

File Size 134.74K  /  3 Page

View it Online

Download Datasheet

    U05GH44 U05JH44

Toshiba Semiconductor
Part No. U05GH44 U05JH44
OCR Text ...ED RECTIFIER APPLICATIONS (FAST recovery) l Repetitive Peak Reverse Voltage l Average Forward Current l Reverse recovery Time : VRRM = 400, 600V : IF (AV) = 0.5A : trr = 1.5s Unit: mm l Surface Mounting Plastic Mold Package MAXIMUM R...
Description (U05JH44 / U05GH44) HIGH SPEED RECTIFIER APPLICATIONS

File Size 159.38K  /  3 Page

View it Online

Download Datasheet

    U05A30 U05A40 U05A50

Mospec Semiconductor
Part No. U05A30 U05A40 U05A50
OCR Text recovery Rectifier Diodes U05A30 thru U05A60 ULTRA FAST RECTIFIERS 5 AMPERES 300-600 VOLTS -- Designed for use in switching power supplies inverters and as free wheeling diodes. These state-of-the-art devices have the following featu...
Description (U05A30 - U05A60) Utra Fast recovery Rectifier Diodes

File Size 111.48K  /  2 Page

View it Online

Download Datasheet

    TK5Q60W

Toshiba Semiconductor
Part No. TK5Q60W
OCR Text ...s diode forward voltage reverse recovery time reverse recovery charge peak reverse recovery current diode dv/dt ruggedness symbol v dsf t rr q rr i rr dv/dt test condition i dr = 5.4 a, v gs = 0 v i dr = 2.7 a, v gs = 0 v -di dr /dt = 1...
Description Switching Voltage Regulators

File Size 242.12K  /  10 Page

View it Online

Download Datasheet

    AD8628 AD8628AR AD8628ART

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8628 AD8628AR AD8628ART
OCR Text ...Supply Current: 1.3 mA Overload recovery Time: 0.2 ms No External Components Required AD8628 the AD8628 family to reduce input biasing complexity and maximize SNR. The AD8628 family is specified for the extended industrial (-40 to +125C...
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Low Noise Operational Amplifier

File Size 36.19K  /  4 Page

View it Online

Download Datasheet

    HSMC CORP.
Part No. TO-220AB TO-220FP TO-263
OCR Text ...ain-to-source diode with a fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode spe...
Description N-Channel Power Field Effect Transistor

File Size 71.48K  /  6 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. TK20C60W
OCR Text ...s diode forward voltage reverse recovery time reverse recovery charge peak reverse recovery current diode dv/dt ruggedness symbol v dsf t rr q rr i rr dv/dt test condition i dr = 20 a, v gs = 0 v i dr = 10 a, v gs = 0 v -di dr /dt = 50 ...
Description Power MOSFET (N-ch 500V<VDSS≤700V)

File Size 241.25K  /  10 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. 10JL2CZ47
OCR Text ...ed Current l Ultra Fast Reverse-recovery Time : VRRM = 600V : IO = 10A : trr = 50ns (Max) Unit: mm l Low Switching Losses and Output Noise. MAXIMUM RATINGS (Ta = 25C) CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rect...
Description HIGH EFFICIENCY DIODE STACK (HED)

File Size 137.35K  /  3 Page

View it Online

Download Datasheet

For recovery Found Datasheets File :: 79531    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of recovery

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.40665793418884