Part Number Hot Search : 
SEMIC SN1203 16GCF 35V8X1 IDB30E60 10241 5L2106 NTE30069
Product Description
Full Text Search
  edge-triggered Datasheet PDF File

For edge-triggered Found Datasheets File :: 7861    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    74AC109 74AC109MTC 74AC109PC 74AC109SC 74AC109SJ 74ACT109 74ACT109PC 74ACT109SC 74AC109SCX 74ACT109SCX 74AC109SJX 74ACT1

FAIRCHILD[Fairchild Semiconductor]
Part No. 74AC109 74AC109MTC 74AC109PC 74AC109SC 74AC109SJ 74ACT109 74ACT109PC 74ACT109SC 74AC109SCX 74ACT109SCX 74AC109SJX 74ACT109MTC 74AC109MTCX 74ACT109MTCX 74AC109CW 74ACT109CW
OCR Text edge-triggered Flip-Flop November 1988 Revised August 2000 74AC109 * 74ACT109 Dual JK Positive edge-triggered Flip-Flop General Description The AC/ACT109 consists of two high-speed completely independent transition clocked JK flip-f...
Description    Dual JK Positive edge-triggered Flip-Flop
From old datasheet system

File Size 98.77K  /  9 Page

View it Online

Download Datasheet





    74HCT165 74HC165 74HC165PW 74HC165D 74HC165DB 74HC165N 74HCT165D 74HCT165DB 74HCT165N 74HCT165PW 74HCT165U 74HC165NB

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74HCT165 74HC165 74HC165PW 74HC165D 74HC165DB 74HC165N 74HCT165D 74HCT165DB 74HCT165N 74HCT165PW 74HCT165U 74HC165NB
OCR Text ... stage clock input (LOW-to-HIGH edge-triggered) ground (0 V) serial data input parallel data inputs clock enable input (active LOW) positive supply voltage 74HC/HCT165 Fig.1 Pin configuration. Fig.2 Logic symbol. Fig.3 IEC logic...
Description 74HC/HCT165; 8-bit parallel-in/serial-out shift register

File Size 72.98K  /  10 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...external event counter (falling edge triggered). Capture/Reload select. CP/RL2 = 1 causes captures to occur on negative transitions at T2EX if EXEN2 = 1. CP/RL2 = 0 causes automatic reloads to occur when Timer 2 overflows or negative transi...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...ry is required for the negative-edge sensitive CLK pin. This simple digital interface eliminates the need for microcontrollers in front pane...Triggered UP/DOWN Direction Increment Control Terminal A1 Ground Wiper Terminal Terminal B1 Chip Sel...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...LK Serial Clock Input, Negative Edge Triggered. CS Chip Select Input, Active Low. When CS is high, the UP/DOWN counter is disabled. VDD Positive Power Supply. Specified for operation at both +3 V or +5 V. (Sum of |VDD | + |VSS | < 5.5 V). ...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    ADS119 ADS-119 ADS-119_883 ADS-119GC ADS-119GM ADS-119MC ADS-119MM ADC-B119 ADS-119/883

Murata Power Solutions ...
Murata Power Solutions Inc.
Electronic Theatre Controls, Inc.
ETC[ETC]
Datel
List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. ADS119 ADS-119 ADS-119_883 ADS-119GC ADS-119GM ADS-119MC ADS-119MM ADC-B119 ADS-119/883
OCR Text ...Outstanding dynamic performance edge-triggered No missing codes over temperature Ideal for both time and frequency-domain applications PIN 1 2 3 4 5 6 7 8 9 10 11 12 INPUT/OUTPUT CONNECTIONS FUNCTION BIT 12 (LSB) BIT 11 BIT 10 BIT 9 BI...
Description Circular Connector; No. of Contacts:37; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-37
Circular Connector; No. of Contacts:128; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-35
Circular Connector; No. of Contacts:4; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:21-75
Circular Connector; No. of Contacts:16; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:21-16
12-Bit/ 10MHz/ Low-Power Sampling A/D Converters
LJT 12C 8#20 4#16 SKT RECP
12-Bit, 10MHz, Low-Power Sampling A/D Converters

File Size 133.02K  /  8 Page

View it Online

Download Datasheet

    ADS929 ADS-929 ADS-929_883 ADS-929GC ADS-929GM ADS-929MC ADS-929MM ADS-919MM ADS-883 ADS-919GM ADS-919MC ADS-919GC ADS-9

Datel
Electronic Theatre Controls, Inc.
ETC[ETC]
Murata Power Solutions Inc.
List of Unclassifed Manufacturers
Part No. ADS929 ADS-929 ADS-929_883 ADS-929GC ADS-929GM ADS-929MC ADS-929MM ADS-919MM ADS-883 ADS-919GM ADS-919MC ADS-919GC ADS-929/883
OCR Text ...erates from 15V or 12V supplies edge-triggered; No pipeline delays Bipolar 5V input range GENERAL DESCRIPTION The ADS-929 is a high-performance, 14-bit, 2MHz sampling A/D converter. This device samples input signals up to Nyquist freque...
Description 14-Bit, 2MHz, Low-Power Sampling A/D Converters 14位,2MHz的,低功耗采样A / D转换
14-Bit/ 2MHz/ Low-Power Sampling A/D Converters
14-Bit 2MHz Low-Power Sampling A/D Converters

File Size 171.60K  /  8 Page

View it Online

Download Datasheet

For edge-triggered Found Datasheets File :: 7861    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of edge-triggered

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8557929992676