Part Number Hot Search : 
N455000S 74ACT521 AD9238 VND5E HDSSCIB M62498E FL064 TYN1006
Product Description
Full Text Search
  rate Datasheet PDF File

For rate Found Datasheets File :: 121997    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Mosel Vitelic Corp
Part No. V58C2256164S V58C2256164SXT6 V58C2256164SXT7 V58C2256164SXT75 V58C2256164SXT8 V58C2256804SXT8 V58C2256404SXT8
OCR Text ...-2 compatible i/os double data rate (ddr) bidirectional data strobe (dqs) for input and output data, active on both edges on-chip dll aligns dq and dqs transitions with ck transitions differential clock inputs ck and ck power supply ...
Description HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
High performance 2.5V 128MB DDR SDRAM

File Size 800.32K  /  61 Page

View it Online

Download Datasheet





    EN25Q32A EN25Q32A-100HIP EN25Q32A-100QIP EN25Q32A-100WIP

Eon Silicon Solution Inc.
Part No. EN25Q32A EN25Q32A-100HIP EN25Q32A-100QIP EN25Q32A-100WIP
OCR Text ...3 High performance 100MHz clock rate for one data bit 80MHz clock rate for two data bits 80MHz clock rate for four data bits * Software and Hardware Write Protection: - Write Protect all or portion of memory via software - Enable/Disable pr...
Description 32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

File Size 1,040.11K  /  52 Page

View it Online

Download Datasheet

    FTLF1322P1BTR FTLF1322P1WTR

Finisar Corporation.
Part No. FTLF1322P1BTR FTLF1322P1WTR
OCR Text ...OD_DEF(2) MOD_DEF(1) MOD_DEF(0) rate Select LOS VEER VEER VEER RDRD+ VEER VCCR VCCT VEET TD+ TDVEET Name/Description Transmitter Ground (Common with Receiver Ground) Transmitter Fault. Not supported. Transmitter Disable. Laser output disabl...
Description OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver

File Size 641.66K  /  11 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STV3208
OCR Text rate in single precision mode, . 0 to 20 mhz pixel rate in double precision mode . forward and inverse 8 x 8 trans- form . 9-bit two's complement pixel format . 12-bit two's complement coefficient format . optimized accuracy for 8-bit two's...
Description 8 x 8 DISCRETE COSINE TRANSFORM

File Size 183.28K  /  17 Page

View it Online

Download Datasheet

    H5MS2562JFR-E3M H5MS2562JFR-J3M H5MS2562JFR-K3M H5MS2562JFR-L3M

Hynix Semiconductor
Part No. H5MS2562JFR-E3M H5MS2562JFR-J3M H5MS2562JFR-K3M H5MS2562JFR-L3M
OCR Text ...FEATURES SUMMARY - Double data rate architecture: two data transfer per clock cycle Mobile DDR SDRAM INTERFACE CAS LATENCY - Multiplexed Address (Row address and Column address) SUPPLY VOLTAGE - 1.8V device: VDD and VDDQ = 1.7V to...
Description 256Mb (16Mx16bit) Mobile DDR SDRAM

File Size 1,318.70K  /  62 Page

View it Online

Download Datasheet

    EE-SY169

Omron Electronics LLC
Part No. EE-SY169
OCR Text ... per month or the maximum legal rate, whichever is less, on any balance not paid within the stated terms. 4. Orders: Seller will accept no order less than 200 U.S. dollars net billing. 5. Currencies: If the prices quoted herein are in a cur...
Description Photomicrosensor (Reflective)

File Size 663.40K  /  4 Page

View it Online

Download Datasheet

    EE-SY169A

Omron Electronics LLC
Part No. EE-SY169A
OCR Text ... per month or the maximum legal rate, whichever is less, on any balance not paid within the stated terms. 4. Orders: Seller will accept no order less than 200 U.S. dollars net billing. 5. Currencies: If the prices quoted herein are in a cur...
Description Photomicrosensor (Reflective)

File Size 668.78K  /  4 Page

View it Online

Download Datasheet

    EDD51321DBH-5BTS-F EDD51321DBH-6ETS-F EDD51321DBH-TS

Elpida Memory
Part No. EDD51321DBH-5BTS-F EDD51321DBH-6ETS-F EDD51321DBH-TS
OCR Text ...DD, VDDQ = 1.7V to 1.95V * Data rate: 400Mbps/333Mbps (max.) * 2KB page size Row address: A0 to A12 Column address: A0 to A8 * Four internal banks for concurrent operation * Interface: LVCMOS * Burst lengths (BL): 2, 4, 8 * Burst type (BT...
Description 512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range)
512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)

File Size 709.93K  /  58 Page

View it Online

Download Datasheet

    DCR4500A36 DCR4500A40 DCR4500A42

Dynex Semiconductor
Part No. DCR4500A36 DCR4500A40 DCR4500A42
OCR Text ...d off-state current Max. linear rate of rise of off-state voltage rate of rise of on-state current Test Conditions At VRRM/VDRM, Tcase = 125 C To 67% VDRM, Tj = 125 gate open C, From 67% VDRM to 2x IT(AV) Gate source 30V, 10 , tr < 0.5s,...
Description Phase Control Thyristor

File Size 230.88K  /  10 Page

View it Online

Download Datasheet

For rate Found Datasheets File :: 121997    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rate

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.47881317138672