Part Number Hot Search : 
2N7002DW T1508 TC4078 JANSR SMBJ26A 2SC18 50P10 BT2222
Product Description
Full Text Search
  to-3 Datasheet PDF File

For to-3 Found Datasheets File :: 554522    Search Time::6.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. UHP-3-3-30-D48 UHP-3.3/30-D48 UHP-3.3/30-D48N UHP-3.3/30-D48S
OCR Text ...th an input voltage range of 36 to 75 Volts, the UHP-3.3/30-D48 delivers 30 Amps of output current from a fully regulated 3.3V output. Using both surface-mount technology and planar magnetics, these converters are manufactured on a 2.3" x 2...
Description 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE
Single Output UHP Models

File Size 67.86K  /  4 Page

View it Online

Download Datasheet





    SP6641BEK-L-3-3

Exar Corporation
Part No. SP6641BEK-L-3-3
OCR Text ... single or dual cell alkaline to 3.3v or 5v output sp6641b provides up to 500ma output current with less than 50mvpp ripple high efficiency: up to 87% sot23-5 package & smt components for small, low profile power...
Description Easy Evaluation for the SP6641A/6641B Single or Dual Cell Alkaline to 3.3V or 5V Output

File Size 83.59K  /  5 Page

View it Online

Download Datasheet

    MACOM[Tyco Electronics]
Part No. ESSM-3-3-75
OCR Text ...demarks. Specifications subject to change without notice. E-Series 3 Way 0 Power Divider -- 40 - 870 MHz o ESSM-3-3-75 Absolute Maximum Ratings Parameter Maximum Power Rating Internal Load Dissipation Pin Temp (10 Sec) Storage ...
Description E-Series 3-Way 0 Power Divider 40 - 870 MHz

File Size 196.40K  /  2 Page

View it Online

Download Datasheet

    Winchester Electronics Corporation
Part No. SD7765-3-3
OCR Text ...storage temperture rating: -40c to 8 5c operating temperature rating: -40c to 75c 5. environmental: aux electrical contacts: 600 vac, 1...3-3 notes: unless otherwise specified 1. interface compliant to smpte 304 specificat ion. ...
Description TRI-LOC, SMPTE 304, PLUG

File Size 89.78K  /  2 Page

View it Online

Download Datasheet

    LA62B-3-YG-3

LIGITEK electronics co., ltd.
Part No. LA62B-3-YG-3
OCR Text ...d. 2.Specifications are subject to change without notice. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LA62B-3/YG-3 Page 2/5 Absolute Maximum Ratings at Ta=25 J Absolute Maximum Ratings Parameter Symbol Y Forward ...
Description LED ARRAY

File Size 78.56K  /  6 Page

View it Online

Download Datasheet

    Winchester Electronics Corporation
Part No. 7763-3-3
OCR Text ...rating temperature rating: -40c to 75c non-operating/storage temperture rating: -40c to 8 5c humidity: <95 rh (at 40c) notes: unless otherwi...3. finish specifications: stainless steel parts: passivate 6. optical: wavelength: 1100nm - 135...
Description TRI-LOC, SMPTE 304, RECEPTACLE

File Size 88.87K  /  2 Page

View it Online

Download Datasheet

    BOURNS[Bourns Electronic Solutions]
Part No. M20W-48D5-3-3 M20W
OCR Text ...ed on the ability of the module to supply either voltage over a wide power range to the load. The output voltages are tightly and independen...3.3 Vout Gnd +5 Vout Gnd +Vin 100 f / 100 V -Vin 49.28 (1.94) 1.65 (.065) 3.3 Vout 3 x 220 f 10 V 3....
Description Power Module

File Size 155.33K  /  2 Page

View it Online

Download Datasheet

    LA62B-3-YG-3-PF

LIGITEK electronics co., ltd.
Part No. LA62B-3-YG-3-PF
OCR Text ... 0 2.Specifications are subject to change without notice. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LA62B-3/YG-3-PF Page 2/6 Absolute Maximum Ratings at Ta=25 Absolute Maximum Ratings Parameter Symbol Y Forwar...
Description LED ARRAY

File Size 123.37K  /  7 Page

View it Online

Download Datasheet

For to-3 Found Datasheets File :: 554522    Search Time::6.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of to-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.61159300804138