|
|
|
IRF[International Rectifier]
|
Part No. |
IR21571 IR21571S IR21571STR IR2157S IR2157STR
|
OCR Text |
...T
6 7
10
CS
7.6V
50uA
OC 8
7.6V
UNDERVOLTAGE DETECT
OVERTEMP DETECT
9
2.0V 7.6V
SD
Lead Assignments & Definitions
Pin # Symbol
VDC CPH RPH RT RUN CT DT OC
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
Descr... |
Description |
Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime, Automatic Restart for Lamp Exchange in a 16-pin DIP package Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 16-pin DIP package Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 16-lead SOIC Narrow package Ballast Control, Below Resonance Protection, Thermal Overload Protection, Protection from Failure to Strike, Programmable Preheat Time and Run Frequency, Programmable Deadtime, Automatic Restart for Lamp Exchange in a 16-lead SOIC Narrow p FULLY INTEGRATED BALLAST CONTROL IC
|
File Size |
231.73K /
17 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|