Part Number Hot Search : 
PCK946 NTE303 MC145159 BUZ110S SMCJ24A AON3812 US1881L S1R72U01
Product Description
Full Text Search
  24-bit Datasheet PDF File

For 24-bit Found Datasheets File :: 68878    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AK002D4-24

Alpha Industries
Part No. AK002D4-24
OCR Text 24 Features s Attenuation in 1 dB Steps to 15 dB s Integral Driver 5 V Supply Voltages s Low Cost SOIC-14 Plastic Package 0.050 (1.27 mm) ...bit requiring less than 4 mA per bit. DC supply voltages of 5 V are required. The attenuator is pack...
Description GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz

File Size 31.33K  /  2 Page

View it Online

Download Datasheet





    AK802D4-24

Skyworks Solutions Inc.
Part No. AK802D4-24
OCR Text 24 Features Attenuation in 1 dB Steps to 15 dB Low Cost SOIC-14 Plastic Package Low DC Current < 16 mA Total Integral Driver +5 V, -5.6...bit requiring less than 4 mA per bit. DC supply voltages of +5 and -5.6 V are required. The attenuat...
Description GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz

File Size 27.52K  /  2 Page

View it Online

Download Datasheet

    TM-1320A-24 TM-1320A TM-1320A-15

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. TM-1320A-24 TM-1320A TM-1320A-15
OCR Text 24 General Description The TM-1320A series are miniature, high-resolution monochrome progressive scan CCD cameras. The active image resolu...bit to 8-bit pre-processing for effective image feature enhancement. The cameras have both analog an...
Description monochrome progressive scan CCD cameras

File Size 1,182.50K  /  4 Page

View it Online

Download Datasheet

    WINBOND ELECTRONICS CORP
Part No. W78LE58P-24 W87LE58
OCR Text ...n - dip 40: w78le58 - 24 - plcc 44: w78le58p - 24 - qfp 44: w78le58f - 24 p reliminary w78le58 - 2 ...bit 4 in chpcon register will enable the access to aux - ram. when aux - ram is enabled the instr...
Description 8-BIT MICROCONTROLLER

File Size 429.52K  /  31 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78LE52F-24 W78LE52P-24 W78LE52-24
OCR Text ... Packages: - DIP 40: W78LE52-24 - PLCC 44: W78LE52P-24 - PQFP 44: W78LE52F-24 -1- Publication Release Date: January 1999 Revision A...bit-addressable bidirectional I/O port P4. P4.3 and P4.2 are alternative function pins. It can be us...
Description 8-BIT MTP MICROCONTROLLER

File Size 301.32K  /  22 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78LE812F-24 W78LE812P-24 W78LE812-24
OCR Text ...Packages: - DIP 40: W78LE812-24 - PLCC 44: W78LE812P-24 - PQFP 44: W78LE812F-24 -1- Publication Release Date: February 1999 Revisio...bit bi-directional I/O port which is bit-addressable. Pins P4.0 to P4.3 are available on 44-pin PLCC...
Description 8-BIT MTP MICROCONTROLLER

File Size 329.17K  /  25 Page

View it Online

Download Datasheet

    W78C58-24 W78C58-16 W78C58F-16 W78C58F-40 W78C58M-40 W78C58P-40 W78C58P-24 W78C58-40 W78C58F-24 W78C58M-24 W78C58P-16

Winbond Electronics Corp
Part No. W78C58-24 W78C58-16 W78C58F-16 W78C58F-40 W78C58M-40 W78C58P-40 W78C58P-24 W78C58-40 W78C58F-24 W78C58M-24 W78C58P-16
OCR Text ...ackages: - DIP 40: W78C58-16/24/40 - PLCC 44: W78C58P-16/24/40 - QFP 44: W78C58F-16/24/40 - TQFP 44: W78C58M-16/24/40 -1- Publicati...bit bi-directional parallel port and bit-addressable with internal pull-ups. Pin P4.3 and P4.2 have ...
Description 8-BIT MICROCONTROLLER

File Size 305.99K  /  22 Page

View it Online

Download Datasheet

    Winbond Electronics Corp
Part No. W78L52F-24 W78L52P-24 W78L52-24
OCR Text ...ly voltage of 1.8V to 5.5V * DC-24 MHz operation * 256 bytes of on-chip scratchpad RAM * 8K bytes of on-chip mask ROM * 64K bytes program me...bit bidirectional ports * Three 16-bit timer/counters * One full duplex serial port * Eight-source, ...
Description 8-BIT MICROCONTROLLER

File Size 257.48K  /  18 Page

View it Online

Download Datasheet

    聚兴科技股份有限公司
ATMEL CORP
Part No. ATZB-24-A2 ATXMEGA128A4 ATXMEGA32A4-AUR
OCR Text ... TWI T/C0 TWI 10 11 24 23 SPI Port C Port D SPI Port E 12 13 14 15 16 17 18 19 20 2...bit microcontrollers based on the AVR enhanced RISC architecture. By executing powerful instructions...
Description 8/16-bit XMEGA A4 Microcontroller
16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44

File Size 3,764.22K  /  108 Page

View it Online

Download Datasheet

For 24-bit Found Datasheets File :: 68878    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 24-bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.72257399559021