PART |
Description |
Maker |
MAX5152BC/D MAX5153BC/D MAX5153BMJE MAX5152BMJE MA |
CAP .039UF 250V PEN FILM 2416 5% DUAL, SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP16 Low-Power / Dual / 13-Bit Voltage-Output DACs with Configurable Outputs TVS BIDIRECT 600W 170V SMB Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
|
Maxim Integrated Products, Inc.
|
MAX548 MAX548-MAX550 MAX550AEPA MAX549AC/D MAX549A |
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in µMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in μMAX Package 2.5V to 5.5V / Low-Power / Single/Dual / 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in レMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in MAX Package
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
5962-8700211ZX 5962-8700209YX 5962-8700208YX 5962- |
Low-Cost, µP Supervisory Circuits PDA Hand-Held-Computer Power Controller Microprocessor and Nonvolatile Memory Supervisory Circuits Dual-Output Power Supply Controller for Notebook Computers Evaluation Kit for the MAX797 Triple-Output Power Supply Controller for Notebook Computers -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers x8双端口SRAM Step-Down Controllers with Synchronous Rectifier for CPU Power x8双端口SRAM Dual-Slot, PCMCIA Analog Power Controller x8双端口SRAM 5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators x8双端口SRAM 3.0V/3.3V Microprocessor Supervisory Circuits x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Cypress Semiconductor Corp. Cirrus Logic, Inc. DB Lectro, Inc. TT electronics OPTEK Technology Infineon Technologies AG FCI
|
MC33076DR2 MC330761 MC33076P1 MC33076-D |
Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
|
ON Semiconductor
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
AD73322AST AD73322EB AD73322EZ EVAL-AD73322EZ AD73 |
Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End Low Power 10MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost, Low Power CMOS General-Purpose Dual Analog Front End Dual Voiceband Codec; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO28
|
Analog Devices, Inc.
|
74AUP2G240GS |
Low-power dual inverting buffer-line driver; 3-state AUP/ULP/V SERIES, DUAL 1-BIT DRIVER, INVERTED OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
74AUP2G07GS |
Low-power dual buffer with open-drain output
|
NXP Semiconductors
|
74AUP2G06GM |
Low-power dual inverter with open-drain output
|
NXP Semiconductors
|
74AUP2G06GN |
Low-power dual inverter with open-drain output
|
NXP Semiconductors
|
ADA4692-2 ADA4692-2ARZ ADA4692-2ARZ-R7 ADA4692-2AR |
Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
|
Analog Devices
|
|