Part Number Hot Search : 
68HC0 LY62L AD8114 SA9502 PSEI2 TAE1453 A2000 4VHCT0
Product Description
Full Text Search
  clock Datasheet PDF File

For clock Found Datasheets File :: 116117    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    74AC109 74AC109MTC 74AC109PC 74AC109SC 74AC109SJ 74ACT109 74ACT109PC 74ACT109SC 74AC109SCX 74ACT109SCX 74AC109SJX 74ACT1

FAIRCHILD[Fairchild Semiconductor]
Part No. 74AC109 74AC109MTC 74AC109PC 74AC109SC 74AC109SJ 74ACT109 74ACT109PC 74ACT109SC 74AC109SCX 74ACT109SCX 74AC109SJX 74ACT109MTC 74AC109MTCX 74ACT109MTCX 74AC109CW 74ACT109CW
OCR Text ...t of rise and fall times of the clock waveform. The JK design allows operation as a D-Type flip-flop (refer to AC/ACT74 data sheet) by connecting the J and K inputs together. Asynchronous Inputs: LOW input to SD (Set) sets Q to HIGH level L...
Description    Dual JK Positive Edge-Triggered Flip-Flop
From old datasheet system

File Size 98.77K  /  9 Page

View it Online

Download Datasheet





    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ...le mode turns off the processor clock but allows for continued peripheral operation. the power-down mode stops the crystal oscillator for minimum power consumption. the external clock can be stopped at any time and in any state without affe...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    74HCT165 74HC165 74HC165PW 74HC165D 74HC165DB 74HC165N 74HCT165D 74HCT165DB 74HCT165N 74HCT165PW 74HCT165U 74HC165NB

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74HCT165 74HC165 74HC165PW 74HC165D 74HC165DB 74HC165N 74HCT165D 74HCT165DB 74HCT165N 74HCT165PW 74HCT165U 74HC165NB
OCR Text ... etc.) with each positive-going clock transition. This feature allows parallel-to-serial converter expansion by tying the Q7 output to the DS input of the succeeding stage. The clock input is a gated-OR structure which allows one input to b...
Description 74HC/HCT165; 8-bit parallel-in/serial-out shift register

File Size 72.98K  /  10 Page

View it Online

Download Datasheet

    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ...ive the device from an external clock source XTAL1 should be driven while XTAL2 is left unconnected as shown in Figure 4 There are no requirements on the duty cycle of the external clock signal since the input to the internal clocking circu...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

For clock Found Datasheets File :: 116117    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of clock

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.72430682182312