Part Number Hot Search : 
62F032 MM110 SE13007 SI570 S52202M NDC632P KBU601 E007280
Product Description
Full Text Search
  factor Datasheet PDF File

For factor Found Datasheets File :: 51512    Search Time::0.907ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G

http://
ONSEMI[ON Semiconductor]
Part No. 1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G 1.5SMC7.5AT3 1.5SMC8.2AT3 1.5SMCXXXAT3 15SMC68AT3 1.5SMCXXXAT3G 1.5SMC11AT3 1.5SMC13AT3 1.5SMC15AT3 1.5SMC16AT3 1.5SMC18AT3 1.5SMC20AT3 1.5SMC22AT3 1.5SMC27AT3 1.5SMC36AT3 1.5SMC39AT3 1.5SMC43AT3 1.5SMC47AT3 1.5SMC6.8AT3 1.5SMC62AT3G 1.5SMC82AT3 1.5SMC9.1AT3 1.5SMC91AT3 1.5SMC62AT3 1.5SMC16A 1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC68A 1.5SMC82A 1.5SMC15A 1.5SMC62A 1.5SMC75A 1.5SMC75AT3
OCR Text ... ms pulse has a higher derating factor than the 10 ms pulse. However, when the derating factor for a given pulse of Figure 7 is multiplied by the peak power value of Figure 1 for the same pulse, the results follow the expected trend. htt...
Description Zener Diode
Transistor Suppressor
High Power
1500 Watt Peak Power Zener Transient Voltage Suppressors
ELR 2/1-230Z
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 73.47K  /  8 Page

View it Online

Download Datasheet





    STTH20L03CT STTH20L03CG-TR

STMicroelectronics
Part No. STTH20L03CT STTH20L03CG-TR
OCR Text ...00 v di f /dt = -200 a/s 912a s factor softness factor 0.3 q rr reverse recovery charges t j = 125 c i f = 10 a, v r = 200 v di f /dt = -200 a/s 250 375 nc t fr forward recovery time t j = 25 c i f = 10 a, v fr = 1.05 v di f /dt = 100...
Description High frequency secondary rectifier

File Size 156.68K  /  9 Page

View it Online

Download Datasheet

    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ AD536ASCHIPS AD536ASD AD536ASE AD536ASH 5962-89805 AD536 AD883B AD536AKH_ AD536AKH/
OCR Text ...width: V rms > 1 V Signal Crest factor of 7 for 1% Error dB Output with 60 dB Range Low Power: 1.2 mA Quiescent Current Single or Dual Supply Operation Monolithic Integrated Circuit -55 C to +125 C Operation (AD536AS) PRODUCT DESCRIPTION V...
Description Complete Monolithic IC Which Performs True RMS-to-DC Conversion
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
JT 28C 26#20 2#16 SKT PLUG
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet

    B66365G1500X187 B66365G1000X187

EPCOS
Part No. B66365G1500X187 B66365G1000X187
OCR Text ...etic cross section ? inductance factor; a l = l/n 2 ? minimum inductance at defined high saturation ( ? a ) ? minimum core cross section ? winding cross section ? resistance factor; a r = r cu /n 2 ? rms value of magnetic flux density ?...
Description Ferrites and accessories

File Size 164.69K  /  9 Page

View it Online

Download Datasheet

    AP92T03GH-HF14 AP92T03GH-HF-14

Advanced Power Electronics Corp.
Advanced Power Electronics ...
Part No. AP92T03GH-HF14 AP92T03GH-HF-14
OCR Text ...ange -55 to 150 linear derating factor 0.71 pulsed drain current 1 300 total power dissipation 89 continuous drain current 3 75 continuous drain current 50 drain-source voltage 30 gate-source voltage + 20 201106093 1 a p92t03gh/j-hf halogen...
Description Simple Drive Requirement

File Size 125.79K  /  4 Page

View it Online

Download Datasheet

    AP85T08GSP-HF14 AP85T08GSP-HF-14

Advanced Power Electronics Corp.
Advanced Power Electronics ...
Part No. AP85T08GSP-HF14 AP85T08GSP-HF-14
OCR Text ...ange -55 to 150 linear derating factor 1.11 continuous drain current, v gs @ 10v 48 pulsed drain current 1 260 450 30 parameter rating drain-source voltage 80 gate-source voltage + 20 continuous drain current, v gs @ 10v 75 a p85t08gs/p-h...
Description Simple Drive Requirement

File Size 94.82K  /  4 Page

View it Online

Download Datasheet

    AP02N60H08

Advanced Power Electronics Corp.
Part No. AP02N60H08
OCR Text ...-55 to 150 6 39 linear derating factor 0.31 0.5 1.6 1 parameter rating 600 1 ap02n60h/j 64 -55 to 150 parameter 1.6 + 30 the to-252 package is widely preferred for all commercial-industrial surface mount applications and suited for ac/dc co...
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

File Size 97.58K  /  4 Page

View it Online

Download Datasheet

    AP02N60H-H

Advanced Power Electronics Corp.
Part No. AP02N60H-H
OCR Text ...5 to 150 5.6 39 linear derating factor 0.31 0.5 1.4 0.9 + 30 parameter rating 700 200807222 1 ap02n60h/j-h 49 -55 to 150 parameter 1.4 the to-252 package is widely preferred for all commercial-industrial surface mount applications and suite...
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

File Size 241.04K  /  6 Page

View it Online

Download Datasheet

    AP02N60H-HF14

Advanced Power Electronics Corp.
Part No. AP02N60H-HF14
OCR Text ...-55 to 150 6 39 linear derating factor 0.31 0.5 1.6 1 parameter rating 600 1 ap02n60h/j-hf 64 -55 to 150 parameter 1.6 + 30 the to-252 package is widely preferred for all commercial-industrial surface mount applications and suited for ac/dc...
Description Simple Drive Requirement

File Size 95.63K  /  4 Page

View it Online

Download Datasheet

    AP02N60H-H-HF14

Advanced Power Electronics Corp.
Part No. AP02N60H-H-HF14
OCR Text ...5 to 150 5.6 39 linear derating factor 0.31 the to-252 package is widely preferred for all commercial-industrial surface mount applications and suited for ac/dc converters. the through-hole version (ap02n60j-h-hf) is available for low-prof...
Description Fast Switching Characteristic

File Size 62.07K  /  4 Page

View it Online

Download Datasheet

For factor Found Datasheets File :: 51512    Search Time::0.907ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of factor

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3032259941101