PART |
Description |
Maker |
C1310A1 C1310 |
Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
|
Vectron International, Inc. VECTRON[Vectron International, Inc]
|
C5250 |
VCXO 5X7 Surface Mount Package Reflow Process Compatible Optional ACMOS, TTL and LVPECL
|
VECTRON[Vectron International, Inc]
|
C1300 |
PXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible ACMOS, TTL, LVPECL and LVDS
|
VECTRON[Vectron International, Inc]
|
C5260 |
VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise
|
VECTRON[Vectron International, Inc]
|
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
MBRD620 MBRD640CT MBRD660CT MBRD620CT MBRD630CT MB |
SWITCHMODE⑩ Power Rectifirers DPAK Surface Mount Package SWITCHMODE Power Rectifirers DPAK Surface Mount Package 6 AMPERES 20 TO 60 VOLTS From old datasheet system CAPACITOR, CERAMIC, 10PF, 50V, 10%, NPO, 0603 SWITCHMODEPower Rectifirers DPAK Surface Mount Package 3 A, 30 V, SILICON, RECTIFIER DIODE SWITCHMODEPower Rectifirers DPAK Surface Mount Package 3 A, 20 V, SILICON, RECTIFIER DIODE
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
IXTM75N10 IXTH75N10 IXTH67N10 IXTM67N10 IXTM75N100 |
MegaMOSFET Receiver IC; Supply Voltage:5V; Package/Case:28-SOIC; Interface Type:Serial; Leaded Process Compatible:No; No. of Channels:7; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V; Mounting Type:Surface Mount RoHS Compliant: No Receiver IC; Package/Case:28-TSSOP; Current Rating:2.8mA; Interface Type:Serial; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V; Mounting Type:Surface Mount; Voltage Rating:3.3V RoHS Compliant: No 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Memory Size, RAM:16MB; No. of I/O Pins:24; No. of PWM Channels:1; Clock Speed:200MHz; Interface:AC97, I2S, SPI, UART, USB; Package/Case:208-LQFP; A/D Converter:12 Bits RoHS Compliant: Yes IC ARM920T MCU 200MHZ 272-TFBGA 1000V HiPerFET power MOSFET
|
JFETs IXYS[IXYS Corporation]
|
SPC-MR-EIR-1271-CNA SPC-MR-EIR-1291-CNA SPC-MR-EIR |
FIBER OPTIC TRANSCEIVER, 1265-1278nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1285-1298nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1325-1338nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1345-1358nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1525-1538nm, 2700Mbps(Tx), 2700Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
|
EEEHAA102UAP EEEHAA330WAR EEEHAH101UAP |
Aluminum Electrolytic Capacitors (Surface Mount Type) HA-V (High temp. reflow)
|
Panasonic
|
EEETP1E272V |
Aluminum Electrolytic Capacitors (Surface Mount Type) TP-V Medium-size(High temp. reflow)
|
Panasonic
|
EEEFK1J221AQ EEEFK1J471AV EEEFK1E102AV |
Aluminum Electrolytic Capacitors (Surface Mount Type) FK-V Medium-size (High temp. reflow)
|
Panasonic
|
MBR0540T1 MBR0540T1G MBR0540T3 MBR0540T3G |
Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5 A, 40 V, SILICON, SIGNAL DIODE From old datasheet system Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5A 40V Schottky Rectifier
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|
|