Part Number Hot Search : 
B32562 HD74LS42 DMBT8050 STP16CP M2073 C5006 LT1805 ADG1517
Product Description
Full Text Search
  sonet Datasheet PDF File

For sonet Found Datasheets File :: 5558    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PMC-Sierra Inc
Part No. PM5363-BI
OCR Text sonet/sdh tributary unit payload processor for 622 mbit/s interfaces proprietary and confidential to pmc-sierra, inc., and for its customers? internal use pm5363 tupp+622 sonet/sdh tributary unit payload processor for 622 mbit/s interfaces ...
Description sonet/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES

File Size 3,468.92K  /  459 Page

View it Online

Download Datasheet





    BCM8021

Broadcom
ETC
Electronic Theatre Controls, Inc.
Part No. BCM8021
OCR Text ...ansceiver channel including I/O sonet/SDH-quality jitter performance * Less than 3 picoseconds rms jitter generation * Exceeds sonet jitter tolerance mask High performance programmable Rx equalization and Tx preemphasis * Tx pre-emphasis fo...
Description 4-Channel Multirate 1.0-3.2-Gbps Transceiver with High-Speed Redundancy
4 CHANNEL MULTIRATE 1.0-3.2 GBPS TRANSCEIVER WITH HIGH SPEED REDUNDANCY

File Size 115.79K  /  2 Page

View it Online

Download Datasheet

    ORT42G5-2BM484C ORT42G5-2BM484I ORT42G5-3BM484C ORT42G5-1BM484C ORT42G5-1BM484I ORT82G5-2F680I ORT82G5-3F680C

Lattice Semiconductor, Corp.
Part No. ORT42G5-2BM484C ORT42G5-2BM484I ORT42G5-3BM484C ORT42G5-1BM484C ORT42G5-1BM484I ORT82G5-2F680I ORT82G5-3F680C
OCR Text ...tions, to create interfaces for sonet/SDH, Fibre Channel, and Ethernet (GbE, 10 GbE) applications. Designers can also use these devices to drive high-speed data transfer across buses within any generic system. For example, designers can bui...
Description 0.6 to 3.7 Gbps XAUI and FC FPSCs
FPGA, BGA680 LEAD FREE, FPGA-680
FPGA, 1296 CLBS, 333000 GATES, BGA484 LEAD FREE, FPBGA-484
   0.6 to 3.7 Gbps XAUI and FC FPSCs

File Size 589.27K  /  119 Page

View it Online

Download Datasheet

    BCM8128

Broadcom
ETC
Electronic Theatre Controls, Inc.
Part No. BCM8128
OCR Text sonet/SDH/10GE/FEC MUX FEATURES * 10-Gigabit MSA (Multi-Source Agreement) compliant * Fully integrated Clock Multiplication Unit (CMU) supports multiple rates: OC-192, 10GE, 10GFC and its FEC rates SUMMARY OF BENEFITS * Compliant with ...
Description Multirate 10-Gbps sonet/SDH/10GE/FEC Transmitter
MULTI RATE 10GBPS sonet / SDH/ 10GE/FEC MUX

File Size 113.87K  /  2 Page

View it Online

Download Datasheet

    BCM8152

ETC
Part No. BCM8152
OCR Text ...0 GE/FEC transmission equipment sonet/SDH/10 GE/FEC optical modules ADD/DROP multiplexers Digital cross-connects ATM switch backbone sonet/SDH/10 GE/FEC test equipment Terabit and edge routers Internal phase detector and charge pump for ...
Description 10 GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER

File Size 125.98K  /  2 Page

View it Online

Download Datasheet

    BCM8211 BCM821104

BOARDCOM[Broadcom Corporation.]
ETC
Part No. BCM8211 BCM821104
OCR Text sonet/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING FEATURES * 2.488-Gbps sonet/SDH transceiver with dual differential serial I/O * Fully integrated CDR, MUX, DEMUX, and CMU * Selectable LVPECL/CMOS 16-bit, 155.52-Mbps interface to framer or ...
Description 2.488-Gbps Transceiver with Internal Loop Timing
2.488 GBPS sonet/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
2.488 GBPS sonet/ SDH TRANSCEIVER WITH INTERNAL LOOP TIMING

File Size 104.79K  /  2 Page

View it Online

Download Datasheet

    TX-1900-ECT-416 TX-1900-DCT-416 TX-1900-DCE-416 TX-1900-ECE-416 TX-1900-DCT-416X-311M040000 TX-1900-DCT-416X-777M600000

Vectron International, Inc
Part No. TX-1900-ECT-416 TX-1900-DCT-416 TX-1900-DCE-416 TX-1900-ECE-416 TX-1900-DCT-416X-311M040000 TX-1900-DCT-416X-777M600000 TX-1900-ECE-416X-FREQ
OCR Text ...ementary PECL TCXO's for use in sonet Minimum Clock (SMC) applications and is available in Output frequencies from 311.04 MHz to 777.6 MHz. Features * * * * * True sonet Minimum performance Ultra low Jitter Complementary PECL output Fre...
Description TCXO, CLOCK, 311.04 MHz - 777.6 MHz, PECL OUTPUT
TCXO, CLOCK, 777.6 MHz, PECL OUTPUT
TCXO, CLOCK, 311.04 MHz, PECL OUTPUT
Temperature Compensated Crystal Oscillator

File Size 263.81K  /  4 Page

View it Online

Download Datasheet

    TMPR28051 TMPR28051-3-SL5

AGERE[Agere Systems]
Part No. TMPR28051 TMPR28051-3-SL5
OCR Text ...g In the presence of a receive sonet/SDH bit error rate, the device may destuff the DS1 from the VT1.5 incorrectly. This is the result of an error in the VT1.5 C-bit decoding process. The C-bit decoding process should be capable of correct...
Description TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device

File Size 1,035.93K  /  90 Page

View it Online

Download Datasheet

    UPD98402A UPD98402AGM UPD98402AGM-KED

NEC[NEC]
Part No. UPD98402A UPD98402AGM UPD98402AGM-KED
OCR Text sonet FRAMER The PD98402A is one of the ATM-LAN LSIs and incorporates the TC sublayer function in the sonet/SDHbased physical layer of the ATM protocol. The main functions of the PD98402A include a transmit function for mapping ATM cells...
Description LOCAL ATM sonet FRAMER

File Size 174.07K  /  26 Page

View it Online

Download Datasheet

    UPD98404 UPD98404GJ-KEU

NEC[NEC]
Part No. UPD98404 UPD98404GJ-KEU
OCR Text sonet FRAMER DESCRIPTION The PD98404 NEASCOT-P30TM is an LSI for ATM applications, which can be used in ATM adapter boards for connecting PCs or workstations to an ATM network and can also be used in ATM hubs and ATM switches. This LSI ...
Description ADVANCED ATM sonet FRAMER

File Size 193.82K  /  36 Page

View it Online

Download Datasheet

For sonet Found Datasheets File :: 5558    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sonet

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.90935802459717