Part Number Hot Search : 
LM64P11 BR210F 74LCX 74LCX 74HC16 MUN22 MXD1816 0NZ06
Product Description
Full Text Search
  surface Datasheet PDF File

For surface Found Datasheets File :: 129054    Search Time::1.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    0.50MM (.020) PITCH SLIMSTACK RECEPTACLE, SURFACE

Molex Electronics Ltd.
Part No. 0.50MM (.020) PITCH SLIMSTACK RECEPTACLE, surface
OCR Text ...) Pitch SlimStackTM Receptacle, surface Mount, Dual Row, Vertical, 1.50mm (.059") Stacking Height, Lower Circuit Size Version, 30 Circuits, Gold Plating with Nickel Barrier Plating Between Contact and Tail Documents: 3D Model Drawing (PD...
Description 0.50mm (.020) Pitch SlimStack Receptacle, surface Mount, Dual Row, Vertical1.50mm (.059) Stacking Height, Lower Circuit Size Version, 30 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail

File Size 771.72K  /  8 Page

View it Online

Download Datasheet





    SPVR110100 SPVR120100

ALPS ELECTRIC CO.,LTD.
Part No. SPVR110100 SPVR120100
OCR Text ...t soldering portion copper foil surface . A heat resisting tape Detector Push should be used for fixed measurement. 300 Temperature (C ) A max. B Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM 200 D E 10...
Description Low-profile Lever Type

File Size 312.84K  /  3 Page

View it Online

Download Datasheet

    SPVM110100 SPVM110200 SPVM210200 SPVM210100

ALPS ELECTRIC CO.,LTD.
Part No. SPVM110100 SPVM110200 SPVM210200 SPVM210100
OCR Text ...t soldering portion copper foil surface . A heat resisting tape Detector Push should be used for fixed measurement. 300 Temperature (C ) A max. B Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM 200 D E 10...
Description Compact Two-way Operation Type

File Size 318.97K  /  4 Page

View it Online

Download Datasheet

    SRGH160100 SRGH1F0100 SRGH

ALPS ELECTRIC CO.,LTD.
Part No. SRGH160100 SRGH1F0100 SRGH
OCR Text ...t soldering portion copper foil surface . A heat resisting tape Detector Push Slide Rotary Encoders Power should be used for fixed measurement. Room temperature Pre-heating F max. C Temperature (uC ) Time (s) Dual-in-line Pa...
Description Metal Shaft Type

File Size 141.31K  /  4 Page

View it Online

Download Datasheet

    SPEF110100 SPEF110200 SPEF210101 SPEF210200

ALPS ELECTRIC CO.,LTD.
Part No. SPEF110100 SPEF110200 SPEF210101 SPEF210200
OCR Text surface Mount Type Push Switch SPEF Series surface mountable lead-free soldering push switch. Typical Specifications Items Rating (max) (Resistive load) Initial contact resistance Operating force Operating life Without load Poles-Positi...
Description surface Mount Type Push Switch

File Size 200.02K  /  4 Page

View it Online

Download Datasheet

    SPEE SPEE120103

ALPS ELECTRIC CO.,LTD.
Part No. SPEE SPEE120103
OCR Text ... soldering portion (copper foil surface). A heat resisting tape should be used for fixed measurement. 3. Temperature profile 300 Temperature (C ) A max. B 200 D E 100 Time (s) Pre-heating F max. C Room temperature A 3s max...
Description Horizontal Type Double Action

File Size 292.30K  /  3 Page

View it Online

Download Datasheet

    SI8817DB

Vishay Siliconix
Part No. SI8817DB
OCR Text ...hones and tablet pcs notes: a. surface mounted on 1" x 1" fr4 board with full copper, t = 5 s. b. surface mounted on 1" x 1" fr4 board with minimum copper, t = 5 s. c. refer to ipc/jedec (j-std -020), no manual or hand soldering. d. in thi...
Description P-Channel 20 V (D-S) MOSFET
   P-Channel 20 V (D-S) MOSFET

File Size 140.69K  /  10 Page

View it Online

Download Datasheet

    SSAG230200 SSAG230100 SSAG330100 SSAG330300 SSAG230400 SSAG330200 SSAG230300 SSAG130100 SSAG130400 SSAG130200 SSAG130300

ALPS ELECTRIC CO.,LTD.
Part No. SSAG230200 SSAG230100 SSAG330100 SSAG330300 SSAG230400 SSAG330200 SSAG230300 SSAG130100 SSAG130400 SSAG130200 SSAG130300
OCR Text ...t soldering portion copper foil surface . A heat resisting tape should be used for fixed measurement. 3. Temperature profile 300 Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Temperature (C ) ...
Description Recoil Type for Single Side and Both Sides

File Size 543.50K  /  5 Page

View it Online

Download Datasheet

    椋???″????浣?涓??)??????
Part No. MPXV5010D
OCR Text ...unibody and thermoplastic (pps) surface mount package ? temperature compensated over ?40 to +125 c ? patented silicon shear stress strain gauge ? available in differential and gauge configurations ? available in surface mount (smt) or th...
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

File Size 438.93K  /  18 Page

View it Online

Download Datasheet

For surface Found Datasheets File :: 129054    Search Time::1.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of surface

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.71250295639038