Part Number Hot Search : 
L4004D3 OR2C10A MB2245 NDL5422P YBAMU UT2306 PM8313 141K1
Product Description
Full Text Search

VI-JWMCM -    DC-DC Converters 25 to 100 Watts RACK STEEL HD GREY 28X19X17.5,1 IC BUFFER QUAD W/HI-CAP 14-SOICN BOARD EVALUATION FOR ZXFV302 IC CONVERTER LCD BIAS 10MSOP IC CONV LED DRVR ADJ SW TSOT23-5 IC AMPLIFIER VIDEO QUAD 14-SOIC IC BUFFER OCTAL LOW PWR 20-SOICW IC AMPLIFIER VIDEO SGL SOT23-5 BOARD EVALUATION FOR ZXFV202 SWITCH 3A BASIC SEALED .110QC KIT COMPASS SENSOR 3-AXIS MOSFET P-CH 100V 700MA SOT-23 MOSFET P-CH TRENCH -100V SOT23-6 MOSFET 2P-CH 30V 5.5A 8-SOIC MOSFET P-CH 40V 6.4A SOT223 MOSFET P-CH 100V 3.7A SOT223 MOSFET P-CHAN 100V DPAK MOSFET P-CH 200V 122MA SOT23-5 MOSFET P-CHAN 60V DPAK MOSFET N-CH 70V 3.8A SOT-223 MOSFET N-CH 70V 6.1A SOT-223 MOSFET P-CH 200V 200MA SOT-223 TRANSISTOR, P CHANNEL ENHANCEMENT MODE MOSFET, 30V MOSFET P-CH 30V 4.6A SOT223 MOSFET P-CH 30V 5.6A 8-SOIC MOSFET P-CHAN 40V DPAK MOSFET P-CH 30V 1.4A SOT-23 MOSFET 2P-CH 30V 4.4A 8-SOIC Aluminum Electrolytic Radial Leaded 7mm Length Wide Temp Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x7 mm; Packaging: Bulk Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:10VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:6.3mm; Body Length:5.4mm RoHS Compliant: Yes IC REF VOLT 1.22V 5MA 3% SOT-23 IC REF VOLT 1.22V 20MA 1% TO-92 IC REF VOLT 1.22V 5MA 1% SOT-23 IC REF VOLT 1.22V 5MA 1% TO-92 8 Pin, DIP, AC Input, Dual Phototransistor Detector, CTR 20-300 @ 1mA, 5V Optocoupler IC CTRLR PWN DC-DC 5V 16-QSOP IC REF VOLT 1.22V 20MA .5% SOT23 IC REF VOLT 1.22V 5MA 2% SOT-23 IC REF VOLT 1.22V 5MA 2% 8-SOIC SINGLE N CHANNEL MOSFET MOSFET N-CHAN 30V 3.5A SOT-23 MOSFET N-CH 40V 5A SOT223 MOSFET N-CH 30V 1.8A SOT-23 MOSFET N-CHAN 40V 10.9A DPAK MOSFET N-CH 30V 3.7A SOT-23-6 MOSFET N-CH 30V 2.4A SOT-23-6 MOSFET N-CH 30V 5.3A 8-MSOP MOSFET N-CH 30V 18.4A DPAK SMD TRANS MOS FET N-CH ENH ZXMN3A14F MOSFET N-CH 60V 11.2A DPAK MOSFET 2N-CH 30V 6.2A 8-SOIC MOSFET N-CH 30V 7.2A 8-SOIC MOSFET N-CH 30V 5.3A 8-SOIC MOSFET 2N-CH 30V 8.5A 8-SOIC MOSFET-N CHN,SMT SOT23,30V MOSFET N-CH 450V 140MA SOT-223 MOSFET 2P-CH 30V 2A 8-MSOP MOSFET N-CH 100V 1.3A SOT223 IC MONITOR CURR HI SIDE SOT23-5 TRANSISTOR, MOSFET, N-CHANNEL REV. 1 IC MONITOR CURRENT HI SIDE SM-8 MOSFET P-CH 20V 900MA SOT-23 MOSFET, P-CH, 30V, 2.6A, SOT23-6 MOSFET N P 30V 5.4A 8-SOIC MOSFET N-CH 100V 7.7A DPAK MOSFET N-CH 30V 1.4A SOT-23 MOSFET 2P-CH 30V 4.8MA 8-SOIC MOSFET N-CHAN 100V DPAK TRANSISTOR,P-CHANNEL FET,20V SOT23 IC MOSFET P-CHNNL MICRO6 IC CURRENT MON HI SIDE SOT23-5 MOSFET N-CH 30V 5A 8-MSOP IC AMP AUDIO STEREO 25BIT 28SSOP IC MONITOR SIMPLE CURRENT SOT-23 MOSFET, N-CHANNEL, 20V(DSS), 1.3A I(D), 0.6V(GSTH) MOSFET N-CH 100V 1.6A 8-SOIC MOSFET N-CH 100V 1.5A SOT-23-6 MOSFET N-CH 20V 1.7A SOT-23 MOSFET P-CH 30V 1.1A SOT-23 MOSFET N-CH 20V 5.4A 8-MSOP MOSFET N-CH 35V 6.7A SOT223 MOSFET N-CH 35V 13A TO-220 MOSFET 2N-CH 30V 2.3A 8-MSOP IC MONITOR CURRENT HI SIDE 8MSOP IC FILTER VARIABLE Q WIDE 24SOIC MOSFET N-CH 100V 800MA SOT-23 IC CURRENT MONITOR SOT23-5 Bipolar Transistor; Power Dissipation:0.45W; Package/Case:TO-39; Current Rating:50mA; Voltage Rating:60V Unijunction Transistor; Power Dissipation:0.300W; Collector Current:0.5A; Current Rating:50A Unijunction Transistor; Power Dissipation:0.300W; Package/Case:TO-92; Mounting Type:Through Hole; Current Rating:1A; Voltage Rating:40V SRAM Memory IC; Memory Type:SRAM; Interface Type:Serial; Access Time, Tacc:450ns; Package/Case:24-DIP; Mounting Type:Through Hole Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 3300uF; Voltage: 10V; Case Size: 16x15 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 16x15 mm; Packaging: Bulk FILTER CERAMIC TCAS 1090MHZ SMD T-STR 24 2-R HDR .23X.095 DIODE SCHOTTKY SINGLE 30V 160mW 0.37V-vf 30mA-IFM 1mA-IF 0.5uA-IR SOD-323 3K/REEL RF Bipolar Transistor; Collector Emitter Voltage, Vceo:600mV; Transistor Polarity:N Channel; Power Dissipation:1.5W; C-E Breakdown Voltage:300V; DC Current Gain Min (hfe):100; Collector Current:100mA; DC Current Gain Max (hfe):200 GT 6C 3#0 3#12 PIN PLUG RESISTOR SILICONE 1.0 OHM 2W Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin RoHS Compliant: No Antenna Switch; Package: PG-TSLP-2; IF (max): 100.0 mA; CT (max): 0.35 pF; rF (typ): 0.8 Ohm; Trr (typ): 750.0 ns; Configuration: Single; Dual Semi Biased; Package: PG-SOT363-6; ID (max): 25.0 mA; Ptot (max): 200.0 mW; gfs (typ): 30.0 mS; Gp (typ): 25.0 dB; F (typ): 1.3 dB; B Series/ Female Crimp PV SERIES Gate / Inverter Logic IC; Logic Type:Gate; Logic Family:4000; Logic Base Number:4023; Package/Case:14-DIP Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:30Vrms; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :95V; Peak Energy (10/1000uS):8.5J; Clamping Voltage Max, Vc:95V; Peak Surge Current:1000A LOGIC IC - DATASHEET REFERENCE IGBT; Continuous Collector Current, Ic:50A; Collector Emitter Saturation Voltage, Vce(sat):3V; Power Dissipation, Pd:200W; Collector Emitter Voltage, Vceo:600V; Transistor Polarity:N Channel RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Integrated Circuit Voltage; Mounting Type:Through Hole Bipolar Transistor; Package/Case:TO-3; Current Rating:25A; Voltage Rating:150V RoHS Compliant: Yes Video Buffer / Amplifier IC; Number of Amplifiers:2; Bandwidth Max:120MHz; Amplifier Output:Fully-Differential; Dual Supply Voltage Max ( /- V):8V; Package/Case:14-DIP; Bias Current:30uA; Gain:120dB; Gain Typ, V/V:400 CABINET ALUMINUM 3.5 X 17 X 9 RESISTOR WIREWOUND 125 OHM 5W RESISTOR WIREWOUND 680 OHM 5W Power Resistor; Series:90; Resistance:22ohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes DIODE/SM, ZEN 28V@.0045A .5W 5% SOD-123 Bipolar Transistor; Package/Case:TO-39; Current Rating:5A; Voltage Rating:80V T-NPN-SI-HIGH VOLTAGE Bipolar Transistor; Power Dissipation, Pd:0.2W; DC Current Gain Min (hfe):220; C-E Breakdown Voltage:65V; Collector Current:0.1A; DC Current Gain Max (hfe):475; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes T-PNP SI- AF OUTPUT MTG BRACKET D-77159 PACK OF 10 DC-DC Converters 25 to 100 Watts DC - DC转换2500 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE T-NPN- SI-HIV AF PO DC - DC转换2500 PV75W16-8S DC - DC转换2500 Amplifier IC; Transistor Polarity:NPN; Number of Transistors:5; Collector Emitter Voltage, Vceo:15V; Package/Case:14-DIP; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Through Hole DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 RECTIFIER DIODE,400V V(RRM),DO-41 DC - DC转换2500 Schottky Rectifier; Current Rating:30A; Mounting Type:Through Hole; Package/Case:DO-4; Capacitance:2000pF DC - DC转换2500 CONN-HDR, POST, 26P 2ROW, .1X.1SP, GD PL DC - DC转换2500 V7 Series Miniature Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Roller Lever Actuator, 0,42 N [1.5 oz] Maximum Operating Force, Silver Contacts, Quick Connect Termination DC - DC转换2500 RESISTOR, 3.32K,1%,1/16W,0402,SMD DC - DC转换2500 NPN Transistor; Current Rating:12A; Voltage Rating:800V RoHS Compliant: Yes DC - DC转换2500 TRANSIENT SUPPRESSOR DIODE,SINGLE,UNIDIRECTIONAL,12.8V V(RWM),Axial-9.5 RoHS Compliant: Yes DC - DC转换2500 RESISTOR SILICONE 20 OHM 2W DC - DC转换2500 ICS, PROC, PRIZMA-EP, PRS64G, 1.8V, CCGA DC - DC转换2500 CABINET ALUMINUM 5.25 X 14 X 7 DC - DC转换2500 Operational Amplifier (Op-Amp) IC; Number of Amplifiers:1; Slew Rate:0.5V/us; Package/Case:8-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500 JFET; Transistor Polarity:Dual P Channel; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:2mA; Zero Gate Voltage Drain Current Max, Idss:9mA; Gate-Source Cutoff Voltage Max, Vgs(off):7.5V DC - DC转换2500 Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Slew Rate:0.5V/us; Package/Case:14-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500 Voltage Comparator; Comparator Type:General Purpose; Response Time:200ns; Comparator Output:RTL, DTL, TTL, MOS; Single Supply Voltage Min ():5V; Dual Supply Voltage Max ( V):15V; Package/Case:8-Mini DIP RoHS Compliant: Yes DC - DC转换2500 PWR-MOSFET N-CHAN ENHAN DC - DC转换2500 Mounting Bracket; For Use With:270-25, 270-50, 210-25 and 210-50; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes DC - DC转换2500 RESISTOR SILICONE 12 OHM 5W DC - DC转换2500 LED ALINGAP RA RED DIF 636NM SMD DC - DC转换2500 Metal-Oxide Varistor (MOV),260V V(RMS),4.5kA I(TM),Radial RoHS Compliant: Yes DC - DC转换2500 DIODE ZENER SINGLE 500mW 22Vz 5mA-Izt 0.05 0.1uA-Ir 15.4 PowerDI-323 3K/REEL DC - DC转换2500 Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:40V; Transistor Polarity:N Channel; Power Dissipation:0.4W; C-E Breakdown Voltage:40V; DC Current Gain Min (hfe):35; Collector Current:0.8A; Package/Case:3-TO-18 DC - DC转换2500 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:50A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 DC - DC转换2500 DC-DC Converters 25 to 100 Watts DC - DC转换25100 MOSFET-N CHAN-ENHANCEMENT DC - DC转换2500 CUR SEN/ZXCT1009 5UA CURR MONT DC - DC转换25100 IC MONITOR ENHANCED OFFSET SOT23 DC - DC转换25100 IC MONITOR LO-SENSE VOLT SOT23-5 DC - DC转换25100 IC CURRENT MON HISIDE BI SOT23-5 DC - DC转换25100 GTCL08R40-AGS-LC DC - DC转换2500 MOSFET N-CH 100V 1A SOT-89 DC - DC转换2500 MOSFET 2P-CH 20V 1.7A 8-MSOP DC - DC转换2500 MOSFET H-BRIDGE DUAL SM-8 DC - DC转换2500 MOSFET H-BRIDGE DUAL 100V SM-8 DC - DC转换2500 MOSFET H-BRIDGE DUAL 60V SM-8 DC - DC转换2500 MOSFET N-CHAN 60V 1.6A SM-8 DC - DC转换2500 T1/E1 Transformer DC - DC转换2500 IC DRIVER LED SW 350MA TSOT23-5 DC - DC转换2500 MOSFET N-CHAN 30V 2A SOT23 DC - DC转换2500 Power Resistor; Series:90; Resistance:4kohm; Resistance Tolerance: /- 5%; Power Rating:11W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes DC - DC转换2500 Optocoupler; Optocoupler Output Type:Schmitt Trigger; Isolation Voltage:7500Vrms; Package/Case:6-DIP; Collector Current:0.05A; Mounting Type:Through Hole DC - DC转换2500 RACK DESK VENTED BLK 3.5X19X13,1 DC - DC转换2500 CONNECTOR ACCESSORY DC - DC转换2500 IC BUFFER QUAD LOW PWR 14-SOICN DC - DC转换2500 IC AMPLIFIER VIDEO SGL 8-SOICN DC - DC转换2500 IC AMP DC RESTORATION 8-SOIC DC - DC转换2500 IC MULTIPLEXER VIDEO 4:1 16-SOIC DC - DC转换2500 MOSFET P-CH 20V 2.3A SC-59-6 DC - DC转换2500 DUST CVR,CONDUCTIVE,NAS837C-18 DC - DC转换2500 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE MOSFET N-CHAN 100V SOT223 MOSFET N-CH 20V 2.44 A SOT-23-6 MOSFET N-CH 20V 3.4A SOT-23 MOSFET 2N-CH 20V 7.7A 8-SOIC CONN-HDR, POST, 3P 1ROW, .10 CTR, .23 HT

VI-JWMCM_239069.PDF Datasheet

 
Part No. VI-JWMCM VI-JWMCX VI-JWMCY VI-JWMCZ VI-JW0CM VI-JW0CX VI-JW0CY VI-JW0CZ VI-J20CM VI-J20CX VI-J20CY VI-J20CZ VI-JWMMX VI-JTPMM VI-JTMCM VI-J31CM VI-J31CX VI-J31CY VI-J31CZ VI-J01CM VI-J01CX VI-J01CY VI-J01CZ VI-J01EM VI-J01EX VI-J01EY VI-J01EZ VI-J01IM VI-J01IX VI-J01IY VI-J01IZ
Description    DC-DC Converters 25 to 100 Watts
RACK STEEL HD GREY 28X19X17.5,1
IC BUFFER QUAD W/HI-CAP 14-SOICN
BOARD EVALUATION FOR ZXFV302
IC CONVERTER LCD BIAS 10MSOP
IC CONV LED DRVR ADJ SW TSOT23-5
IC AMPLIFIER VIDEO QUAD 14-SOIC
IC BUFFER OCTAL LOW PWR 20-SOICW
IC AMPLIFIER VIDEO SGL SOT23-5
BOARD EVALUATION FOR ZXFV202
SWITCH 3A BASIC SEALED .110QC
KIT COMPASS SENSOR 3-AXIS
MOSFET P-CH 100V 700MA SOT-23
MOSFET P-CH TRENCH -100V SOT23-6
MOSFET 2P-CH 30V 5.5A 8-SOIC
MOSFET P-CH 40V 6.4A SOT223
MOSFET P-CH 100V 3.7A SOT223
MOSFET P-CHAN 100V DPAK
MOSFET P-CH 200V 122MA SOT23-5
MOSFET P-CHAN 60V DPAK
MOSFET N-CH 70V 3.8A SOT-223
MOSFET N-CH 70V 6.1A SOT-223
MOSFET P-CH 200V 200MA SOT-223
TRANSISTOR, P CHANNEL ENHANCEMENT MODE MOSFET, 30V
MOSFET P-CH 30V 4.6A SOT223
MOSFET P-CH 30V 5.6A 8-SOIC
MOSFET P-CHAN 40V DPAK
MOSFET P-CH 30V 1.4A SOT-23
MOSFET 2P-CH 30V 4.4A 8-SOIC
Aluminum Electrolytic Radial Leaded 7mm Length Wide Temp Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x7 mm; Packaging: Bulk
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:10VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:6.3mm; Body Length:5.4mm RoHS Compliant: Yes
IC REF VOLT 1.22V 5MA 3% SOT-23
IC REF VOLT 1.22V 20MA 1% TO-92
IC REF VOLT 1.22V 5MA 1% SOT-23
IC REF VOLT 1.22V 5MA 1% TO-92
8 Pin, DIP, AC Input, Dual Phototransistor Detector, CTR 20-300 @ 1mA, 5V Optocoupler
IC CTRLR PWN DC-DC 5V 16-QSOP
IC REF VOLT 1.22V 20MA .5% SOT23
IC REF VOLT 1.22V 5MA 2% SOT-23
IC REF VOLT 1.22V 5MA 2% 8-SOIC
SINGLE N CHANNEL MOSFET
MOSFET N-CHAN 30V 3.5A SOT-23
MOSFET N-CH 40V 5A SOT223
MOSFET N-CH 30V 1.8A SOT-23
MOSFET N-CHAN 40V 10.9A DPAK
MOSFET N-CH 30V 3.7A SOT-23-6
MOSFET N-CH 30V 2.4A SOT-23-6
MOSFET N-CH 30V 5.3A 8-MSOP
MOSFET N-CH 30V 18.4A DPAK
SMD TRANS MOS FET N-CH ENH ZXMN3A14F
MOSFET N-CH 60V 11.2A DPAK
MOSFET 2N-CH 30V 6.2A 8-SOIC
MOSFET N-CH 30V 7.2A 8-SOIC
MOSFET N-CH 30V 5.3A 8-SOIC
MOSFET 2N-CH 30V 8.5A 8-SOIC
MOSFET-N CHN,SMT SOT23,30V
MOSFET N-CH 450V 140MA SOT-223
MOSFET 2P-CH 30V 2A 8-MSOP
MOSFET N-CH 100V 1.3A SOT223
IC MONITOR CURR HI SIDE SOT23-5
TRANSISTOR, MOSFET, N-CHANNEL REV. 1
IC MONITOR CURRENT HI SIDE SM-8
MOSFET P-CH 20V 900MA SOT-23
MOSFET, P-CH, 30V, 2.6A, SOT23-6
MOSFET N P 30V 5.4A 8-SOIC
MOSFET N-CH 100V 7.7A DPAK
MOSFET N-CH 30V 1.4A SOT-23
MOSFET 2P-CH 30V 4.8MA 8-SOIC
MOSFET N-CHAN 100V DPAK
TRANSISTOR,P-CHANNEL FET,20V SOT23
IC MOSFET P-CHNNL MICRO6
IC CURRENT MON HI SIDE SOT23-5
MOSFET N-CH 30V 5A 8-MSOP
IC AMP AUDIO STEREO 25BIT 28SSOP
IC MONITOR SIMPLE CURRENT SOT-23
MOSFET, N-CHANNEL, 20V(DSS), 1.3A I(D), 0.6V(GSTH)
MOSFET N-CH 100V 1.6A 8-SOIC
MOSFET N-CH 100V 1.5A SOT-23-6
MOSFET N-CH 20V 1.7A SOT-23
MOSFET P-CH 30V 1.1A SOT-23
MOSFET N-CH 20V 5.4A 8-MSOP
MOSFET N-CH 35V 6.7A SOT223
MOSFET N-CH 35V 13A TO-220
MOSFET 2N-CH 30V 2.3A 8-MSOP
IC MONITOR CURRENT HI SIDE 8MSOP
IC FILTER VARIABLE Q WIDE 24SOIC
MOSFET N-CH 100V 800MA SOT-23
IC CURRENT MONITOR SOT23-5
Bipolar Transistor; Power Dissipation:0.45W; Package/Case:TO-39; Current Rating:50mA; Voltage Rating:60V
Unijunction Transistor; Power Dissipation:0.300W; Collector Current:0.5A; Current Rating:50A
Unijunction Transistor; Power Dissipation:0.300W; Package/Case:TO-92; Mounting Type:Through Hole; Current Rating:1A; Voltage Rating:40V
SRAM Memory IC; Memory Type:SRAM; Interface Type:Serial; Access Time, Tacc:450ns; Package/Case:24-DIP; Mounting Type:Through Hole
Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 3300uF; Voltage: 10V; Case Size: 16x15 mm; Packaging: Bulk
Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 16x15 mm; Packaging: Bulk
FILTER CERAMIC TCAS 1090MHZ SMD
T-STR 24 2-R HDR .23X.095
DIODE SCHOTTKY SINGLE 30V 160mW 0.37V-vf 30mA-IFM 1mA-IF 0.5uA-IR SOD-323 3K/REEL
RF Bipolar Transistor; Collector Emitter Voltage, Vceo:600mV; Transistor Polarity:N Channel; Power Dissipation:1.5W; C-E Breakdown Voltage:300V; DC Current Gain Min (hfe):100; Collector Current:100mA; DC Current Gain Max (hfe):200
GT 6C 3#0 3#12 PIN PLUG
RESISTOR SILICONE 1.0 OHM 2W
Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin RoHS Compliant: No
Antenna Switch; Package: PG-TSLP-2; IF (max): 100.0 mA; CT (max): 0.35 pF; rF (typ): 0.8 Ohm; Trr (typ): 750.0 ns; Configuration: Single;
Dual Semi Biased; Package: PG-SOT363-6; ID (max): 25.0 mA; Ptot (max): 200.0 mW; gfs (typ): 30.0 mS; Gp (typ): 25.0 dB; F (typ): 1.3 dB;
B Series/ Female Crimp
PV SERIES
Gate / Inverter Logic IC; Logic Type:Gate; Logic Family:4000; Logic Base Number:4023; Package/Case:14-DIP
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:30Vrms; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :95V; Peak Energy (10/1000uS):8.5J; Clamping Voltage Max, Vc:95V; Peak Surge Current:1000A
LOGIC IC - DATASHEET REFERENCE
IGBT; Continuous Collector Current, Ic:50A; Collector Emitter Saturation Voltage, Vce(sat):3V; Power Dissipation, Pd:200W; Collector Emitter Voltage, Vceo:600V; Transistor Polarity:N Channel RoHS Compliant: Yes
Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Integrated Circuit Voltage; Mounting Type:Through Hole
Bipolar Transistor; Package/Case:TO-3; Current Rating:25A; Voltage Rating:150V RoHS Compliant: Yes
Video Buffer / Amplifier IC; Number of Amplifiers:2; Bandwidth Max:120MHz; Amplifier Output:Fully-Differential; Dual Supply Voltage Max ( /- V):8V; Package/Case:14-DIP; Bias Current:30uA; Gain:120dB; Gain Typ, V/V:400
CABINET ALUMINUM 3.5 X 17 X 9
RESISTOR WIREWOUND 125 OHM 5W
RESISTOR WIREWOUND 680 OHM 5W
Power Resistor; Series:90; Resistance:22ohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
DIODE/SM, ZEN 28V@.0045A .5W 5% SOD-123
Bipolar Transistor; Package/Case:TO-39; Current Rating:5A; Voltage Rating:80V
T-NPN-SI-HIGH VOLTAGE
Bipolar Transistor; Power Dissipation, Pd:0.2W; DC Current Gain Min (hfe):220; C-E Breakdown Voltage:65V; Collector Current:0.1A; DC Current Gain Max (hfe):475; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
T-PNP SI- AF OUTPUT
MTG BRACKET D-77159 PACK OF 10
DC-DC Converters 25 to 100 Watts DC - DC转换2500
1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE
1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE
1-OUTPUT DC-DC REG PWR SUPPLY MODULE
1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE
T-NPN- SI-HIV AF PO DC - DC转换2500
PV75W16-8S DC - DC转换2500
Amplifier IC; Transistor Polarity:NPN; Number of Transistors:5; Collector Emitter Voltage, Vceo:15V; Package/Case:14-DIP; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Through Hole DC - DC转换2500
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500
RECTIFIER DIODE,400V V(RRM),DO-41 DC - DC转换2500
Schottky Rectifier; Current Rating:30A; Mounting Type:Through Hole; Package/Case:DO-4; Capacitance:2000pF DC - DC转换2500
CONN-HDR, POST, 26P 2ROW, .1X.1SP, GD PL DC - DC转换2500
V7 Series Miniature Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Roller Lever Actuator, 0,42 N [1.5 oz] Maximum Operating Force, Silver Contacts, Quick Connect Termination DC - DC转换2500
RESISTOR, 3.32K,1%,1/16W,0402,SMD DC - DC转换2500
NPN Transistor; Current Rating:12A; Voltage Rating:800V RoHS Compliant: Yes DC - DC转换2500
TRANSIENT SUPPRESSOR DIODE,SINGLE,UNIDIRECTIONAL,12.8V V(RWM),Axial-9.5 RoHS Compliant: Yes DC - DC转换2500
RESISTOR SILICONE 20 OHM 2W DC - DC转换2500
ICS, PROC, PRIZMA-EP, PRS64G, 1.8V, CCGA DC - DC转换2500
CABINET ALUMINUM 5.25 X 14 X 7 DC - DC转换2500
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:1; Slew Rate:0.5V/us; Package/Case:8-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500
JFET; Transistor Polarity:Dual P Channel; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:2mA; Zero Gate Voltage Drain Current Max, Idss:9mA; Gate-Source Cutoff Voltage Max, Vgs(off):7.5V DC - DC转换2500
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Slew Rate:0.5V/us; Package/Case:14-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500
Voltage Comparator; Comparator Type:General Purpose; Response Time:200ns; Comparator Output:RTL, DTL, TTL, MOS; Single Supply Voltage Min ():5V; Dual Supply Voltage Max ( V):15V; Package/Case:8-Mini DIP RoHS Compliant: Yes DC - DC转换2500
PWR-MOSFET N-CHAN ENHAN DC - DC转换2500
Mounting Bracket; For Use With:270-25, 270-50, 210-25 and 210-50; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes DC - DC转换2500
RESISTOR SILICONE 12 OHM 5W DC - DC转换2500
LED ALINGAP RA RED DIF 636NM SMD DC - DC转换2500
Metal-Oxide Varistor (MOV),260V V(RMS),4.5kA I(TM),Radial RoHS Compliant: Yes DC - DC转换2500
DIODE ZENER SINGLE 500mW 22Vz 5mA-Izt 0.05 0.1uA-Ir 15.4 PowerDI-323 3K/REEL DC - DC转换2500
Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:40V; Transistor Polarity:N Channel; Power Dissipation:0.4W; C-E Breakdown Voltage:40V; DC Current Gain Min (hfe):35; Collector Current:0.8A; Package/Case:3-TO-18 DC - DC转换2500
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:50A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 DC - DC转换2500
DC-DC Converters 25 to 100 Watts DC - DC转换25100
MOSFET-N CHAN-ENHANCEMENT DC - DC转换2500
CUR SEN/ZXCT1009 5UA CURR MONT DC - DC转换25100
IC MONITOR ENHANCED OFFSET SOT23 DC - DC转换25100
IC MONITOR LO-SENSE VOLT SOT23-5 DC - DC转换25100
IC CURRENT MON HISIDE BI SOT23-5 DC - DC转换25100
GTCL08R40-AGS-LC DC - DC转换2500
MOSFET N-CH 100V 1A SOT-89 DC - DC转换2500
MOSFET 2P-CH 20V 1.7A 8-MSOP DC - DC转换2500
MOSFET H-BRIDGE DUAL SM-8 DC - DC转换2500
MOSFET H-BRIDGE DUAL 100V SM-8 DC - DC转换2500
MOSFET H-BRIDGE DUAL 60V SM-8 DC - DC转换2500
MOSFET N-CHAN 60V 1.6A SM-8 DC - DC转换2500
T1/E1 Transformer DC - DC转换2500
IC DRIVER LED SW 350MA TSOT23-5 DC - DC转换2500
MOSFET N-CHAN 30V 2A SOT23 DC - DC转换2500
Power Resistor; Series:90; Resistance:4kohm; Resistance Tolerance: /- 5%; Power Rating:11W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes DC - DC转换2500
Optocoupler; Optocoupler Output Type:Schmitt Trigger; Isolation Voltage:7500Vrms; Package/Case:6-DIP; Collector Current:0.05A; Mounting Type:Through Hole DC - DC转换2500
RACK DESK VENTED BLK 3.5X19X13,1 DC - DC转换2500
CONNECTOR ACCESSORY DC - DC转换2500
IC BUFFER QUAD LOW PWR 14-SOICN DC - DC转换2500
IC AMPLIFIER VIDEO SGL 8-SOICN DC - DC转换2500
IC AMP DC RESTORATION 8-SOIC DC - DC转换2500
IC MULTIPLEXER VIDEO 4:1 16-SOIC DC - DC转换2500
MOSFET P-CH 20V 2.3A SC-59-6 DC - DC转换2500
DUST CVR,CONDUCTIVE,NAS837C-18 DC - DC转换2500
1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE
MOSFET N-CHAN 100V SOT223
MOSFET N-CH 20V 2.44 A SOT-23-6
MOSFET N-CH 20V 3.4A SOT-23
MOSFET 2N-CH 20V 7.7A 8-SOIC
CONN-HDR, POST, 3P 1ROW, .10 CTR, .23 HT

File Size 26.67K  /  2 Page  

Maker


http://
VICOR[Vicor Corporation]
DC/DC变换
Intersil, Corp.
Vicor, Corp.
Analog Devices, Inc.
Sunbrite Group Lumex, Inc.
IXYS, Corp.
Mitsubishi Electric, Corp.
ITT, Corp.
L-com, Inc.



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: VI-JW0-IX
Maker: N/A
Pack: N/A
Stock: 28
Unit price for :
    50: $177.23
  100: $168.37
1000: $159.51

Email: oulindz@gmail.com

Contact us

Homepage http://www.vicorpower.com
Download [ ]
[ VI-JWMCM VI-JWMCX VI-JWMCY VI-JWMCZ VI-JW0CM VI-JW0CX VI-JW0CY VI-JW0CZ VI-J20CM VI-J20CX VI-J20CY V Datasheet PDF Downlaod from Datasheet.HK ]
[VI-JWMCM VI-JWMCX VI-JWMCY VI-JWMCZ VI-JW0CM VI-JW0CX VI-JW0CY VI-JW0CZ VI-J20CM VI-J20CX VI-J20CY V Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for VI-JWMCM ]

[ Price & Availability of VI-JWMCM by FindChips.com ]

 Full text search :    DC-DC Converters 25 to 100 Watts RACK STEEL HD GREY 28X19X17.5,1 IC BUFFER QUAD W/HI-CAP 14-SOICN BOARD EVALUATION FOR ZXFV302 IC CONVERTER LCD BIAS 10MSOP IC CONV LED DRVR ADJ SW TSOT23-5 IC AMPLIFIER VIDEO QUAD 14-SOIC IC BUFFER OCTAL LOW PWR 20-SOICW IC AMPLIFIER VIDEO SGL SOT23-5 BOARD EVALUATION FOR ZXFV202 SWITCH 3A BASIC SEALED .110QC KIT COMPASS SENSOR 3-AXIS MOSFET P-CH 100V 700MA SOT-23 MOSFET P-CH TRENCH -100V SOT23-6 MOSFET 2P-CH 30V 5.5A 8-SOIC MOSFET P-CH 40V 6.4A SOT223 MOSFET P-CH 100V 3.7A SOT223 MOSFET P-CHAN 100V DPAK MOSFET P-CH 200V 122MA SOT23-5 MOSFET P-CHAN 60V DPAK MOSFET N-CH 70V 3.8A SOT-223 MOSFET N-CH 70V 6.1A SOT-223 MOSFET P-CH 200V 200MA SOT-223 TRANSISTOR, P CHANNEL ENHANCEMENT MODE MOSFET, 30V MOSFET P-CH 30V 4.6A SOT223 MOSFET P-CH 30V 5.6A 8-SOIC MOSFET P-CHAN 40V DPAK MOSFET P-CH 30V 1.4A SOT-23 MOSFET 2P-CH 30V 4.4A 8-SOIC Aluminum Electrolytic Radial Leaded 7mm Length Wide Temp Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x7 mm; Packaging: Bulk Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:10VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:6.3mm; Body Length:5.4mm RoHS Compliant: Yes IC REF VOLT 1.22V 5MA 3% SOT-23 IC REF VOLT 1.22V 20MA 1% TO-92 IC REF VOLT 1.22V 5MA 1% SOT-23 IC REF VOLT 1.22V 5MA 1% TO-92 8 Pin, DIP, AC Input, Dual Phototransistor Detector, CTR 20-300 @ 1mA, 5V Optocoupler IC CTRLR PWN DC-DC 5V 16-QSOP IC REF VOLT 1.22V 20MA .5% SOT23 IC REF VOLT 1.22V 5MA 2% SOT-23 IC REF VOLT 1.22V 5MA 2% 8-SOIC SINGLE N CHANNEL MOSFET MOSFET N-CHAN 30V 3.5A SOT-23 MOSFET N-CH 40V 5A SOT223 MOSFET N-CH 30V 1.8A SOT-23 MOSFET N-CHAN 40V 10.9A DPAK MOSFET N-CH 30V 3.7A SOT-23-6 MOSFET N-CH 30V 2.4A SOT-23-6 MOSFET N-CH 30V 5.3A 8-MSOP MOSFET N-CH 30V 18.4A DPAK SMD TRANS MOS FET N-CH ENH ZXMN3A14F MOSFET N-CH 60V 11.2A DPAK MOSFET 2N-CH 30V 6.2A 8-SOIC MOSFET N-CH 30V 7.2A 8-SOIC MOSFET N-CH 30V 5.3A 8-SOIC MOSFET 2N-CH 30V 8.5A 8-SOIC MOSFET-N CHN,SMT SOT23,30V MOSFET N-CH 450V 140MA SOT-223 MOSFET 2P-CH 30V 2A 8-MSOP MOSFET N-CH 100V 1.3A SOT223 IC MONITOR CURR HI SIDE SOT23-5 TRANSISTOR, MOSFET, N-CHANNEL REV. 1 IC MONITOR CURRENT HI SIDE SM-8 MOSFET P-CH 20V 900MA SOT-23 MOSFET, P-CH, 30V, 2.6A, SOT23-6 MOSFET N P 30V 5.4A 8-SOIC MOSFET N-CH 100V 7.7A DPAK MOSFET N-CH 30V 1.4A SOT-23 MOSFET 2P-CH 30V 4.8MA 8-SOIC MOSFET N-CHAN 100V DPAK TRANSISTOR,P-CHANNEL FET,20V SOT23 IC MOSFET P-CHNNL MICRO6 IC CURRENT MON HI SIDE SOT23-5 MOSFET N-CH 30V 5A 8-MSOP IC AMP AUDIO STEREO 25BIT 28SSOP IC MONITOR SIMPLE CURRENT SOT-23 MOSFET, N-CHANNEL, 20V(DSS), 1.3A I(D), 0.6V(GSTH) MOSFET N-CH 100V 1.6A 8-SOIC MOSFET N-CH 100V 1.5A SOT-23-6 MOSFET N-CH 20V 1.7A SOT-23 MOSFET P-CH 30V 1.1A SOT-23 MOSFET N-CH 20V 5.4A 8-MSOP MOSFET N-CH 35V 6.7A SOT223 MOSFET N-CH 35V 13A TO-220 MOSFET 2N-CH 30V 2.3A 8-MSOP IC MONITOR CURRENT HI SIDE 8MSOP IC FILTER VARIABLE Q WIDE 24SOIC MOSFET N-CH 100V 800MA SOT-23 IC CURRENT MONITOR SOT23-5 Bipolar Transistor; Power Dissipation:0.45W; Package/Case:TO-39; Current Rating:50mA; Voltage Rating:60V Unijunction Transistor; Power Dissipation:0.300W; Collector Current:0.5A; Current Rating:50A Unijunction Transistor; Power Dissipation:0.300W; Package/Case:TO-92; Mounting Type:Through Hole; Current Rating:1A; Voltage Rating:40V SRAM Memory IC; Memory Type:SRAM; Interface Type:Serial; Access Time, Tacc:450ns; Package/Case:24-DIP; Mounting Type:Through Hole Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 3300uF; Voltage: 10V; Case Size: 16x15 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 16x15 mm; Packaging: Bulk FILTER CERAMIC TCAS 1090MHZ SMD T-STR 24 2-R HDR .23X.095 DIODE SCHOTTKY SINGLE 30V 160mW 0.37V-vf 30mA-IFM 1mA-IF 0.5uA-IR SOD-323 3K/REEL RF Bipolar Transistor; Collector Emitter Voltage, Vceo:600mV; Transistor Polarity:N Channel; Power Dissipation:1.5W; C-E Breakdown Voltage:300V; DC Current Gain Min (hfe):100; Collector Current:100mA; DC Current Gain Max (hfe):200 GT 6C 3#0 3#12 PIN PLUG RESISTOR SILICONE 1.0 OHM 2W Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin RoHS Compliant: No Antenna Switch; Package: PG-TSLP-2; IF (max): 100.0 mA; CT (max): 0.35 pF; rF (typ): 0.8 Ohm; Trr (typ): 750.0 ns; Configuration: Single; Dual Semi Biased; Package: PG-SOT363-6; ID (max): 25.0 mA; Ptot (max): 200.0 mW; gfs (typ): 30.0 mS; Gp (typ): 25.0 dB; F (typ): 1.3 dB; B Series/ Female Crimp PV SERIES Gate / Inverter Logic IC; Logic Type:Gate; Logic Family:4000; Logic Base Number:4023; Package/Case:14-DIP Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:30Vrms; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :95V; Peak Energy (10/1000uS):8.5J; Clamping Voltage Max, Vc:95V; Peak Surge Current:1000A LOGIC IC - DATASHEET REFERENCE IGBT; Continuous Collector Current, Ic:50A; Collector Emitter Saturation Voltage, Vce(sat):3V; Power Dissipation, Pd:200W; Collector Emitter Voltage, Vceo:600V; Transistor Polarity:N Channel RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Integrated Circuit Voltage; Mounting Type:Through Hole Bipolar Transistor; Package/Case:TO-3; Current Rating:25A; Voltage Rating:150V RoHS Compliant: Yes Video Buffer / Amplifier IC; Number of Amplifiers:2; Bandwidth Max:120MHz; Amplifier Output:Fully-Differential; Dual Supply Voltage Max ( /- V):8V; Package/Case:14-DIP; Bias Current:30uA; Gain:120dB; Gain Typ, V/V:400 CABINET ALUMINUM 3.5 X 17 X 9 RESISTOR WIREWOUND 125 OHM 5W RESISTOR WIREWOUND 680 OHM 5W Power Resistor; Series:90; Resistance:22ohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes DIODE/SM, ZEN 28V@.0045A .5W 5% SOD-123 Bipolar Transistor; Package/Case:TO-39; Current Rating:5A; Voltage Rating:80V T-NPN-SI-HIGH VOLTAGE Bipolar Transistor; Power Dissipation, Pd:0.2W; DC Current Gain Min (hfe):220; C-E Breakdown Voltage:65V; Collector Current:0.1A; DC Current Gain Max (hfe):475; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes T-PNP SI- AF OUTPUT MTG BRACKET D-77159 PACK OF 10 DC-DC Converters 25 to 100 Watts DC - DC转换2500 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE T-NPN- SI-HIV AF PO DC - DC转换2500 PV75W16-8S DC - DC转换2500 Amplifier IC; Transistor Polarity:NPN; Number of Transistors:5; Collector Emitter Voltage, Vceo:15V; Package/Case:14-DIP; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Through Hole DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 RECTIFIER DIODE,400V V(RRM),DO-41 DC - DC转换2500 Schottky Rectifier; Current Rating:30A; Mounting Type:Through Hole; Package/Case:DO-4; Capacitance:2000pF DC - DC转换2500 CONN-HDR, POST, 26P 2ROW, .1X.1SP, GD PL DC - DC转换2500 V7 Series Miniature Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Roller Lever Actuator, 0,42 N [1.5 oz] Maximum Operating Force, Silver Contacts, Quick Connect Termination DC - DC转换2500 RESISTOR, 3.32K,1%,1/16W,0402,SMD DC - DC转换2500 NPN Transistor; Current Rating:12A; Voltage Rating:800V RoHS Compliant: Yes DC - DC转换2500 TRANSIENT SUPPRESSOR DIODE,SINGLE,UNIDIRECTIONAL,12.8V V(RWM),Axial-9.5 RoHS Compliant: Yes DC - DC转换2500 RESISTOR SILICONE 20 OHM 2W DC - DC转换2500 ICS, PROC, PRIZMA-EP, PRS64G, 1.8V, CCGA DC - DC转换2500 CABINET ALUMINUM 5.25 X 14 X 7 DC - DC转换2500 Operational Amplifier (Op-Amp) IC; Number of Amplifiers:1; Slew Rate:0.5V/us; Package/Case:8-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500 JFET; Transistor Polarity:Dual P Channel; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:2mA; Zero Gate Voltage Drain Current Max, Idss:9mA; Gate-Source Cutoff Voltage Max, Vgs(off):7.5V DC - DC转换2500 Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Slew Rate:0.5V/us; Package/Case:14-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500 Voltage Comparator; Comparator Type:General Purpose; Response Time:200ns; Comparator Output:RTL, DTL, TTL, MOS; Single Supply Voltage Min ():5V; Dual Supply Voltage Max ( V):15V; Package/Case:8-Mini DIP RoHS Compliant: Yes DC - DC转换2500 PWR-MOSFET N-CHAN ENHAN DC - DC转换2500 Mounting Bracket; For Use With:270-25, 270-50, 210-25 and 210-50; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes DC - DC转换2500 RESISTOR SILICONE 12 OHM 5W DC - DC转换2500 LED ALINGAP RA RED DIF 636NM SMD DC - DC转换2500 Metal-Oxide Varistor (MOV),260V V(RMS),4.5kA I(TM),Radial RoHS Compliant: Yes DC - DC转换2500 DIODE ZENER SINGLE 500mW 22Vz 5mA-Izt 0.05 0.1uA-Ir 15.4 PowerDI-323 3K/REEL DC - DC转换2500 Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:40V; Transistor Polarity:N Channel; Power Dissipation:0.4W; C-E Breakdown Voltage:40V; DC Current Gain Min (hfe):35; Collector Current:0.8A; Package/Case:3-TO-18 DC - DC转换2500 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:50A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 DC - DC转换2500 DC-DC Converters 25 to 100 Watts DC - DC转换25100 MOSFET-N CHAN-ENHANCEMENT DC - DC转换2500 CUR SEN/ZXCT1009 5UA CURR MONT DC - DC转换25100 IC MONITOR ENHANCED OFFSET SOT23 DC - DC转换25100 IC MONITOR LO-SENSE VOLT SOT23-5 DC - DC转换25100 IC CURRENT MON HISIDE BI SOT23-5 DC - DC转换25100 GTCL08R40-AGS-LC DC - DC转换2500 MOSFET N-CH 100V 1A SOT-89 DC - DC转换2500 MOSFET 2P-CH 20V 1.7A 8-MSOP DC - DC转换2500 MOSFET H-BRIDGE DUAL SM-8 DC - DC转换2500 MOSFET H-BRIDGE DUAL 100V SM-8 DC - DC转换2500 MOSFET H-BRIDGE DUAL 60V SM-8 DC - DC转换2500 MOSFET N-CHAN 60V 1.6A SM-8 DC - DC转换2500 T1/E1 Transformer DC - DC转换2500 IC DRIVER LED SW 350MA TSOT23-5 DC - DC转换2500 MOSFET N-CHAN 30V 2A SOT23 DC - DC转换2500 Power Resistor; Series:90; Resistance:4kohm; Resistance Tolerance: /- 5%; Power Rating:11W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes DC - DC转换2500 Optocoupler; Optocoupler Output Type:Schmitt Trigger; Isolation Voltage:7500Vrms; Package/Case:6-DIP; Collector Current:0.05A; Mounting Type:Through Hole DC - DC转换2500 RACK DESK VENTED BLK 3.5X19X13,1 DC - DC转换2500 CONNECTOR ACCESSORY DC - DC转换2500 IC BUFFER QUAD LOW PWR 14-SOICN DC - DC转换2500 IC AMPLIFIER VIDEO SGL 8-SOICN DC - DC转换2500 IC AMP DC RESTORATION 8-SOIC DC - DC转换2500 IC MULTIPLEXER VIDEO 4:1 16-SOIC DC - DC转换2500 MOSFET P-CH 20V 2.3A SC-59-6 DC - DC转换2500 DUST CVR,CONDUCTIVE,NAS837C-18 DC - DC转换2500 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE MOSFET N-CHAN 100V SOT223 MOSFET N-CH 20V 2.44 A SOT-23-6 MOSFET N-CH 20V 3.4A SOT-23 MOSFET 2N-CH 20V 7.7A 8-SOIC CONN-HDR, POST, 3P 1ROW, .10 CTR, .23 HT


 Related Part Number
PART Description Maker
MAX639C MAX639CSA 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Maxim Integrated Products
Maxim Integrated Produc...
AS7620 AS762013 AS7620B-BQFT 650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
austriamicrosystems AG
AS1341 AS1341-13 AS1341-BTDT-1K AS1341-BTDT-6K 650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
austriamicrosystems AG
ams AG
AS1329B-BTTT Low Vol tage, Micropower, DC-DC Step-Up Conver ters
ams AG
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT Low Vol tage, Micropower, DC-DC Step-Up Conver ters
ams AG
AS1390A-BQFT AS1390B AS1390B-BSOT High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
ams AG
 
 Related keyword From Full Text Search System
VI-JWMCM circuit VI-JWMCM board VI-JWMCM npn transistor VI-JWMCM Controller VI-JWMCM Speed
VI-JWMCM module VI-JWMCM lamp VI-JWMCM siemens VI-JWMCM power VI-JWMCM Electronic
 

 

Price & Availability of VI-JWMCM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.15034890174866