Part Number Hot Search : 
APTM5 Z50FG CZRW5254 1H273 CXX0G CXA10 RS601M10 ADG222TQ
Product Description
Full Text Search
  pwn Datasheet PDF File

For pwn Found Datasheets File :: 86    Search Time::1.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 |   

    MARKTECH[Marktech Corporate]
Part No. LM1-pwn-01-N1
OCR Text pwn-01-N1 Features Industry Standard 1210 PLCC Package (3.2 x 2.8mm) High Operating Temperature Range: -40 ~ +100 C High luminosity with low power consumption 120 Viewing Angle Wave and Re-flow Solderable Applications Indicators Illumin...
Description Ultra Bright White TOPLED LED

File Size 50.31K  /  2 Page

View it Online

Download Datasheet





    Lineage Power
Part No. LG1627BXC
OCR Text ...ctional diagram bg2p5 pwp mod_e pwn gnd i out mk mk v ss1 clk_e clk clk v in v in v th v ss2 v ss3 v mod v pre i out-pre lg1627bxc data sheet lg1627bxc clocked laser driver february 1999 2 lucent technologies inc. block diagram 5-7675(f)r...
Description Clocked Laser Driver(甯??????ョ?婵??椹卞??ī

File Size 245.45K  /  10 Page

View it Online

Download Datasheet

    LC72P366

SANYO[Sanyo Semicon Device]
Part No. LC72P366
OCR Text ...set by the IOS instruction with pwn = 2 for all four pins at the same time and cannot be set on an individual pin basis. Input is disabled in clock stop mode. 30 29 28 27 PA0 PA1 PA2 PA3 I Pull-down resistor included Input 26 25 24...
Description On-Chip One-Time Programmable PROM Single-Chip PLL Controller

File Size 152.53K  /  14 Page

View it Online

Download Datasheet

    Agere
Part No. TCMD0110G
OCR Text ...JUST NETWORK CKSEL PWP pwn VSS1 VSSR VSS2 VMOD VSSBN 2638(F) Figure 1. TCMD0110G Block Diagram Table 1. Functional Description of Selected Pads Pad Name CKSEL VSSBP VSSBN TRM TRMB Function -5.2 V = enable, float = disable...
Description Telecomm/Datacomm

File Size 232.47K  /  17 Page

View it Online

Download Datasheet

    L192

TriQuint Semiconductor
Part No. L192
OCR Text ...dth p (pwp) i 13 pulse width n (pwn) i 14 mod enable i 15 mod monitor o 16 mod control i block diagram v ee v eeref i bias i bf v temp v cc temp sensor 1 2 3 4 5 6 laser gnd data data gnd nc pwp pwn mod_ena future clock select, if required ...
Description Uncooled DFB Laser

File Size 218.13K  /  8 Page

View it Online

Download Datasheet

    EUDYNA[Eudyna Devices Inc]
Part No. F0539951Q
OCR Text ...er RMODB MOD MODB DIS PWP pwn 3 Bias Buffer BIAS VSS MODSEN VSSM VM VSSB VB PAD Descriptions Symbol VDD VSS, VSSM, VSSB DIN DINB MOD MODB BIAS VM VB DIS PWP, pwn MODSEN Positive data input Negative data input Positive mo...
Description 10.0Gb/s NRZ Data Rate Laser Diode Driver

File Size 150.57K  /  9 Page

View it Online

Download Datasheet

    Cree, Inc.
Part No. LM1-pwn1-01-N1
OCR Text pwn-0-N Data Sheet 120-degree, 3.2 x 2.7 mm, SMT LED in white color with water-transparent lens Applications * * * * Indicators Illuminations LCD Back Lights Automobile Applications Absolute Maximum Ratings (TA = 25C) Items Forward...
Description SMD LED
贴片LED

File Size 309.30K  /  6 Page

View it Online

Download Datasheet

    OKI SEMICONDUCTOR CO., LTD.
Part No. MSM64Q424-NGS-K MSM64422-XXXMS-K MSM64424-XXXMS-K MSM64424-XXXGS-K
OCR Text ...e (nx-4/20) rom 2kbytes ram 64n pwn generation circuit 8-bit timer counter 8-bit synchronous serial port low voltage detection circuit port1 port0 p1.0-p1.3 p0.0-p0.3 osc0/xt osc1 / xt osc2 v dd gnd test reset databus *sin *sout *sclk *pwm ...
Description Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller 内置256/512-Bit EEPROM和LCD驱动位微控制

File Size 116.31K  /  13 Page

View it Online

Download Datasheet

    LC72366 LC72358N LC72362N

SANYO[Sanyo Semicon Device]
Part No. LC72366 LC72358N LC72362N
OCR Text ...set by the IOS instruction with pwn = 2 for all four pins at the same time and cannot be set on an individual pin basis. Input is disabled in clock stop mode. 30 29 28 27 PA0 PA1 PA2 PA3 I Pull-down resistor included Input 26 25 24...
Description MROM, 5 MHz, MICROCONTROLLER, PQFP80
CMOS LSI
Single-Chip PLL Microcontrollers

File Size 178.79K  /  13 Page

View it Online

Download Datasheet

    CREE[Cree, Inc]
Part No. LP6-pwn1-03-N1
OCR Text pwn-03-N Data Sheet 120-degree, 6.0 x 5.0 mm, SMT LED in white color with water-transparent lens Applications * * * * Indicators Illuminations LCD Back Lights Automobile Applications Absolute Maximum Ratings (TA = 25C) Items Forwar...
Description SMD LED

File Size 338.76K  /  6 Page

View it Online

Download Datasheet

For pwn Found Datasheets File :: 86    Search Time::1.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pwn

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.92872214317322