Part Number Hot Search : 
24C04W APTGT ES211 NJM2534L SNA31 1N957 11AA020 01005
Product Description
Full Text Search
  dust Datasheet PDF File

For dust Found Datasheets File :: 5999    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    http://
OMRON[Omron Electronics LLC]
Part No. D4BS-8AFS D4BS D4BS-15FS D4BS-1AFS D4BS-25FS D4BS-2AFS D4BS-45FS D4BS-4AFS D4BS-55FS D4BS-5AFS D4BS-65FS D4BS-6AFS D4BS-85FS
OCR Text ...he switch box is protected from dust, oil, or water penetration, do not use the D4BS in places where dust, oil, water, or chemicals may penetrate through the key hole on the head, otherwise Switch damage or malfunctioning may occur. 3. The ...
Description Safety-door Switch

File Size 205.08K  /  9 Page

View it Online

Download Datasheet





    Sharp, Corp.
SHARP[Sharp Electrionic Components]
Part No. GP2U05
OCR Text dust detection sensitivity : 1 V/(0.1 mg/m ) 2. Particulates of low concentration can be detected. Lowest detectable dust concentration : TYP. 0.05 mg/m 3 3. Popular type 3 Particulate Detectable High Sensitivity Type dust Sensor s Out...
Description Particulate Detectable High Sensitivity Type dust Sensor 微粒检测的高灵敏度传感器式除尘

File Size 32.34K  /  2 Page

View it Online

Download Datasheet

    SHARP[Sharp Electrionic Components]
Part No. GP2U06
OCR Text dust sensor which integrated optical sensor portion and signal amplifier portion. It is suitable for indoor air purifier sensor because of compact, thin, low dissipation current type. High Sensitivity dust Sensor Outline Dimensions Det...
Description Compact and Thin Type dust Sensor for Detecting Particles
High Sensitivity dust Sensor

File Size 18.53K  /  2 Page

View it Online

Download Datasheet

    HMUB-TS-1 HMUA.J_PR-MD HMUA-10SR-4I HMUA-10SR-B4 HMUA-16A-2 HMUA-16A-B2 HMUA-16SR-55 HMUA-16SR-B5 HMUA-2A-4 HMUA-2A-40-4

HIROSE[Hirose Electric]
Part No. HMUB-TS-1 HMUA.J_PR-MD HMUA-10SR-4I HMUA-10SR-B4 HMUA-16A-2 HMUA-16A-B2 HMUA-16SR-55 HMUA-16SR-B5 HMUA-2A-4 HMUA-2A-40-4 HMUA-2A-40-4-S1 HMUA-2AH-4 HMUA-2AS-4 HMUA-2AS-6 HMUA-2P0.9-H1_01 HMUA-2P0.9-H2_01 HMUA-2P2-H1 HMUA-2P2-H1_07 HMUA-2P2-H2_07 HMUA-4A-40-4 HMUA-8A-2 HMUA-8A-B2 HMUA-8AH-3 HMUA-8AS-3 HMUA-8SR-2 HMUA-8SR-3I HMUA-8SR-B2 HMUA-8SR-B3 HMUA-A-3 HMUA-AH-3 HMUA-AS-3 HMUA-DP-2 HMUA-F3-A125_10 HMUA-F3-A1255_10 HMUA-F3-A126_10 HMUA-F3A2-A125_10 HMUA-F3A2-A1255_10 HMUA-F3A2-A126_10 HMUA-FK-A125_04 HMUA-FK-A1255_04 HMUA-FK-A126_04 HMUA-FK-T3 HMUA-P0.9-H1_01 HMUA-P0.9-H2_01 HMUA-P1.1-H2 HMUA-P2-H1_07 HMUA-P2-H2_07 HMUA-SR-1 HMUA-TP-1 HMUB-DJ-1 HMUB-DP-1 HMUB-L2HA-1 HMUB-L2HB-1 HMUB-L2PA-1 HMUB-L8HA-1 HMUB-L8HB-1 HMUB-L8PA-1 HMUB-TJ-1 HMUB-TP-1 HMUA-2AK-1 HMUA-SR-B1 HMUA.J/PR-MD
OCR Text ... Terminators Split sleeve dust cap 6 sFunction diagram MU Duplex plug HMUA-2P2-H1 or HMUA-2P2-H2 and HMUA-F3-A1** Terminator HMUA-TM-P2 Simplex plug HMUA-P2-H1 or HMUA-P2-H2 and HMUA-F3-A1** 8-position Backpane...
Description MU Type Fiber Optic Connectors

File Size 814.52K  /  20 Page

View it Online

Download Datasheet

    OPTEK[OPTEK Technologies]
Part No. OPB816Z
OCR Text ...th 24" (609 mm) minimum, 26 AWG dust protection Two mounting tabs Product Photo Here Description: The OPB816Z slotted switch consists of an infrared emitting diode and an NPN silicon phototransistor mounted in an opaque housing with ...
Description Slotted Optical Switch

File Size 378.16K  /  3 Page

View it Online

Download Datasheet

    OPB816

TT electronics OPTEK Technology
ETC
OPTEK[OPTEK Technologies]
Part No. OPB816
OCR Text ...eads .86" (21.8 mm) deep slot *dust protection [19.30] .760 [609.6] 24.0 MIN WIRE: 26 AWG, 7 STRAND PVC INSUL., UL RATED [1.4 0.51] .055 .02 Description The OPB816 consists of an infrared emitting diode and an NPN silicon photo...
Description Slotted Op tical Switch 5.08 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH TRANSISTOR OUTPUT

File Size 47.67K  /  2 Page

View it Online

Download Datasheet

    OPTEK[OPTEK Technologies]
Part No. OPB817Z
OCR Text ... slot 24" (609 mm) 26 AWG wires dust protection Two mounting tabs Product Photo Here Description: The OPB817Z slotted switch consists of an infrared emitting diode and a NPN silicon phototransistor mounted in an opaque housing with c...
Description Slotted Optical Switch

File Size 390.19K  /  3 Page

View it Online

Download Datasheet

    Motorola
Part No. GP638
OCR Text dust-tight and water submersible free datasheet http:/// ip67 rated and fm approved gp628 plus ip67 rated and fm approved gp638 plus standing up to the challenge imagine this scenario C the shrill scream of the fire alarm pierced the nig...
Description A Rugged Radio

File Size 1,284.54K  /  8 Page

View it Online

Download Datasheet

    PM3

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
Part No. PM3
OCR Text ...on that does not require water, dust, or moisture proof from the operating area. ? features both leaded and wired contacts with optional connectors. ? offered with 3mm and 5mm leds. a wide selection of colors, lens appearanc...
Description PANEL MOUNT INDICATORS

File Size 2,720.77K  /  10 Page

View it Online

Download Datasheet

For dust Found Datasheets File :: 5999    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dust

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.0832760334015