Part Number Hot Search : 
SFS3027 15KPJ58 1N4586 HG62E08 SMD07 3843AM 97A37 97A37
Product Description
Full Text Search
  saturation Datasheet PDF File

For saturation Found Datasheets File :: 65069    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ...sfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time (TC=25C) Symbol ICBO ICEO IEBO VCEO hFE * Conditions VCB = 80V, IE = 0 VCE = 40V, IB = 0 ...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet





    MMBT3904-HF

Comchip Technology
Part No. MMBT3904-HF
OCR Text ... A nA A Collector-Emitter saturation voltage Base-Emitter saturation voltage Transition frequency Delay time Rise time Storage time Fall time IC=50mA , IB=5mA IC=50mA , IB=5mA VCE=20V , IC=10mA f=100MHZ VCC=3.0V , VBE=-0.5V IC=10mA...
Description General Purpose Transistor

File Size 177.45K  /  4 Page

View it Online

Download Datasheet

    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...m) FEATURES * Low collector saturation voltage * Fast switching speed * Complementary transistor: 2SC2334 ABSOLUTE MAXIMUM RATINGS (Ta = 25C) Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage ...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    KMBT5551

Guangdong Kexin Industrial Co.,Ltd
Part No. KMBT5551
OCR Text ...mA, VCE = 5 V Collector-emitter saturation voltage * Base-emitter saturation voltage * Transiston frequency * Pulse Test: Pulse Width = 300 s, Duty Cycle=2.0%. VCE(sat) IC = 50 mA, IB = 5.0 mA VBE(sat) IC = 50 mA, IB = 5.0 mA fT VCE=10V,IC=...
Description NPN Transistors

File Size 69.04K  /  2 Page

View it Online

Download Datasheet

    IMX25 IMX2510

Rohm
Part No. IMX25 IMX2510
OCR Text ...utoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Output On-resistance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Ron Min. 50 20 25 - - - 820 - - - Typ. - - - - ...
Description    General purpose transistor (isolated dual transistors)

File Size 143.88K  /  4 Page

View it Online

Download Datasheet

    BTB1238AL3

Cystech Electonics Corp.
Part No. BTB1238AL3
OCR Text ...hfe ta=75c ta=25c 125c vce=5v saturation voltage vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) saturation voltage---(mv) vcesat@ic=50ib 125c 75c 25c saturation voltage vs collector current 10 100 1000 1 10 1...
Description Silicon PNP Epitaxial Planar Transistor

File Size 214.67K  /  7 Page

View it Online

Download Datasheet

    B66365G1500X187 B66365G1000X187

EPCOS
Part No. B66365G1500X187 B66365G1000X187
OCR Text ...gap ? a l value calculation of saturation current k1 (25 c) k2 (25 c) k3 (25 c) k4 (25 c) k3 (100 c) k4 (100 c) n27 262 ? 0.74 420 ? 0.847 391 ? 0.865 n87 262 ? 0.74 420 ? 0.796 382 ? 0.873 b66365 core etd 44/22/1...
Description Ferrites and accessories

File Size 164.69K  /  9 Page

View it Online

Download Datasheet

    2SA1031 2SA1032 2SA1031B 2SA1031D

HITACHI[Hitachi Semiconductor]
Microsemi, Corp.
Part No. 2SA1031 2SA1032 2SA1031B 2SA1031D
OCR Text ...oltage VBE Collector to emitter saturation voltage VCE(sat) Gain bandwidth product f T Collector output capacitance Noise figure Cob NF Note: 1. The 2SA1031 and 2SA1032 are grouped by h FE as follows. B C 160 to 320 160 to 320 D 25...
Description Silicon PNP Transistor
Silicon PNP Epitaxial
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
5-Pin &#181;P Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路

File Size 30.18K  /  7 Page

View it Online

Download Datasheet

    NSS1C200LT1G

ON Semiconductor
Part No. NSS1C200LT1G
OCR Text ...unt devices featuring ultra low saturation voltage (VCE(sat)) and high current gain capability. These are designed for use in low voltage, high speed switching applications where affordable efficient energy control is important. Typical app...
Description 100 V, 3.0 A, Low VCE(sat) PNP Transistor

File Size 69.75K  /  5 Page

View it Online

Download Datasheet

    2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK

Leshan Radio Company, Ltd.
乐山无线电股份有限公
Part No. 2SA1037AKQLT1 2SA1037AKRLT1 2SA1037AKSLT1 2SA1037AK
OCR Text ...(VEB = - 6 V) Collector-emitter saturation voltage (IC/ IB = - 50 mA / - 5m A) DC current transfer ratio (V CE = - 6 V, I C= -1mA) Transition frequency (V CE = - 12 V, I E= 2mA, f=30MHz ) Output capacitance (V CB = - 12 V, I E= 0A, f =1MHz ...
Description General Purpose Transistors(PNP Silicon) 通用晶体管(民进党硅
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No
Circular Connector; No. of Contacts:128; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-35 RoHS Compliant: No

File Size 143.20K  /  3 Page

View it Online

Download Datasheet

For saturation Found Datasheets File :: 65069    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of saturation

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.41103601455688