PART |
Description |
Maker |
BYW97 BYW97F BYW97G BYW97_3 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes Fast soft-recovery controlled avalanche rectifiers From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material
|
NXP Semiconductors Philips Semiconductors
|
BYW95A BYW95C BYW95 BYW95B BYW95_1 BYW95A/30 BYW95 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes Fast soft-recovery controlled avalanche rectifiers From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
LC37G-183C1_60 LC30G LC30G191C1_10 LC30G191C1_100 |
From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper Solid, Shielding: Beldfoil, Jacket: Red PVC Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:27uF; Conductor Material:Copper RoHS Compliant: Yes Belden Unshielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper, Jacket: Gray PVC, Applications: Security systems, intercom/PA systems, sound/audio, power l Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:7 x 28; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:31uF; Conductor Material:Copper RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes TRANS PNP BIPOLAR 45V SOT323 DC GEARED MOTORS 直流减速电
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
YT5166 |
Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22 YT5166 From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
150-90-210-00-106 150-90-310-00-106 150-91-210-00- |
HDFKV 16 BK 双安装在线插座,头打开 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes 双安装在线插座,头打开 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes 双安装在线插座,头打开 Brilliance Bundled RGB Mini Hi-Res Component Video Coaxial Cable, Plenum; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Bodies:UL 双安装在线插座,头打开 TCP 0,1A 双安装在线插座,头打开 VDFK 4 MUTTER 双安装在线插座,头打开 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA 双安装在线插座,头打开 CONNECTOR ACCESSORY 双安装在线插座,头打开 Dual-in-line sockets and headers Open frame / surface mount 双安装在线插座,头打开 CAT 6A BLADE SERVER PATCH CABLE 20 BLU Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes FIBER BT13S Sensor Retroreflective Tape; Width:75mm; Roll Length:2.5m; For Use With:Photoelectric Sensors; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:21.9pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:21.9pF/ft; Conductor Material:Copper RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA CAT 6A BLADE SERVER PATCH CABLE 15 BLU PRESS TO TEST IND. RoHS Compliant: No BRT-84 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:32; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-32 CAT 6A BLADE SERVER PATCH CABLE 3 WHT CAT 6A BLADE SERVER PATCH CABLE 10 BLU BRT-92X92C REFLECTOR Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes Reflector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:18.8pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Jacket Material:Teflon Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:18.5pF/ft; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Molex, Inc. PRECI-DIP SA PREDIP[Precid-Dip Durtal SA] PREDIP [Precid-Dip Durtal SA]
|
11EFS4 |
Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30, 16 x 30; Jacket Material:Polyvinylchloride Low Forward Voltage drop Diode
|
Nihon Inter Electronics Corporation
|
MMBT8550 MMBT8050 M28S KTC5242 BA114ES6R MMBT1015 |
Mini Size Discrete Semiconductor Elements Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight THYRISTOR 75V 100A SMB DO-214AA Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes Mini size of Discrete semiconductor elements 迷你型离散半导体元件 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes 迷你型离散半导体元件
|
N/A Power Innovations Limited ETC Sinyork Co Ltd N.A. Electronic Theatre Controls, Inc.
|
BTA212X-800B BTA212X-800C BTA212X-800F BTA212X BTA |
Shielded Multiconductor Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:40; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Three quadrant triacs high commutation Three quadrant triacs guaranteed commutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MCP1701T-25021/TO MCP1701T-25021/MB MCP1701T-25021 |
5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PBCY3 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes 5015 RR 3#8 3#16 SKT RECP Multiconductor Security and Alarm Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes 2uA Low Dropoout Positive Voltage Refulator 五成低Dropoout正电压Refulator 5015 RR 2#8 2#16 PIN RECPT 五成低Dropoout正电压Refulator
|
Microchip Technology Inc. Microchip Technology, Inc.
|
MIC2211-WSBML MIC2211-1.8_3.3BML MIC2211-JYBML MIC |
Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
M29W641DH12ZA1E M29W641DH12ZA1F M29W641DH12ZA6E M2 |
4M X 16 FLASH 3V PROM, 70 ns, PDSO48 Low-Power Single Bus Buffer Gate with 3-State Output 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single Schmitt-Trigger Buffer 5-SOT-23 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Shielded Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Low-Power Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes 64 Mbit 4Mb x16 / Uniform Block 3V Supply Flash Memory Low-Power Single Buffer/Driver with Open-Drain Outputs 5-DSBGA -40 to 85
|
NUMONYX STMicroelectronics N.V. 意法半导 ST Microelectronics
|
DS1217M 1217M DS1217M4-25 DS1217 DS1217M1_2-25 DS1 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Nonvolatile Read/Write Cartridge From old datasheet system
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|