Part Number Hot Search : 
4ALVCH16 R1140Q 4815D DS315107 C100EP KIA78R 00N06 HE83006
Product Description
Full Text Search
  ssr Datasheet PDF File

For ssr Found Datasheets File :: 1264    Search Time::1.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ANV
Part No. ssr-05DD-H ssr-05DA ssr-10AA ssr-10AA-H ssr-05LA ssr-05VA ssr-10DD ssr-10DA ssr-10DA-H
OCR Text ssr series 1 built-in operation indicator high isolation over than 50m (500vdc) high dielectric over than 2.5kvlow emi / efi & surge by zero cross trigger method output snubber circuit protection solid state relay 10 d a h d = dc5~60v a = ...
Description ssr Series SOLID STATE RELAY

File Size 1,082.06K  /  12 Page

View it Online

Download Datasheet





    AVX CORP
Part No. ssr-50.8BR
OCR Text ssr-b series v dd fosc r 3 1 2 v dd : 5v r : 1m ? ic : mc74hcu04 *special ic matching required for all other circuits features ?miniature size (2.1x3.2x1.5mm) ?high density mounting possible ?wide frequency range applications ?cd-ro...
Description CERAMIC RESONATOR, 50.8 MHz

File Size 46.32K  /  1 Page

View it Online

Download Datasheet

    MTN1143-SSR MTN1156-13A MTN2143-SG MTN2156-13A MTN4156R-13A MTN4143-SHR MTN4143-SO MTN4156-13A MTN1143

MARKTECH[Marktech Corporate]
Marktech Optoelectronics
Part No. MTN1143-ssr MTN1156-13A MTN2143-SG MTN2156-13A MTN4156R-13A MTN4143-SHR MTN4143-SO MTN4156-13A MTN1143
OCR Text
Description OVERFLOW SINGLE DIFIT DISPLAY 溢出显示单DIFIT
(MTNxxxx) OVERFLOW SINGLE DIFIT DISPLAY

File Size 36.48K  /  1 Page

View it Online

Download Datasheet

    S201D01 S201D02 S101D01 S101D02

Sharp, Corp.
SHARP[Sharp Electrionic Components]
Part No. S201D01 S201D02 S101D01 S101D02
OCR Text ... No. LR63705 16-Pin DIP Type ssr for Low Power Control s Outline Dimensions Internal connection diagram 16 15 13 11 ( Unit : mm ) g Zero-cross circuit 9 2 3 4 5 6 7 *To radiate the heat, solder the lead pins...
Description 16-Pin DIP Type ssr for Low Power Control 16引脚DIP型苏维埃社会主义共和国低功率控制

File Size 67.34K  /  4 Page

View it Online

Download Datasheet

    LH1529AAC LH1529AACTR LH1529AB LH1529BAC LH1529BACTR LH1529BB

Vishay Intertechnology, Inc.
VISAY[Vishay Siliconix]
Part No. LH1529AAC LH1529AACTR LH1529AB LH1529BAC LH1529BACTR LH1529BB
OCR Text ...ally coupled solid state relay (ssr) and bidirectional input optocoupler. The ssr is ideal for performing switch hook and dial-pulse switching while optocoupler performs ring detection and loop current sensing functions. Both the ssr and op...
Description Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum; Series:DL3102; No. of Contacts:4; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Male 电信交换 1 A型固态继电器
Telecom Switch - 1 Form A Solid State Relay

File Size 153.29K  /  7 Page

View it Online

Download Datasheet

    G3NA225BAC100120

Omron Electronics LLC
Part No. G3NA225BAC100120
OCR Text ... load is the value for when the ssr is used with silicon grease applied to the spec ified heat sink. the applicabl e load de- pends on the ambient temperature. refer to load current vs. ambient temperature in engineering data on page ...
Description Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A

File Size 1,959.14K  /  18 Page

View it Online

Download Datasheet

For ssr Found Datasheets File :: 1264    Search Time::1.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ssr

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65346002578735