Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
  awg24 Datasheet PDF File

For awg24 Found Datasheets File :: 183    Search Time::2.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DRS80US12 DRS80US24 DRS80US48 DRS120PS12 DRS120PS24 DRS120PS48

XP Power Limited
Part No. DRS80US12 DRS80US24 DRS80US48 DRS120PS12 DRS120PS24 DRS120PS48
OCR Text ...8 (900) Wire sizes AWG (mm2) awg24-10 (0.2-5.3 mm2) awg24-10 (0.2-5.3 mm2) awg24-10 (0.2-5.3 mm2) Derating Curves DRS80 & DRS120 100 80 Load (%) Load (%) DRS240 100 80 60 40 20 0 -20 60 40 20 0 -20 0 10 20 30 ...
Description AC-DC Power Supplies

File Size 67.15K  /  2 Page

View it Online

Download Datasheet





    http://
HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
Part No. DF1-PD2428SCFB DF1B-10S-2.5R DF1B-11S-2.5R DF1B-12S-2.5R DF1B-13S-2.5R DF1B-14S-2.5R DF1B-15S-2.5R DF1B-16S-2.5R DF1B-18S-2.5R DF1B-2022PC DF1B-2022PCB DF1B-2022PCF DF1B-2022PCFB DF1B-2022SC DF1B-2022SCA DF1B-2022SCF DF1B-2022SCFA DF1B-20S-2.5R DF1B-2428PC DF1B-2428PCF DF1B-2428SC DF1B-2428SCA DF1B-2428SCF DF1B-2428SCFA DF1B-24PR DF1B-24PRB DF1B-24PRF DF1B-24PRFB DF1B-26PR DF1B-26PRB DF1B-26PRF DF1B-26PRFB DF1B-28PR DF1B-28PRB DF1B-28PRF DF1B-28PRFB DF1B-2S-2.5R DF1B-30PC DF1B-30PCB DF1B-30PCF DF1B-30PCFB DF1B-30SC DF1B-30SCA DF1B-30SCF DF1B-30SCFA DF1B-3S-2.5R DF1B-4S-2.5R DF1B-5S-2.5R DF1B-6S-2.5R DF1B-7S-2.5R DF1B-8S-2.5R DF1B-9S-2.5R DF1B-R24 DF1B-R24A DF1B-R24F DF1B-R24FA DF1B-R26 DF1B-R26A DF1B-R26F DF1B-R26FA DF1B-R28 DF1B-R28F DF1B-R28FA DF1-PD2428SCB DF1B-R28A
OCR Text ...mixed in one case ID terminal (awg24, 26, 28) Crimping contact (AWG20 to 30) Figure 1 Potting status 2. Potting Header Available The high profile header is also available, corresponding to the board potting process (sealed with resi...
Description MOSFET N-CH 600V 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准
MOSFET N-CH 1KV 24A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准
MOSFET N-CH 1KV 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准
MOSFET N-CH 500V 44A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准
MOSFET N-CH 500V 80A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准
CAT6 SOL PC PVC BLU 50FT PVC SOLID PATCH CORD
MOSFET N-CH 500V 48A SOT-227B
MOSFET N-CH 200V 180A SOT-227B
MOSFET N-CH 300V 130A SOT-227B
MOSFET N-CH 500V 64A SOT-227
MOSFET N-CH 70V 200A SOT-227B

File Size 538.81K  /  17 Page

View it Online

Download Datasheet

    DF1-12A1.33 DF1-10A1.33 DF1-13A1.33 DF1-9A1.33 DF1-16A1.33 DF1-6A1.33

Hirose Electric
Part No. DF1-12A1.33 DF1-10A1.33 DF1-13A1.33 DF1-9A1.33 DF1-16A1.33 DF1-6A1.33
OCR Text ...c : crimping socket r24 : awg24 id socket r26 : awg26 id socket r28 : awg28 id socket dsa : straight through hole ds : right angle through hole q number of contact : 2 to 16, 20 w connector type a: discrete wire e cable c...
Description 2.5mm Pitch Connector for Discrete Wire Connection

File Size 206.48K  /  8 Page

View it Online

Download Datasheet

   
Part No. DF1-16S-2.5R2805 DF1-16S-2.5R2405 DF1-5S-2.5R2605 DF1-11P-2.5DSA05 DF1-10P-2.5DSA05
OCR Text ...c : crimping socket r24 : awg24 id socket r26 : awg26 id socket r28 : awg28 id socket dsa : straight through hole ds : right angle through hole q number of contact : 2 to 16, 20 w connector type a: discrete wire e cable c...
Description 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 181.38K  /  7 Page

View it Online

Download Datasheet

    DF1B-14DS-2.5RC DF1B-14DEP-2.5RC DF1B-14DES-2.5RC DF1B-10DES-2.5RC DF1B-16DES-2.5RC DF1B-12DES-2.5RC DF1B-18DES-2.5RC DF

Hirose Electric
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
Part No. DF1B-14DS-2.5RC DF1B-14DEP-2.5RC DF1B-14DES-2.5RC DF1B-10DES-2.5RC DF1B-16DES-2.5RC DF1B-12DES-2.5RC DF1B-18DES-2.5RC DF1B-20DES-2.5RC DF1B-22DES-2.5RC DF1B-24DES-2.5RC DF1B-28DES-2.5RC DF1B-26DES-2.5RC DF1B-30DES-2.5RC DF1B-32DES-2.5RC DF1B-34DES-2.5RC AP105-DF1B-2022P AP105-DF1B-2022S AP105-DF1B-2428P AP105-DF1B-2428S AP105-DF1B-30P AP105-DF1B-30S AP105-DF1B-PR AP105-DF1B-R DF1B-34DS-2.5RC DF1B-36DS-2.5RC DF1B-7S-2.5R DF1B-3S-2.5R DF1B-TA30PHC DF1B-TA2022PHC DF1B-TA2428SHC DF1B-TA2428PHC DF1B-TA30SHC DF1B-TA2022SHC DF1B-30DS-2.5RC DF1B-30DEP-2.5RC DF1B-2428SCA DF1B-2428PC DF1B-2428SCF DF1B-2428SCFA DF1B-5S-2.5R DF1B-2428PCF DF1B-4DS-2.5RC DF1B-8ES-2.5RC DF1B-9ES-2.5RC DF1BA-8EP-2.5RC DF1B-34DEP-2.5RC DF1B-T2428HR DF1B-T2428PHR DF1B-18DEP-2.5RC DF1BA-9EP-2.5RC DF1B-6S-2.5R DF1B-2EP-2.5RC DF1B-2ES-2.5RC DF1BA-4DEP-2.5RC CM-105 DF1BA-8DEP-2.5RC DF1BA-6DEP-2.5RC DF1BA-10DEP-2.5RC DF1BA-12DEP-2.5RC DF1BA-16DEP-2.5RC DF1BA-18DEP-2.5RC DF1BA-20DEP-2.5RC DF1BA-14DEP-2.5RC DF1BA-22DEP-2.5RC DF1BA-26DEP-2.5RC DF1BA-24DEP-2.5RC DF1BA-28DEP-2.5RC DF1BA-30DEP-2.5RC DF1B-12DEP-2.5RC DF1B-10DEP-2.5RC DF1BA-34DEP-2.5RC DF1B-8S-2.5R DF1B-6DS-2.5RC DF1B-4ES-2.5RC DF1B-4EP-2.5RC DF1BZ-4DP-2.5DSA DF
OCR Text ... one case figure 1 id terminal (awg24, 26, 28) crimping contact (awg20 to 30) b184 df1b series 2.5mm pitch connector for discrete wire connection (product compliant with ul/csa standard) k single row type socket (cable side) k double ro...
Description 2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)

File Size 361.04K  /  19 Page

View it Online

Download Datasheet

    DRS240PS24 DRS240PS48 DRS240PS12

XP Power Limited
Part No. DRS240PS24 DRS240PS48 DRS240PS12
OCR Text ....00 (102) 4.88 (124) 0.92 (420) awg24-10 (0.2-5.3 mm 2 ) drs120 1.57 (40) 4.60 (113.3) 4.88 (124) 1.37 (620) awg24-10 (0.2-5.3 mm 2 ) drs240 2.36 (60) 4.60 (113.3) 4.88 (124) 1.98 (900) awg24-10 (0.2-5.3 mm 2 ) dcok dcok dc ok contact ratin...
Description AC-DC Power Supplies

File Size 67.42K  /  2 Page

View it Online

Download Datasheet

    XG5S-2012 XG5S-3012 XG5S-2612 XG4E XG4A XG8B

Omron Electronics LLC
Part No. XG5S-2012 XG5S-3012 XG5S-2612 XG4E XG4A XG8B
OCR Text ...se in temperature ( c) ul1061 awg24 (xg5m-2032-n) ul1007 awg26 (xg5m-2035-n) 20 wires 20 wires temp. rise limit 10 wires 10 wires 2 wires 2 wires current flow (a) rise in temperature ( c) current flow (a) ul1061 awg24 ul1007 awg26 flo...
Description IDC Sockets for Discrete Wires

File Size 905.12K  /  10 Page

View it Online

Download Datasheet

    Honda
Part No. QZF
OCR Text ...f AWG28 stranded cables and two awg24 cables, which are shielded. D: One pair of AWG28 stranded cables and two AWG26 cables, which are shielded. E : One pair of AWG28 stranded cables and two AWG28 cables, which are shielded. F : One pair of...
Description USB Connectors

File Size 2,144.82K  /  15 Page

View it Online

Download Datasheet

For awg24 Found Datasheets File :: 183    Search Time::2.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of awg24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.84199190139771