Part Number Hot Search : 
476M0 SR150 P100A CSD882R CY7C008 CGHA1E3 N4148 CGHA1E3
Product Description
Full Text Search
  patch Datasheet PDF File

For patch Found Datasheets File :: 991    Search Time::2.296ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ADC
Part No. ADCJF6A08 ADCJF6A09
OCR Text ...1ru 48-port ? plug and play patch panel truenet ? ? impedance matched jacks guarantee maximum throughput forty-five degree silver-plated idcs provide secure, reliable gas-tight connections ? 110 tool for wire termination ? 20 year p...
Description 8 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, IDC, JACK

File Size 70.59K  /  2 Page

View it Online

Download Datasheet





    DS2505 DS2505P DS2505PT DS2505PTR DS2505T DS2505TR

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
DALLAS[Dallas Semiconductor]
Part No. DS2505 DS2505P DS2505PT DS2505PTR DS2505T DS2505TR
OCR Text ...Architecture allows software to patch data by superseding an old page in favor of a newly programmed page Reduces control, address, data, power, and programming signals to a single data pin Directly connects to a single port pin of a microp...
Description 16kb Add-Only Memory
16-kbit Add-Only Memory

File Size 523.32K  /  24 Page

View it Online

Download Datasheet

    1307032 ANPC-131 ANPC-128 ANPC-135

MA-Com
MACOM[Tyco Electronics]
Part No. 1307032 ANPC-131 ANPC-128 ANPC-135
OCR Text patch antennas 1307032 m/a-com division of amp incorporated n north america: tel. (800) 366-2266, fax (800) 618-8883 n asia/pacific: tel.+85 2 2111 8088, fax +85 2 2111 8087 n europe: tel. +44 (1344) 869 595, fax+44 (1344) 300 020...
Description Quck mount micro GPS patch antenna
QuickMount Micro GPS patch Antennas
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes

File Size 119.43K  /  2 Page

View it Online

Download Datasheet

    MICRONAS SEMICONDUCTOR HOLDING AG
Part No. VCT3831BPP VCT3803BPP
OCR Text ...terrupt timing 114 5.11. memory patch module 114 5.11.1. features 114 5.11.2. general 114 5.11.3. initialization 115 5.11.4. patch operation 115 5.11.5. patch registers 116 5.12. i 2 c-bus master interface 118 5.12.1. i 2 c bus master inter...
Description TELETEXT DECODER, PDIP64

File Size 2,341.35K  /  182 Page

View it Online

Download Datasheet

    DS2506 DS2506S

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
DALLAS[Dallas Semiconductor]
Part No. DS2506 DS2506S
OCR Text ...Architecture allows software to patch data by superseding an old page in favor of a newly programmed page Reduces control, address, data, power, and programming signals to a single data pin Directly connects to a single port pin of a microp...
Description 64-kbit Add-Only Memory

File Size 557.57K  /  25 Page

View it Online

Download Datasheet

    AP35A070054A

List of Unclassifed Manufacturers
Part No. AP35A070054A
OCR Text ...: 35 mm one stage gps active patch antenna module with back - end saw filter features : 35 mm* 35 mm* 5.5 mm (ground plane) 54 mm ?1.13 i - pex mhfi ( u.fl) 1 5 db lna rohs complia nt photo : ...
Description 35mm One Stage GPS Active patch Antenna Module with back-end Saw Filter

File Size 599.50K  /  14 Page

View it Online

Download Datasheet

    LXT9784

Intel Corp.
Intel Corporation
Part No. LXT9784
OCR Text ...wiring closet The wiring closet patch panels The RJ45 connectors everywhere The patch cables to the network hub. Hand-held CAT-5 UTP cable testers are frequently used to isolate cabling problems. A typical cable test involves connecting ...
Description LXT9784 Octal 10/100 Transceiver Hardware Integrity Function Overview

File Size 176.82K  /  14 Page

View it Online

Download Datasheet

    AN12012

Bel Fuse Inc.
Part No. AN12012
OCR Text ... it is simply a port where a patch cord is plugged into the network device. unfortunately it is not simple. in fact, there are two networking interfaces, which have rather complex electrical and mechanical characteristics where the ...
Description Network Connector Interfaces and Differential to Common Mode Conversion

File Size 747.09K  /  12 Page

View it Online

Download Datasheet

For patch Found Datasheets File :: 991    Search Time::2.296ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of patch

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.47430801391602