PART |
Description |
Maker |
ISL6590 ISL6590DR ISL6580 |
PWM, Integrated Power Stage, 25A Peak, VIN =12V, with Low Side MOSFET Driver and Serial Control Interface, use with ISL6590 VRM10 Apps PWM Controller, Digital Multiphase VRM10, VOUT = 0.8375V to 1.60V @ 120A (using 6x ISL6580), Serial Interface to ISL6580, Programmable AVP Digital Multi-Phase PWM Controller for Core-Voltage Regulation
|
Intersil Corporation
|
UPD720200AF1-DAP-A |
The μPD720200A is the second generation Universal Serial Bus 3.0 host controller, which complies with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host controller interface
|
Renesas Electronics Corporation
|
TSS463B04 TSS463B-TESA-9 |
VAN Data Link Controller with Serial Interface
|
ATMEL Corporation http://
|
PD2-110-42 |
42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
|
TRINAMIC Motion Control GmbH & Co. KG.
|
PD-108-28 PD1-108-28-SE PD3-108-28-SE |
28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
|
TRINAMIC Motion Control GmbH & Co. KG.
|
PD5-170-57-E PD4-170-57-E PD-170-57 |
57mm diameter BLDC Encoder Motor with Controller/Driver and Serial Interface
|
TRINAMIC Motion Control GmbH & Co. KG. http://
|
PD3-116-60-SE PD-116-60-SE PD1-116-60-SE PD4-116-6 |
60mm/NEMA24 Stepper Motor with Controller/Driver, with Encoder and Serial Interface
|
TRINAMIC Motion Control GmbH & Co. KG.
|
SC9260 SC9260S |
2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
|
Silan Microelectronics Joint-stock
|
HI-8685PST-10 HI-8685PJI HI-8685PJI-10 HI-8685PJT- |
System component for interfacing incoming ARINC 429 signals to 16-bit parallel data ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA 1 CHANNEL(S), SERIAL COMM CONTROLLER, PQCC28 384 MCELL 3 VOLT ZERO POWER ISP CPLD - NOT RECOMMENDED for NEW DESIGN ARINC 429 & 561 SerialDatato16-BitParallelData ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
|
Holt Integrated Circuit... HOLT INTEGRATED CIRCUITS INC Holt Integrated Circuits, Inc. http://
|
G768D |
Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
|
GMT[Global Mixed-mode Technology Inc]
|
FM25C160 FM25C160U FM25C160UE FM25C160UV FM25C160U |
SERIAL EEPROM|2KX8|CMOS|DIP|8PIN|PLASTIC 2K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K-Bit SPI?/a> Interface Serial CMOS EEPROM From old datasheet system 16K-Bit SPI Interface Serial CMOS EEPROM 16K-Bit SPI⑩ Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
SC16IS740IPW SC16IS750 SC16IS750IBS SC16IS750IPW S |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT403-1 (TSSOP16); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO16 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Reel Pack, SMD, 13", Turned 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT616-3 (HVQFN24); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
|
NXP Semiconductors N.V.
|