Part Number Hot Search : 
ST89E 200000 BHGAAN GSM075L 100V1 BZX55C12 SMS51 XC6109N2
Product Description
Full Text Search
  uart Datasheet PDF File

For uart Found Datasheets File :: 10305    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EIB-TP-UART-IC

Siemens Semiconductor Group
Part No. EIB-TP-uart-IC
OCR Text uart-IC Features VB Tx0 Rx IN MODE 0 MODE 1 TEST MODE X1 X2 TSTOUT RxD 11 12 13 14 15 16 17 18 19 20 10 9 8 7 6 5 4 3 2 1 VB + VSP CSA VCC DIV * Signaling for standard uart (LSB-First, Idle is 1) * Baud rate 9600 or 19200 baud for th...
Description TP-uart-IC

File Size 380.52K  /  26 Page

View it Online

Download Datasheet





    Siemens Semiconductor
Part No. TP-uart-IC
OCR Text uart-IC Features VB Tx0 Rx IN MODE 0 MODE 1 TEST MODE X1 X2 TSTOUT RxD 11 12 13 14 15 16 17 18 19 20 10 9 8 7 6 5 4 3 2 1 VB + VSP CSA VCC DIV * Signaling for standard uart (LSB-First, Idle is 1) * Baud rate 9600 or 19200 baud for th...
Description Twisted Pair - Universal Asynchronous Receive Transmit IC

File Size 301.56K  /  26 Page

View it Online

Download Datasheet

    AT89C51SND1 AT89C51SND1C

ATMEL Corporation
Part No. AT89C51SND1 AT89C51SND1C
OCR Text uart Used as a Physical Layer - Based on the Intel Hex-type Records - Autobaud * In-System Programming - Read/Write Flash Memory - Read Device IDs - Block Erase - Full-chip Erase - Read/Write Configuration Bytes - Security Setting From ISP ...
Description C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes Flash. MultiMediaCard™, DataFlash®, SmartMedia™, CompactFlash™ ...
MP3 Microcontrollers

File Size 148.86K  /  25 Page

View it Online

Download Datasheet

    FREESCALE SEMICONDUCTOR INC
Part No. XPC850CZT66BU XPC850CZT80B
OCR Text ...nchronous receiver transmitter (uart) ? synchronous uart ? serial infrared (irda) ? totally transparent (bit streams) ? totally transparent (frame based with optional cyclic redundancy check (crc)) mpc850 powerquicc? integrated communicat...
Description 32-BIT, 66 MHz, RISC PROCESSOR, PBGA256
32-BIT, 80 MHz, RISC PROCESSOR, PBGA256

File Size 1,162.26K  /  72 Page

View it Online

Download Datasheet

    BCM2035

ETC
Broadcom Corporation.
Part No. BCM2035
OCR Text ...ve operational modes * Supports uart, USB, and PCM interfaces * Bluetooth specification version 1.1 compliant supports class 2 and 3 applications * Fractional-N frequency synthesizer supports any crystal or TCXO source from 12 to 40 MHz * A...
Description BLUETOOTH SINGLE CHIP HCI SOLUTION

File Size 160.45K  /  2 Page

View it Online

Download Datasheet

   
Part No. MB95108AMPFM
OCR Text ...(for dual clock product) ? lin-uart  full duplex double buffer  clock asynchronous (uart) or clock synchronous (sio) serial data transfer capable ? uart/sio  full duplex double buffer  clock asynchronous (uart) or clock synchronous (s...
Description 8-BIT, MROM, 16.25 MHz, MICROCONTROLLER, PQFP64

File Size 1,851.96K  /  72 Page

View it Online

Download Datasheet

    BCM4780 BCM4780P

ETC
Broadcom Corporation.
Part No. BCM4780 BCM4780P
OCR Text ...us * * Dual 16550 compatible uart * 0.13 low-power 1/2/3.3V design BCM4780P System Diagram BCM4780 SATA or IDE SATA or IDE SATA or IDE SATA or IDE 8 MB-512 MB 133-M Hz SDR/DDR SDRAM 802.11a/b/g Wireless LAN GPIO PCI 2.3 ...
Description NETWORK ATTACHED STORAGE PROCESSOR

File Size 100.80K  /  2 Page

View it Online

Download Datasheet

    NXP
Part No. LPC1853JET256 LPC1857FET256 LPC1833JET256 LPC184X
OCR Text ...550 uarts with dma support: one uart with full modem interface; one uart with irda interface; three usarts support uart synchronous mode and a smart card interface conformi ng to iso7816 specification. ? up to two c_can 2.0b controllers w...
Description (LPC181x/2x/3x/4x/5x) 32-bit ARM Cortex-M3 MCU

File Size 2,730.20K  /  147 Page

View it Online

Download Datasheet

For uart Found Datasheets File :: 10305    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of uart

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.66461491584778