Part Number Hot Search : 
SMG2306 TS8P02G ASRD715T 2N1617 ZLR64400 H100M 74LVC2G0 1515DN1
Product Description
Full Text Search
  interface Datasheet PDF File

For interface Found Datasheets File :: 144816    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    45984-8441 0459848441

Molex Electronics Ltd.
Part No. 45984-8441 0459848441
OCR Text ...) Packaging Type Pitch - Mating interface (in) Pitch - Mating interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Sur...
Description 1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower?/a> Receptacle Header, Right Angle, 8 Power Contacts, 24 Signal Contacts, Select Gold (Au) Plating
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Receptacle Header, Right Angle, 8 Power Contacts, 24 Signal Contacts, Select Gold (Au) Plating

File Size 448.64K  /  7 Page

View it Online

Download Datasheet





    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ...ard 3-wire serial-input digital interface. Ten bits, to make up the data word, are required and clocked into the serial input register. The first two bits are address bits. The following eight bits are the data bits that represent the 25...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL interface, 256 POSITIONS, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet

    TJA1081BTS

NXP Semiconductors
Part No. TJA1081BTS
OCR Text ...bit/s and provides an advanced interface be tween the protocol controller and the physical bus in a flexray network. the tja1081b features enhanced low-powe r modes, optimized for ecus that are permanently connected to the battery. the t...
Description FlexRay node transceiver

File Size 873.06K  /  45 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...ve CLK pin. This simple digital interface eliminates the need for microcontrollers in front panel interface designs. The AD5220 is available in both surface mount (SO-8) and the 8-lead plastic DIP package. For ultracompact solutions selecte...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...e devices). This simple digital interface eliminates the need for microcontrollers in front panel interface designs. The AD5222 is available in the surface-mount (SO-14) package. For ultracompact solutions, selected models are available in ...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227EVAL AD5227BUJZ100-R2 AD5227BUJ10-RL7 AD5227BUJZ10-R2 AD5227BUJZ50-R2 AD5227BUJ50-RL7 AD5227BUJZ10-RL7 AD5227BUJZ100-RL7 AD5227BUJZ50-RL7
OCR Text ...stor. Its simple 3-wire up/down interface allows manual switching or high speed digital control. The AD5227 presets to midscale at power-up. When CS is enabled, the devices changes step at every clock pulse. The direction is determined by t...
Description 64-Position Up/Down Control Digital Potentiometer 64工位下控制数字电位器
64-Position Digital Up/Down Control Potentiometer

File Size 324.12K  /  16 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...C to +105C. The AD5228's simple interface, small footprint, and very low cost enable it to replace mechanical potentiometers and trimmers with typically 3x improved resolution, solid-state reliability, and faster adjustment, resulting in co...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    TF-IMBI-QM57-A20

AAEON Technology
Part No. TF-IMBI-QM57-A20
OCR Text ...nd cooling fan status expansion interface pci-express [x4] x 1, mini pcie x 1, pci x 1 power requirement atx standard 24-pin connector x 1 power consumption board size (l x w) 6.7" x 6.7" (170mm x 170mm) gross weight 0.66 lb (0.3 kg) opera...
Description Industrial Motherboard with Intel Core i7/i5 Mobile Processor
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor

File Size 303.66K  /  2 Page

View it Online

Download Datasheet

For interface Found Datasheets File :: 144816    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of interface

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.71218705177307