PART |
Description |
Maker |
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
A-HDF26PP-WP |
D-SUB, HIGH DENSITY, FEMALE, 26PIN, 180 垄陋 D-SUB, HIGH DENSITY, FEMALE, 26PIN, 180 ?
|
Assmann Electronics Inc.
|
15-87-0205 |
Connector; No. of Contacts:68; Mounting Type:PCB; Gender:Female; No. of Rows:2; Pitch Spacing:0.05" 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
09-50-8151 09-50-8193 09-50-8171 09-50-8020 09-50- |
KK 156 Crimp Housing Ramp 15 Ckt 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 19 Ckt 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 17 Ckt 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.156 Pitch 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 20 Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:10; Series:KK; Body Material:Nylon; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,13 Contacts,SKT,0.156 Pitch,POLARIZED LCK 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 05 Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 07 Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 9508153 KK 156 Crimp Housing 15 Ckt
|
Molex, Inc. MOLEX INC
|
0190370011 190370011 AAZ-1126 |
Krimptite Female Bullet Receptacle for 18-22 AWG Wire, 4.57mm (.180) DiameterOpen Barrel, Metal Strip Carrier Krimptite?/a> Female Bullet Receptacle for 18-22 AWG Wire, 4.57mm (.180) DiameterOpen Barrel, Metal Strip Carrier
|
Molex Electronics Ltd.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
S-303H-AB S-304H-AB |
Industrial Connector; Series:300; Number of Contacts:3; Gender:Female; Leaded Process Compatible:Yes 3 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET Industrial Connector; Series:300; Number of Contacts:4; Gender:Female; Leaded Process Compatible:Yes 4 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
|
Cinch Connectors
|
09-50-3151 09-50-3221 09-50-3241 09-50-3091 09-50- |
Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.156 Pitch,POLARIZED LCK 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.156 Pitch,POLARIZED LCK 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,24 Contacts,SKT,0.156 Pitch,POLARIZED LCK 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:9; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:3; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 20Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg O/Ramp Nylon 7Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.156 Pitch,POLARIZED LCK 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 14Ckt 156 KK Term Hsg W/Ramp Nylon 9Ckt 156 KK Term Hsg O/Ramp Nylon 10Ckt
|
Molex, Inc. MOLEX INC
|
|