Part Number Hot Search : 
MSK5230 LH1524 LD6805 AP7335 SB61T KTA1040D RF840A LT1681
Product Description
Full Text Search
  contacts Datasheet PDF File

For contacts Found Datasheets File :: 16300    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    POSITRONIC INDUSTRIES INC
Part No. GF1M1FADS4L
OCR Text ... options include thermocouple contacts, filtered, environmentally sealed and dual port package including mixed density  broad selection of accessories features: hot swap capability  ac/dc operation in a single connector  signal...
Description 2 CONTACT(S), FEMALE AND MALE, POWER CONNECTOR, SOLDER

File Size 1,401.98K  /  5 Page

View it Online

Download Datasheet





    A2-7PA-2.54DS A2-7PA-2.54DSA A1-60PA-2. A2-2PA-2.54DS A2-2PA-2.54DSA A1-10PA-2.54DS A1-10PA-2.54DSA A2-20PA-2.54DSA A2-2

HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
Part No. A2-7PA-2.54DS A2-7PA-2.54DSA A1-60PA-2. A2-2PA-2.54DS A2-2PA-2.54DSA A1-10PA-2.54DS A1-10PA-2.54DSA A2-20PA-2.54DSA A2-20PA-2.54DS A2-3PA-2.54DS A1-26PA-2.54DS A1-26PA-2.54DSA A2-9PA-2.54DSA A1-06PA-2.54DS A1-12PA-2.54DS A1-12PA-2.54DSA A1-14PA-2.54DS A1-14PA-2.54DSA A1-16PA-2.54DS A1-16PA-2.54DSA A1-20PA-2.54DS A1-20PA-2.54DSA A1-24PA-2.54DS A1-24PA-2.54DSA A1-34PA-2.54DS A1-34PA-2.54DSA A1-40PA-2.54DS A1-40PA-2.54DSA A1-50PA-2.54DS A1-50PA-2.54DSA A1-60PA-2.54DS A1-60PA-2.54DSA A1-64PA-2.54DS A1-64PA-2.54DSA A1-6PA-2.54DS A1-6PA-2.54DSA A1-8PA-2.54DSA A2-10PA-2.54DS A2-10PA-2.54DSA A2-11PA-2.54DS A2-11PA-2.54DSA A2-12PA-2.54DS A2-12PA-2.54DSA A2-13PA-2.54DS A2-13PA-2.54DSA A2-14PA-2.54DS A2-14PA-2.54DSA A2-15PA-2.54DS A2-15PA-2.54DSA A2-16PA-2.54DS A2-16PA-2.54DSA A2-17PA-2.54DS A2-17PA-2.54DSA A2-18PA-2.54DS A2-18PA-2.54DSA A2-19PA-2.54DS A2-19PA-2.54DSA A2-1PA-2.54DS A2-1PA-2.54DSA A2-3PA-2.54DSA A2-4PA-2.54DS A2-4PA-2.54DSA A2-5PA-2.54DS A2-5PA-2.54DSA A2-6PA-2.54DS A2-6PA-2.54DSA A2-8PA-2.54DS A2-8PA-2.54DSA A2-9PA-2.54DS A1-8PA-2.54DS A1
OCR Text ...r. 2. Variation in Number of contacts The A1 series contains 16 types of 6 to 64 contacts, while the A2 series contains 20 types of 1 to 20 contacts, 3. Compatibility The A1 series is compatible with HIF3B series cable side and HIF3...
Description    2.54mm Pitch High Density Connector
1 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
2.54mm Pitch High Density Connector 2.54mm间距高密度连接器
KPT 12C 8#20 4#16 PIN RECP
GIGABASE CAT 5E UNIVERSALJACK, TEL IVORY
ZX Series, Subminiature Basic Switch, SPDT, 125 Vac, 3 A, Straight Lever Actuator, Solder Termination
FEMALE; MALE, RIGHT ANGLE; STRAIGHT TWO PART BOARD CONNECTOR, CRIMP; SOLDER, SOCKET

File Size 270.08K  /  8 Page

View it Online

Download Datasheet

    P500-100

List of Unclassifed Manufacturers
Part No. P500-100
OCR Text ...nnectors and gold plated copper contacts ensure excellent conductivity. double shielding (foil and braid) provides maximum emi/rfi protection. both the high density db15 male and high density db15 female connectors are molded and have integ...
Description VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F), 100-ft.

File Size 468.63K  /  2 Page

View it Online

Download Datasheet

    Tripp Lite. All Rights Reserved
Part No. P500-010
OCR Text ...nnectors and gold plated copper contacts ensure excellent conductivity. double shielding (foil and braid) provides maximum emi/rfi protection. both the high density db15 male and high density db15 female connectors are molded and have integ...
Description VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F)

File Size 476.35K  /  4 Page

View it Online

Download Datasheet

    HPT

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. HPT
OCR Text ...ciple technical characteristics contacts rated at 28 vdc and 115 vac,400 hz, 1 ? and 115/200 vac 400hz, 3 ? weight 400 g special units available upon request, including models with auxiliary contacts. optional ground fault protection (gep)...
Description CONTACTOR 60 AMP

File Size 698.36K  /  14 Page

View it Online

Download Datasheet

    LG
Part No. 47LM620S 47LM625S
OCR Text ...rvice manual, clean electrical contacts only by applying the following mixture to the contacts with a pipe cleaner, cotton-tipped stick or comparable non-abrasive applicator; 10 % (by volume) acetone and 90 % (by volume) isopropyl alcoh...
Description LED LCD TV Manual

File Size 9,038.09K  /  119 Page

View it Online

Download Datasheet

   
Part No. V42254-B2140-M240
OCR Text ...d, type m with 6 and 8 special contacts 218963.pdf 218963.pdf (159k) searchable features: brand: amp product series: type m product type: connector mating type: receptacle no. of power or coaxial contacts: 6 no. of signal contacts: 42 o...
Description 32 CONTACT(S), FEMALE, STRAIGHT TWO PART EURO CONNECTOR, WIRE WRAP, RECEPTACLE

File Size 189.40K  /  4 Page

View it Online

Download Datasheet

   
Part No. V42254-B1200-M240
OCR Text ..., type m, with 6 and 8 special contacts. 216777.pdf 216777.pdf (150k) searchable features: brand: amp product series: type m product type: connector mating type: plug no. of signal contacts: 24 no. of power or coaxial contacts: 8 other ...
Description 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER, PLUG

File Size 181.75K  /  4 Page

View it Online

Download Datasheet

    Panasonic
Part No. TXS2SX-LT-3V TXS2SX-L-3V-Z
OCR Text ...use of gold-clad twin crossbar contacts, low-gas formation materials, mold sealing the coil section, and by controlling organic gas in the coil. *we also offer a range of products with agpd contacts suitable for use in low level load a...
Description TX-S RELAYS

File Size 3,726.79K  /  7 Page

View it Online

Download Datasheet

    THOMAS & BETTS CORP
Part No. MC464D
OCR Text contacts + ground install to matching series hood/base allows ?pen?wiring inside closed panel enclosure. allows interiors to be assembled as a separable terminal block device. din rail adapter mount frames 64 + g amf124 150mm long, with bas...
Description RECTANGULAR CONNECTOR

File Size 681.19K  /  2 Page

View it Online

Download Datasheet

For contacts Found Datasheets File :: 16300    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of contacts

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9219090938568