Part Number Hot Search : 
TA62004 SFBDY27 SFBDY27 AN6175K SFBDY27 RDA5807P 38001 SWSS01
Product Description
Full Text Search
  120 Datasheet PDF File

For 120 Found Datasheets File :: 197645    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BLS6G3135S-120 BLS6G3135-120

NXP Semiconductors N.V.
Part No. BLS6G3135S-120 BLS6G3135-120
OCR Text 120; BLS6G3135S-120 LDMOS S-Band radar power transistor Rev. 01 -- 14 August 2007 Preliminary data sheet 1. Product profile 1.1 General description 120 W LDMOS power transistor intended for radar applications in the 3.1 GHz to 3.5 GH...
Description LDMOS S-Band radar power transistor

File Size 59.44K  /  11 Page

View it Online

Download Datasheet





    HMF2M64F8V-120 HMF2M64F8V-70 HMF2M64F8V-90

Hanbit Electronics Co.,Ltd
Part No. HMF2M64F8V-120 HMF2M64F8V-70 HMF2M64F8V-90
OCR Text ...eight 1M x 16 FROM mounted on a 120-pin, SMM connector FR4-printed circuit board. Commands are written to the command register using standard microprocessor write timings. Register contents serve as input to an internal state-machine, which...
Description FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V

File Size 550.10K  /  13 Page

View it Online

Download Datasheet

    IOL
Part No. 1MBC03-120 1MB03D-120
OCR Text 120,1MB03D-120, 1200V / 3A Molded Package Features * Small molded package * Low power loss * Soft switching with low switching surge and noise * High reliability, high ruggedness (RBSOA, SCSOA etc.) * Comprehensive line-up Molded IGBT ...
Description 1200V / 3A IGBT

File Size 254.15K  /  5 Page

View it Online

Download Datasheet

    SDR-120-12 SDR-120-24 SDR-120-48

Mean Well Enterprises Co., Ltd.
Part No. SDR-120-12 SDR-120-24 SDR-120-48
OCR Text 120W Single Output Industrial DIN RAIL with PFC Function Features : SDR-120 series High efficiency 91% and low power dissipation 150% peak load capability Built-in active PFC function, PF>0.93 Protections: Short circuit / Overload / ...
Description 120W Single Output Industrial DIN RAIL with PFC Function

File Size 520.72K  /  3 Page

View it Online

Download Datasheet

   
Part No. KUP9314A11-120 KUP9314A11-24
OCR Text ...ltage. features  ac coils 24, 120 & 240v 50/60 hz.; dc 12 & 24vdc.  contact arrangement to 3pdt.  sockets available for all models.  accepted pin pattern for hvac industry.  primarily designed for the hvac industry. kup93 series gene...
Description POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 2700mW (COIL), 5A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT

File Size 48.14K  /  2 Page

View it Online

Download Datasheet

For 120 Found Datasheets File :: 197645    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.58736681938171