PART |
Description |
Maker |
M80-9403442 M80-9402642 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 13 13-way
|
Harwin PLC HARWIN INC
|
M80-4212605 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with Hex Socket jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4T24001F3-00-000-00-000 M80-4T23842F3-00-000-0 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, guide pin with panel mount jackscrews, 20 20-way 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin shell, guide pin with panel mount jackscrews, 19 19-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, guide pin with panel mount jackscrews, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, guide pin with panel mount jackscrews, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin shell, guide pin with panel mount jackscrews, 16 16-way 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, guide pin with panel mount jackscrews, 18 18-way 36 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
SR2.8TG SR2.8TC SR2.8 |
Datamate Trio-Tek DIL Female Housing, with Hex Socket jackscrews, 5 5-way RailClamp低电容二极管二极管阵 RailClamp Low Capacitance TVS Diode Array RailClamp低电容二极管二极管阵
|
Semtechoration Semtech, Corp. SEMTECH[Semtech Corporation]
|
M80-4635042 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with reverse fix jackscrews board mount, 25 25-way 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4863405 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip gold shell, with Hex Socket jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5C10605B1 M80-5C11005B1 M80-5C11405B1 M80-5C12 |
DATAMATE J-TEK DIL MALE CRIMP (SAMLL BORE) ASSEMBLY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-5100422 M80-5105042 M80-5105005 M80-5100405 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY (BOARD MOUNT) Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
M80-8280622P M80-8280842P M80-8281442P M80-8271822 |
Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way, pick & place cap 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 4 4-way, pick & place cap 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 7 7-way, pick & place cap 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, friction latched, selective gold tin/lead, 9 9-way, pick & place cap 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
|