Part Number Hot Search : 
2C163XX S15DYD2 VTP1232 21160 X25650AE 35507 MPC5510 V5805
Product Description
Full Text Search
  l-tek Datasheet PDF File

For l-tek Found Datasheets File :: 137    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

    DinTek Semiconductor Co,.Ltd
DinTek Semiconductor Co...
Part No. DTS2300A DTS2300A13 DTS2300A-13
OCR Text ...ing le pulse avalanche current l = 0.1 mh i as 10 si ngle pulse avalanche energy e as 5m j maximu m p ower dissipation a t c = 25 c p...tek.jp 2 no t es a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by desi...
Description N-Channel 20 V (D-S) MOSFET Halogen-free
   N-Channel 20 V (D-S) MOSFET Halogen-free

File Size 1,009.75K  /  9 Page

View it Online

Download Datasheet





    TT electronics OPTEK Technology
Part No. OPB963L11 OPB963P51 OPB963T11
OCR Text ... = 25 o c i f = 0 or 15 ma r l = 8 ttl (totem pole) r l = 360 w (open collector) t plh , t phl propagation delay low-high & high-low 5...tek re serves the right to make changes at any time in or der to im prove de sign and to sup ply th...
Description 3.11 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT 5 PIN

File Size 1,272.59K  /  4 Page

View it Online

Download Datasheet

    DinTek Semiconductor Co,.Ltd
DinTek Semiconductor Co...
Part No. DTL9503 DTL950313 DTL9503-13
OCR Text ...repetitive a v alanche energy b l = 0.1 mh e ar 180 mj p o wer dissipation t c = 25 c (t o-220ab and to-263) p d 187 d w t a = 25 c (to-2...tek.jp dtl 95 03 2 not e s: a. p ulse test; pulse width ? 300 s, duty cycle ? 2 %. b. g...
Description P-Channel 30 V (D-S) MOSFET Compliant to RoHS Directive 2002/95/EC

File Size 1,513.05K  /  7 Page

View it Online

Download Datasheet

    Optek Technology
Part No. OPB390L15 OPB390L11 OPB390L51 OPB390N11 OPB390N15 OPB390N51 OPB390N55 OPB390P11 OPB390P15 OPB390P51 OPB390P55 OPB390T11 OPB390T15 OPB390T55
OCR Text ...bs with wire termination l - single mounting tab emitter side 9 - base mount opaque p - single mounting tab plastic d...tek tech nol ogy, inc. 1215 w. crosby road car roll ton, texas 75006 (97 2) ...
Description Slotted optical switch

File Size 1,013.71K  /  4 Page

View it Online

Download Datasheet

    M80-0110001 M80-0110042 M80-0110005 M80-0190001 M80-0190005 M80-0130005 M80-0130001 M80-0130042 M80-0190042 M80-2840042

Harwin Plc
Part No. M80-0110001 M80-0110042 M80-0110005 M80-0190001 M80-0190005 M80-0130005 M80-0130001 M80-0130042 M80-0190042 M80-2840042 M80-2840001 M80-2840005 M80-2830005 M80-2830001 M80-2830042 M83-0130005 M83-0130042 M83-0190005 M83-2830001 M83-0110005 M83-0130001 M83-2540001 M83-2540005 M83-0190042 M83-0110001 M83-0110042 M83-0190001 M83-2530001 M83-2530005 M83-2530042 M83-2540042 M83-2840001 M83-2840005 M83-2840042 M80-2540001 M80-2540005 M8X-XXX00XX M80-2530001 M80-2540042 M80-2530005 M80-2530042
OCR Text ...re crimp contacts, for use with l-tek, j-tek and mix-tek female connectors. for crimp tools see pages 77 to 79. m83 crimp contacts have two additional ident grooves. trio-tek l-tek, j-tek, mix-tek how to order m8x C xxx 00 xx 14.18 1...
Description Spare crimp contacts, for use with l-tek

File Size 555.34K  /  1 Page

View it Online

Download Datasheet

    B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5741-220-F-T-2 B5741-234-F-T-2 B5741-105-F-T-0 B5743-105-M-T-2 B5743-10

Harwin PLC
HARWIN INC
Part No. B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5741-220-F-T-2 B5741-234-F-T-2 B5741-105-F-T-0 B5743-105-M-T-2 B5743-105-M-L-0 B5741-103-F-N-0 B5743-102-M-T-1 B5743-102-M-L-0 B5743-106-M-T-2 B5740-208-F-C-0 B5740-208-F-C-2 B5741-204-F-N-2 B5741-214-F-T-2 B5740-216-F-D-0 B5743-103-M-T-0 B5743-220-M-T-1 B5743-216-M-L-2 B5743-210-M-L-2 B5743-117-M-L-2 B5743-117-M-L-0 HARWININC-B5743-105-M-L-1 B5740-214-F-C-0 B5743-107-M-T-0 B5741-212-F-N-2 B5741-220-F-T-0 B5740-104-F-D-0 HARWININC-B5743-105-M-T-2 B5741-102-F-N-2 B5741-105-F-T-2 B5741-105-F-N-2 B5741-102-F-T-2
OCR Text l-te k 10 j-te k 18 mi x-tek C 2 r o w 35 mi x-tek spe cial c ontacts 43 mi x-tek C 3 r o w (m83) 50 t ooling 61 datamate datamate 2 www.harwin.com datamate r o hs d atamate feat u res and benefits professional conne...
Description BS Datamate l-tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 13 13-way 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate l-tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate l-tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate l-tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate l-tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate l-tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate l-tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 5-way 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate l-tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate l-tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 3-way 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate l-tek SIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate l-tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate l-tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate l-tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate l-tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate l-tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate l-tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
BS Datamate l-tek DIL Female Large Bore Crimp Connector, gold clip tin shell, 8 8-way 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
BS Datamate l-tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate l-tek DIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
BS Datamate l-tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 8 8-way
BS Datamate l-tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 5 5-way
BS Datamate l-tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 17-way
BS Datamate l-tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 17-way
BS Datamate l-tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 7 7-way
BS Datamate l-tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 7-way
BS Datamate l-tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 6 6-way
BS Datamate l-tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 10 10-way
BS Datamate l-tek SIL Female Small Bore Crimp Connector, gold clip tin shell, 4-way
BS Datamate l-tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2-way
BS Datamate l-tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way
BS Datamate l-tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 5-way
BS Datamate l-tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 2-way

File Size 5,199.28K  /  9 Page

View it Online

Download Datasheet

    Optek Technology
Part No. OPB370N55 OPB370T15 OPB370P11 OPB370T55 OPB370P55 OPB370N11 OPB375N55 OPB370P15 OPB370T51 OPB375N15 OPB370L15 OPB370P51 OPB375N51 OPB370L11 OPB370N15 OPB375L55 OPB375P55 OPB375L15 OPB375P15 OPB375P51 OPB375L51 OPB375L11 OPB370L51 OPB370L55 OPB375N11 OPB375P11 OPB370T11
OCR Text ...- 2396 12-8 pack age n pack age l pack age p pack age t led - gray or clear sensor - black part number guide opb 3 x x x x x optek assembl...tek tech nol ogy, inc. 1215 w. crosby road car roll ton, texas 75006 (97 2) ...
Description Slotted optical switch

File Size 1,011.77K  /  4 Page

View it Online

Download Datasheet

    Z80-293 Z80-290 T5746 Z80-280

Harwin Plc
Part No. Z80-293 Z80-290 T5746 Z80-280
OCR Text ...loads/instructions order c ode l-tek t5746 hand crimp tool order c ode outer sleeve of mix-tek coax contacts z80-293 standard coax crimp tool for crimping the outer sleeve of mix-tek coax contacts. instruction sheet available. re...
Description Datamate Tooling

File Size 935.25K  /  1 Page

View it Online

Download Datasheet

    CYStech Electronics
Part No. BAR40AN3
OCR Text ...ery time trr i f =i r =10ma r l =100 measured at i r =1ma - 5 ns notes : 1.pulse test, tp=380 s,duty cycle<2%. 2.pulse test,...tek product s pecification characteristic curves for ward cu rrent & forward v o ltage 0 50 1...
Description Small Signal Schottky (double) diodes

File Size 294.99K  /  7 Page

View it Online

Download Datasheet

    DinTek Semiconductor Co,.Ltd
Part No. DTL1N60 DTU1N60 DTP1N60
OCR Text ...= 50 v , starting t j = 25 c, l = 37 mh, r g = 25 , i as = 1.4 a (see fig. 12). c. i sd 1.4 a , di/dt 40 a/s, v dd v ds , t...tek.jp 2 note a. when mounted on 1" square pc b (fr-4 or g-10 material). notes a. repetitive rat...
Description Power MOSFET Available in Tape and Reel

File Size 1,825.89K  /  12 Page

View it Online

Download Datasheet

For l-tek Found Datasheets File :: 137    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of l-tek

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0989308357239