PART |
Description |
Maker |
SLW-110-01-S-D SLW-110-01-S-S SLW-104-01-G-D SLW-1 |
LOW PROFILE STRIPS
|
Samtec, Inc
|
LSSHSM-2-DV |
Low Profile Socket Strips - Vertical
|
Major League Electronics
|
LSSHS-6-D |
.050*.100 cl Dual Row - Straight Low Profile Socket Strips
|
Major League Electronics
|
461-2251 |
Shorting Link, insulated, low profile, .025 (0,64) diameter pins
|
CAMBION Electronic Components
|
FR6J FR6K FR6M |
.025'' sq. Terminal Strips 6 Amp Fast Recovery Rectifier 50 to 1000 Volts
|
MCC Micro Commercial Components Corp.
|
TSM-105-02-S-DV-P TSM-107-01-L-DV-M-TR |
.025 SQ. TERMINAL STRIPS 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .025 SQ. TERMINAL STRIPS 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Samtec, Inc.
|
CES-123-01-T-S CES-150-01-T-S SLW-108-01-G-D CES-1 |
6 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LOW PROFILE .025" SQUARE STRIPS 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 50POS .100 SNGL TIN 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET .050 MICRO STRIPS 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
CES-150-01-S-S CES-104-01-S-S SLW-1 CES-130-01-S-S |
CONN RCPT 50POS .100 SNGL GOLD 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LOW PROFILE .025" SQUARE STRIPS 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 49 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
FP3-100-R FP3-150-R FP3-1R0-R FP3-2R0-R FP3-1R5-R |
Low Profile Inductors 155°C maximum total temperature operation Low profile high current inductors
|
Cooper Bussmann, Inc.
|
MAX6410 MAX6407 MAX6406 MAX6408 MAX6409BS45-T MAX6 |
Voltage Detectors in 4-Bump (2 x 2) Chip-Scale Package VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Round Conductor Flat Cable, 3754/50 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/34 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/20 30 AWG, .025 (0.64) Low-Capacitance 3-Channel /-15KV ESD-Protection Array for High-Speed Data Interfaces 5-SOT -40 to 85 Round Conductor Flat Cable, 3754/68 30 AWG, .025 (0.64) 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 24-BGA MICROSTAR JUNIOR -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HM6620100 HM6610100 HM6615100 HM6640100 HM6660100 |
Miniature Low Profile, Shielded Surface Mount Inductors Miniature Low Profile, Shielded 1 ELEMENT, 3.8 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 8.6 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR, SMD
|
List of Unclassifed Manufacturers ETC[ETC] BI Technologies, Corp. BI TECHNOLOGIES CORP
|
|