Part Number Hot Search : 
ASMA203 MAX5038 TM24064N PE4333 B125C SP1674BS B125C 1NM60
Product Description
Full Text Search
  strips Datasheet PDF File

For strips Found Datasheets File :: 988    Search Time::1.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IR3009 IR3093M IR3093MTR

International Rectifier
Part No. IR3009 IR3093M IR3093MTR
OCR Text ...uantity 3000 per Reel 100 piece strips PACKAGE INFORMATION VID2 VID1 VID0 VID5 5VREF OVPSNS ENABLE OVP CSINP1 CSINM1 NC VCCH1 Page 1 of 39 LGND SETBIAS VCC CSINP3 CSINM3 BIASOUT PWRGD CSINP2 CSINM2 VID_SEL VCCL3 GATEL3 VID3 VID...
Description 3 PHASE OPTERON/ ATHLON/ OR VR10.X CONTROL IC
3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC

File Size 697.68K  /  39 Page

View it Online

Download Datasheet





    IR3080 IR3080M IR3080MTR

IRF[International Rectifier]
Part No. IR3080 IR3080M IR3080MTR
OCR Text ...uantity 3000 per reel 100 piece strips ABSOLUTE MAXIMUM RATINGS Operating Junction Temperature.................150oC Storage Temperature Range......................-65oC to 150oC ESD Rating............................................HBM...
Description XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT

File Size 1,031.81K  /  41 Page

View it Online

Download Datasheet

    IR3082 IR3082MTR IR3082M

IRF[International Rectifier]
Part No. IR3082 IR3082MTR IR3082M
OCR Text ...uantity 3000 per reel 100 piece strips ABSOLUTE MAXIMUM RATINGS Operating Junction Temperature.................150oC Storage Temperature Range......................-65oC to 150oC ESD Rating.............................................HB...
Description XPHASE AMD OPTERON/ATHLON 64 CONTROL IC

File Size 439.46K  /  33 Page

View it Online

Download Datasheet

    IR3088A IR3088AM IR3088AMTR

IRF[International Rectifier]
Part No. IR3088A IR3088AM IR3088AMTR
OCR Text ... Order Quantity 3000 100 piece strips ABSOLUTE MAXIMUM RATINGS Operating Junction Temperature.................150oC Storage Temperature Range......................-65oC to 150oC ESD Rating.............................................HB...
Description XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT

File Size 673.95K  /  34 Page

View it Online

Download Datasheet

    IR3092 IR3092MTR IR3092M

International Rectifier
Part No. IR3092 IR3092MTR IR3092M
OCR Text ...UANTITY 3000 per Reel 100 piece strips PACKAGE INFORMATION Page 1 of 37 LGND SETBIAS VCC NC NC BIASOUT PWRGD CSINP2 NC VID_SEL NC NC VID3 VID4 ROSC VOSNSOCSET VDAC VDRP FB EAOUT SS/DEL SCOMP NC VID2 VID1 VID0 VID5 NC NC ENABL...
Description The IR3092M Control IC provides a full featured, single chip solution for microprocessors.
2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC

File Size 621.81K  /  37 Page

View it Online

Download Datasheet

    CT1815 CT1815FP

Aeroflex Inc.
AEROFLEX[Aeroflex Circuit Technology]
Part No. CT1815 CT1815FP
OCR Text ...ction reconstructs the data and strips the clock from the serial stream. An NRZ decoded data stream is then produced Encoder Timing / Transmitter Specification Symbol Parameter / Condition Encode Timing t1 t2 t3 t4 t5 t6 tw1 tw2 Va T Ts...
Description CT1815 10MHz Low Level Serial Interface for MIL-STD-1397 Type D

File Size 80.95K  /  7 Page

View it Online

Download Datasheet

    HBT060ZGHH HBT060ZGHH-A

POWER-ONE[Power-One]
Part No. HBT060ZGHH HBT060ZGHH-A
OCR Text ...ceramic -Vo1 SCOPE LOAD1 COPPER strips (2 to 3 inches) +Vo2 0.1uf ceramic -Vo2 SCOPE LOAD2 +Vo3 0.1uf ceramic -Vo3 SCOPE LOAD3 Figure 2: Output Ripple Measurement Test Set-up: Note: Use a 0.1uf ceramic capacitor. Scope measurement ...
Description HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output

File Size 112.57K  /  12 Page

View it Online

Download Datasheet

    AD640J AD640JN AD640JP AD640JP-REEL AD640JP-REEL7 AD640BE AD640T AD640TCHIPS AD640TD AD640TE AD640BD AD640BP AD640 5962-

AD[Analog Devices]
Analog Devices, Inc.
ANALOG DEVICES INC
Part No. AD640J AD640JN AD640JP AD640JP-REEL AD640JP-REEL7 AD640BE AD640T AD640TCHIPS AD640TD AD640TE AD640BD AD640BP AD640 5962-9095501M2A 5962-9095501MRA AD640B AD640EB AD640TD_883B AD640TE_883B AD640TE/883B AD640N AD640TD/883B
OCR Text ...ative to Discrete and Hybrid IF strips Replaces Several Discrete Log Amp ICs PRODUCT DESCRIPTION DC-Coupled Demodulating 120 MHz Logarithmic Amplifier AD640* signal output at +50 dB (referred to input) is provided to operate AD640s in c...
Description 120 MHz, 50 dB Demodulating Logarithmic Amplifier
122 x 32 pixel format, LED Backlight available
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier LOG OR ANTILOG AMPLIFIER, 145 MHz BAND WIDTH, PQCC20
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier

File Size 277.82K  /  16 Page

View it Online

Download Datasheet

For strips Found Datasheets File :: 988    Search Time::1.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of strips

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9120581150055