PART |
Description |
Maker |
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5D11005B1 |
DATAMATE J-TEK DIL MALE CRIMP ASSY
|
Harwin Plc
|
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-5L15005MC M80-5L10442MC M80-5L15022MC M80-5L10 |
DATAMATE J-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-5T10642B1 M80-5T12042B1 M80-5T12642B1 M80-5T11 |
DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-5421242 M80-5423442 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5520642 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, no jackscrews, 3 3-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, JACK
|
TE Connectivity, Ltd.
|
M80-8271645P |
Datamate L-Tek DIL Male Vertical SMT Connector, friction latched, gold, 8 8-way, pick & place cap 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-5635005 |
Datamate J-Tek DIL Male Small Bore Crimp Connector, gold, with reverse fix slotted jackscrews, 25 25-way 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, JACK
|
Harwin PLC
|
M80-5S22622M3-00-000-00-000 M80-5S22822M3-00-000-0 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 14 14-way 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 14 14-way 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 19 19-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 15 15-way 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, vertical jackscrews 5mm board mount, 15 15-way 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, vertical jackscrews 5mm board mount, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, with vertical jackscrews 5mm board mount, 4 4-way 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-5123842 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 19 19-way 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
SR760 SR750 SR735 SR745 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with Hex Socket jackscrews, 5 5-way Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, with Hex Socket jackscrews, 5 5-way, pick & place cap 7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
|
济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device]
|
|