PART |
Description |
Maker |
STM8S207KBT6BTR STM8S208KBT6BTR STM8S207SBT6BTR ST |
Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I漏梅C, CAN
|
STMicroelectronics
|
IDT72V8981 IDT72V8981DB IDT72V8981J IDT72V8981J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
XA-G37 PXAG37KFA PXAG37KBA PXAG37KBBD PXAG37KFBD |
XA 16位微控制器系2K的检察官办公室512字节的RAM。看门狗2个UART XA 16-bit microcontroller family 32K OTP. 512 B RAM. watchdog. 2 UARTs XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
|
NXP Semiconductors
|
PXAS30KFA PXAS31KFBE PXAS37KFBE PXAS31KFA PXAS37KB |
XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16 MB address range XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16MB address range VRSTR 18VDC 14VAC 22PF SMD-0603 TR-7 NI/SN100
|
Philips Semiconductors NXP
|
HD66726 HD66729 HD66741 HD66750 HD66750TB0 HD66751 |
128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
|
HITACHI[Hitachi Semiconductor]
|
SEPS225 SEPS225F0A SEPS225T0A |
128 x 128 Dots, 262K Colors PM?]OLED Display Driver and Controller
|
ETC
|
BL128128C2 |
OLED Display 128 x 128 dots Built-in controller SSD1355
|
Bolymin, Inc
|
ZL50074GAG2 ZL50074GAC ZL50074 |
32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
|
ZARLINK[Zarlink Semiconductor Inc]
|
BAS40-05T-7 BAS40-04T-7 BAS40-06T-7 BAS40T-7 BAS40 |
128 x 128 pixel format, LED or EL Backlight available SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Inc. Diodes Incorporated
|
KLM-128CFN |
6 V, size: 128 x 128 x 21 mm, LED dot matrix module
|
AUK Corp
|
NJU6680 NJU6680CL |
128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER From old datasheet system
|
NJRC[New Japan Radio]
|