Part Number Hot Search : 
1027C FQB13N06 PTF10052 4503B SMCJ26A S7908PI TU4AD3 00AA1
Product Description
Full Text Search
  fifo Datasheet PDF File

For fifo Found Datasheets File :: 7933    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DSPI-FIFO

Digital Core Design
Part No. DSPI-fifo
OCR Text fifo Serial Peripheral Interface Master/Slave with fifo ver 1.07 OVERVIEW The DSPI_fifo is a fully configurable SPI master/slave device, which allows user to configure polarity and phase of serial clock signal SCK. The DSPI_fifo allows t...
Description Serial Peripheral Interface Master/Slave with fifo

File Size 91.80K  /  6 Page

View it Online

Download Datasheet





    AT7910EKB-SV AT7910EKB-E AT7910EKB-MQ

ATMEL Corporation
Part No. AT7910EKB-SV AT7910EKB-E AT7910EKB-MQ
OCR Text ... ports each comprising an input fifo and an output fifo. ? a non-blocking crossbar switch connec ting any input port to any output port. ? an internal configuration port accessible via t he crossbar switch from the external parallel input/...
Description SpW-10X SpaceWire Router

File Size 117.77K  /  19 Page

View it Online

Download Datasheet

    BCM1250

ETC
Broadcom Corporation.
Part No. BCM1250
OCR Text ... @128 Gbps DMA 10/100/ 1000 MAC fifo DMA 10/100/ 1000 MAC DMA 10/100/ 1000 MAC fifo 16-50 Gbps 55 Mbps I/O Bridge Generic Bus and Flash I/O PCI/HT Bridge 32-Bit PCI HT Host Bridge 1 Gbps 3 x GMII / 2 x 16-bit fifo @ 2 Gbps...
Description HIGH PERFORMANCE INTEGRATED 64 BIT MULTIPROCESSOR

File Size 136.73K  /  2 Page

View it Online

Download Datasheet

    A3P060 A3P1000

Actel Corporation
Part No. A3P060 A3P1000
OCR Text ...sram (except x18)  24 sram and fifo configurations with synchronous operation up to 350 mhz  programmable embedded fifo control logic ? table 1  proasic3 product family a3p030 a3p060 a3p125 a3p250 a3p400 a3p600 a3p1000 system gates 30...
Description (A3Pxxx) ProASIC3 Flash Family FPGAs

File Size 1,379.41K  /  180 Page

View it Online

Download Datasheet

    BCM5700

Electronic Theatre Controls, Inc.
ETC
Part No. BCM5700
OCR Text ...eive GMII Receive MAC 128 fifo Rule Check 96 KB Packet Buffer Memory Queue Memory Registers Statistics Frame Buffer Manager Transmit GMII Transmit MAC 128 fifo Memory Arbiter Receive DMA ScratchPad Memory Boot Processor Tr...
Description PCI - X 10/100/1000 BASE -T CONTROLLER 的PCI - 10/100/1000 Base - T型控制器

File Size 150.29K  /  2 Page

View it Online

Download Datasheet

    Broadcom
Part No. BCM8152
OCR Text ...tx and rx lock detect  10-word fifo with overflow alarm absorbs system clock jitter  reference clock: 1/16 or 1/64 of the selectable data rate  selectable rx clock and rx data squelch  selectable loop timing mode  internal phase detect...
Description 10-Gbps Transceiver with 10G Clock, Bus Skew and Limiting Amplifier

File Size 107.42K  /  2 Page

View it Online

Download Datasheet

    BCM8112

Electronic Theatre Controls, Inc.
ETC[ETC]
Part No. BCM8112
OCR Text ...dge routers * On-chip 64 x 9 fifo to eliminate system timing issues * Core power supply: 1.8V I/O power * CMOS supplies: 1.8V LVDS, 3.3V STL, and 3.3V * Power consumption: 1700 mW typical * Standard CMOS fabrication process * 452-pin BGA...
Description 16BIT LVDS AND 64BIT LVPECL INTERFACE

File Size 34.89K  /  2 Page

View it Online

Download Datasheet

    BCM8128

Broadcom
ETC
Electronic Theatre Controls, Inc.
Part No. BCM8128
OCR Text ...skew control * On-chip 16 x 10 fifo eliminates system timing issues * Serial data polarity invert Telcordia, ITU-T, ANSI, and IEEE 802.3ae industry standards. * Reduces design cycle and time to market. * High level of integration allows...
Description Multirate 10-Gbps SONET/SDH/10GE/FEC Transmitter
MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX

File Size 113.87K  /  2 Page

View it Online

Download Datasheet

    BCM8152

ETC
Part No. BCM8152
OCR Text ...) Tx and Rx lock detect 10-word fifo with overflow alarm absorbs system clock jitter Reference clock: 1/16 or 1/64 of the selectable data rate Selectable Rx clock and Rx data squelch upon ALOSB Selectable loop timing mode SUMMARY OF BENE...
Description 10 GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER

File Size 125.98K  /  2 Page

View it Online

Download Datasheet

    BCM8211 BCM821104

BOARDCOM[Broadcom Corporation.]
ETC
Part No. BCM8211 BCM821104
OCR Text ...k detect Elastic buffering with fifo overflow alarm Selectable 77.76/155.52-MHz reference clock Selectable RX clock and RX data squelch on LOS Selectable loop timing mode Single 2.5V or dual 2.5V/3.3V supplies Power dissipation: 1.2W typica...
Description 2.488-Gbps Transceiver with Internal Loop Timing
2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
2.488 GBPS SONET/ SDH TRANSCEIVER WITH INTERNAL LOOP TIMING

File Size 104.79K  /  2 Page

View it Online

Download Datasheet

For fifo Found Datasheets File :: 7933    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fifo

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2884738445282