Part Number Hot Search : 
CSNR6 LPC3180 SHM60 SMDA05 ASI10610 1N471 RF6569SQ 1N4739A
Product Description
Full Text Search
  bytes Datasheet PDF File

For bytes Found Datasheets File :: 28529    Search Time::1.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ...s Port 0 also receives the code bytes during EPROM programming and outputs the code bytes during program verification External pullups are required during program verification Port 1 Port 1 is an 8-bit bidirectional I O port with internal p...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet





    Integrated Device Technology, Inc.
Part No. IDT88P8344 IDT88P8344BHGI
OCR Text ...figurable per interface: min 16 bytes, max 256 bytes ? standard interfaces - four oif spi-3: 8 or 32 bit, 19.44-133 mhz, 256 address range, 64 concurrently active lps per interface - one oif spi-4 phase 2: 80 - 400 mhz, 256 address ran...
Description SPI EXCHANGE 4 x SPI-3 TO SPI-4 Issue 1.0

File Size 605.74K  /  98 Page

View it Online

Download Datasheet

    CYPRESS SEMICONDUCTOR CORP
Part No. MT58L128L32D1F-5
OCR Text ...e cycles can be from one to two bytes wide (x18) or from one to four bytes wide (x32/x36), as controlled by the write control inputs. burst operation can be initiated with either address status processor (adsp#) or address status controller...
Description 128K X 32 STANDARD SRAM, 2.8 ns, PBGA165

File Size 429.23K  /  25 Page

View it Online

Download Datasheet

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ... RAM * Encryption array - 64 bytes * 4 interrupt priority levels * 6 interrupt sources * Four 8-bit I/O ports * Full-duplex enhanced UART - Framing error detection - Automatic address recognition * Power control modes: - Clock can b...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...s Yes * Encryption array--64 bytes * 4 level priority interrupt * 6 interrupt sources * Four 8-bit I/O ports * Full-duplex enhanced UART - Framing error detection - Automatic address recognition * Programmable clock out * Asynchronou...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text bytes of In-System Reprogrammable Flash Memory * * * * * * * - Endurance: 1,000 Write/Erase Cycles Fully Static Operation: 0 Hz to 33 MHz Three-Level Program Memory Lock 256 x 8-bit Internal RAM 32 Programmable I/O Lines Three 16-bit Timer...
Description 8-Bit Microcontroller with 20K bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    ICS9148-46 ICS9148YF-46

Integrated Circuit Syst...
Integrated Device Technology, Inc.
Integrated Circuit Systems
Part No. ICS9148-46 ICS9148YF-46
OCR Text .... the data byte format is 8 bit bytes. 5. to simplify the clock generator i 2 c interface, the protocol is set to use only " block-writes " from the controller. the bytes must be accessed in sequential order from lowest to highest byte with...
Description Pentium/ProTM System Clock Chip 奔腾/ ProTM系统时钟芯片
133.3 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO28 SSOP-28
Replaced by TIBPAL20R8-7M : High-Performance Impact-X<TM> PAL(R) Circuits 24-CFP -55 to 125

File Size 433.69K  /  9 Page

View it Online

Download Datasheet

    ATMEL
Part No. 25DF161
OCR Text ...g ? byte/page program (1 to 256 bytes) ? fast program and erase times ? 1.0 ms typical page program (256 bytes) time ? 50 ms typical 4-kbyte block erase time ? 250 ms typical 32-kbyte block erase time ? 400 ms typical 64-kbyte block erase t...
Description AT25DF161

File Size 815.92K  /  60 Page

View it Online

Download Datasheet

For bytes Found Datasheets File :: 28529    Search Time::1.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of bytes

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4013149738312