Part Number Hot Search : 
AO4447AL D44C1 HA13128 HC5521CQ Z8400BC6 4049BP HA13128 58006
Product Description
Full Text Search
  saving Datasheet PDF File

For saving Found Datasheets File :: 34582    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...ompatible Instruction Set Power saving Idle and Power Down Modes ONCE (On-Circuit Emulation) Mode Available in PLCC and PDIP Packages (See Packaging Specification Order 231369) Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Ava...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...S Compatible Logic Levels Power saving Modes 64K External Data Memory Space 64K External Program Memory Space Three Level Program Lock System ONCE (ON-Circuit Emulation) Mode Quick Pulse Programming Algorithm MCS 51 Microcontroller Fully Co...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...s two software selectable power saving modes. The Idle Mode stops the CPU while allowing the RAM, timer/counters, serial port, and interrupt system to continue functioning. The Power Down Mode saves the RAM contents but freezes the oscillat...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ... resulting in considerable cost saving in end users' systems. Users who consider EEMEM potentiometers should refer to the recommendations in the Applications section. Table 1. Truth Table PU 0 0 1 1 1 GENERAL DESCRIPTION The AD5228 is...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    AD8032 AD8032A AD8032AN AD8032AR AD8032ARM AD8032ARM-REEL AD8032ARM-REEL7 AD8032AR-REEL AD8032AR-REEL7 AD8032B AD8032BN

http://
ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8032 AD8032A AD8032AN AD8032AR AD8032ARM AD8032ARM-REEL AD8032ARM-REEL7 AD8032AR-REEL AD8032AR-REEL7 AD8032B AD8032BN AD8032BR AD8032BR-REEL AD8032BR-REEL7 AD8031 AD8031A AD8031AN AD8031AR AD8031AR-REEL AD8031AR-REEL7 AD8031ART-REEL AD8031ART-REEL7 AD8031B AD8031BN AD8031BR AD8031BR-REEL AD8031BR-REEL7 ANALOGDEVICESINC-AD8031ART-REEL AD8031ART-R2 AD8031ANZ
OCR Text ... is also available in the space-saving 5-lead SOT-23-5 package and the AD8032A is available in AN 8-lead SOIC package. GENERAL DESCRIPTION The AD8031 (single) and AD8032 (dual) single supply voltage feedback amplifiers feature high-sp...
Description 2.7 V/ 800 uA/ 80 MHz Rail-to-Rail I/O Amplifiers
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Rail-to-Rail I/O Amplifiers (Single Amplifier)

File Size 247.25K  /  16 Page

View it Online

Download Datasheet

    AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632ARM-R2 AD8631ART-R2 AD8631ART-REEL AD8632AR-REEL7 AD8632ARM-REEL AD8631

ANALOG DEVICES INC
AD[Analog Devices]
Analog Devices, Inc.
Part No. AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632ARM-R2 AD8631ART-R2 AD8631ART-REEL AD8632AR-REEL7 AD8632ARM-REEL AD8631ART-REEL7
OCR Text saving SOT-23, SOIC Packaging Wide Bandwidth: 5 MHz @ 5 V, 4 MHz @ 1.8 V Low Offset Voltage: 4 mV Max, 0.8 mV typ Rail-to-Rail Input and Output Swing 2 V/ s Slew Rate @ 1.8 V Only 225 A Supply Current @ 1.8 V APPLICATIONS Portable Communica...
Description Dual, 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifier
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers 1.8伏,5兆赫轨到轨低功耗运算放大器
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5

File Size 155.04K  /  12 Page

View it Online

Download Datasheet

    AD8651 AD8651AR AD8651ARM AD8651ARM-R2 AD8651AR-REEL AD8651AR-REEL7 AD8652 AD8652ARMZ-R2 AD8652ARMZ-REEL AD8652ARZ-REEL

AD[Analog Devices]
Part No. AD8651 AD8651AR AD8651ARM AD8651ARM-R2 AD8651AR-REEL AD8651AR-REEL7 AD8652 AD8652ARMZ-R2 AD8652ARMZ-REEL AD8652ARZ-REEL AD8652ARZ AD8652ARZ-REEL7 AD8651ARMZ-REEL
OCR Text ...operation: 2.7 V to 5.5 V Space-saving MSOP and SOIC packaging NC 1 -IN 2 +IN 3 V- 4 PIN CONFIGURATIONS 8 NC V+ OUT NC 03301-0-001 OUT A 1 -IN A 2 +IN A 3 V- 4 8 V+ OUT B -IN B +IN B 03301-B-003 03301-B-004 AD8651 TO...
Description 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers Preliminary Technical Data

File Size 374.81K  /  20 Page

View it Online

Download Datasheet

    AM29BDS323D AM29BDS323DT11AWKI

AMD[Advanced Micro Devices]
Part No. AM29BDS323D AM29BDS323DT11AWKI
OCR Text ...ll FBGA package. requires Power saving (PS), Ready (RDY), and Clock (CLK). This implementation allows easy interface with minimal glue logic to a wide range of microprocessors/microcontrollers for high performance read operations. The devic...
Description From old datasheet system
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory

File Size 461.15K  /  44 Page

View it Online

Download Datasheet

For saving Found Datasheets File :: 34582    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of saving

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7365679740906