PART |
Description |
Maker |
SC16IS740IPW SC16IS750 SC16IS750IBS SC16IS750IPW S |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT403-1 (TSSOP16); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO16 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Reel Pack, SMD, 13", Turned 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT616-3 (HVQFN24); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
|
NXP Semiconductors N.V.
|
CY7C65211-24LTXI |
CY7C65211 - USB-Serial Single-Channel (UART/I2C/SPI) Bridge with CapSenseand BCD
|
Cypress
|
SC18IS603IPW SC18IS602 SC18IS602B SC18IS602BIPW SC |
I2C-bus to SPI bridge; Package: SOT403-1 (TSSOP16); Container: Reel Pack, SMD, 13", Turned I2C BUS CONTROLLER, PDSO16
|
NXP Semiconductors N.V.
|
MAX3107 |
SPI/I2C UART with 128-Word FIFOs
|
Maxim Integrated Products, Inc.
|
MAX3108 |
SPI/I2C UART with 128-Word FIFOs in WLP
|
Maxim Integrated Products
|
MAX310710 |
SPI/I2C UART with 128-Word FIFOs and Internal Oscillator
|
Maxim Integrated Products
|
STM8S103F3P3 STM8S103K3 STM8S103K2M3TR STM8S103K2M |
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
STMicroelectronics
|
PCA9502 PCA9502BS |
8-bit I/O expander with I2C-bus/SPI interface
|
Philips Semiconductors
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
|