Part Number Hot Search : 
BSS63R GMBTH10 AN2018 AX200 LBS11401 5962R09 SB550 2SA2048K
Product Description
Full Text Search
  built-in Datasheet PDF File

For built-in Found Datasheets File :: 58310    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TRIQUINT[TriQuint Semiconductor]
Part No. 856099
OCR Text ...e(s) Electrical margin has been built into the design to account for the variations due to manufacturing tolerances This is the complex conjugate of the unmatched filter's impedance resulting in maximum power transfer Test Circuit: Actu...
Description 881.5 MHz SAW Filter

File Size 556.22K  /  8 Page

View it Online

Download Datasheet





    TRIQUINT[TriQuint Semiconductor]
Part No. 856409
OCR Text ...ture Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances This is the optimum impedance in order to achieve the performance shown Test Circuit: 2 4 18nH 50 ...
Description 1842.5 MHz SAW Filter

File Size 394.69K  /  7 Page

View it Online

Download Datasheet

    TRIQUINT[TriQuint Semiconductor]
Part No. 856417
OCR Text ...ture Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances This is the optimum impedance in order to achieve the performance shown Test Circuit: 2 4 18nH 50 ...
Description 1960 MHz SAW Filter

File Size 430.20K  /  7 Page

View it Online

Download Datasheet

    2SC5060 2SC5060TV2M

Rohm CO.,LTD.
Part No. 2SC5060 2SC5060TV2M
OCR Text built-in zener diode between collector and base. 2) Zener diode has low voltage dispersion. 3) Strong protection against reverse power surges due to "L" loads. 4) Darlington connection for high DC current gain. 5) built-in resistor between ...
Description Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
Power transistor (9010V, 3A)
Power transistor (9010V/ 3A)
SC70/&#181;DFN, Single/Dual Low-Voltage, Low-Power &#181;P Reset Circuits

File Size 50.71K  /  1 Page

View it Online

Download Datasheet

    PANASONIC CORP
Part No. UNR9212G
OCR Text built-in resistor 1 publication date: july 2008 sjh00241bed this product complies with the rohs directive (eu 2002/95/ec). unr921xg series silicon npn epitaxial planar type for digital circuits features ? costs can be reduced through downs...
Description 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR

File Size 513.47K  /  20 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...y 2 pushbutton tactile switches built-in adaptive debouncer Discrete step-up/step-down control Autoscan up/down control with 4 steps per second Pin-selectable zero-scale/midscale preset Low potentiometer mode tempco, 5 ppm/C Low rheostat mo...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    ANALOGICTECH[Advanced Analogic Technologies]
Part No. AAT3151IWP-T1 AAT3151
OCR Text ...of the AAT3151 is equipped with built-in protection for VOUT. Each current sink input has short-circuit and auto-disable to guard against LED failure conditions. built-in soft-start circuitry prevents excessive inrush current during start-u...
Description High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications

File Size 412.34K  /  14 Page

View it Online

Download Datasheet

    AAT[Advanced Analog Technology, Inc.]
Part No. AAT3153ISN-T1 AAT3153
OCR Text ... load short-circuit conditions. built-in soft-start circuitry prevents excessive inrush current during start-up. A low current shutdown feature disconnects the load from VIN and reduces quiescent current to less than 1A. The AAT3153 is avai...
Description High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications

File Size 233.71K  /  14 Page

View it Online

Download Datasheet

    ITE TECH
Part No. IT9130 IT9137FN
OCR Text ...ar phone and pda with mobile tv built-in personal navigation device (pnd) with tv built-in portable digital tvs or media players (pmp) with tv functions mobile dvb-t receivers with dual antennas (diversity receptio...
Description DVB-T Front-End Integrated Receiver

File Size 455.50K  /  22 Page

View it Online

Download Datasheet

   
Part No. TC94A58FAG
OCR Text ... single-chip cd processor with built-in controller the tc94a58fag is a single-chip cd processor for digital servo, which incorporates a 4-bit microcontroller. the controller features an lcd driver, 4-channel 6-bit ad converter, 1 p...
Description 4-BIT, MROM, 16.93 MHz, MICROCONTROLLER, PQFP64

File Size 494.79K  /  21 Page

View it Online

Download Datasheet

For built-in Found Datasheets File :: 58310    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of built-in

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.151878118515