PART |
Description |
Maker |
HFA1100MJ_883 HFA1100883 HFA1100_883 HFA1100MJ/883 |
850MHz Current Feedback Amplifier 850MHz的电流反馈放大器 XO 125MHZ 50PPM 3.3V 15PF-LOAD SMD-7050 TR-7-PL
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MDU28C MDU28C-20MD1 MDU28C-20MD4 MDU28C-20A1 MDU28 |
ACTIVE DELAY LINE, TRUE OUTPUT, DSO14 ACTIVE DELAY LINE, TRUE OUTPUT, DFP14 ACTIVE DELAY LINE, TRUE OUTPUT, DSO8 DUAL, HCMOS-INTERFACED FIXED DELAY LINE 双,HCMOS界面的固定延迟线 CRYSTAL, SM, CX-49G, 20MHZ; Frequency, output:20000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:2200pF; Capacitance Tolerance: /- 5%; Series:CM06; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No CRYSTAL, SM, CX-49G, 10MHZ; Frequency, output:10000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes MICA RoHS Compliant: No CRYSTAL, SM, CX-49G, 16MHZ; Frequency, output:16000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes CRYSTAL, SM, CX-49G, 12MHZ; Frequency, output:12000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes
|
DATA DELAY DEVICES INC Electronic Theatre Controls, Inc.
|
TB112EE |
SAW IF Filter 112.32MHz
|
TAI-SAW TECHNOLOGY CO.,...
|
EUGA50-20.000M |
CRYSTALS 15/30 0 70 50PF 20.000MHZ ATCUT FUND HC-49/U QUARTZ CRYSTAL RESONATOR, 20 MHz
|
Ecliptek, Corp.
|
ISL6334IRZ ISL6334CRZ ISL6334AIRZ ISL6620 ISL6620A |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
|
Intersil Corporation
|
K34-C1 |
An Ideal Indicator for OK/NG Judgements in Automated and Picking Machines, Measuring Factors such as Pressure, Load, Torque, and Weight Using Load Cell Signal Input.
|
Omron Electronics LLC
|
NCP45524 |
ecoSWITCH Advanced Load Management: 6A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge
|
ON Semiconductor
|
B82799S0223N001 B82799S0333N001 B82799S0513N001 B8 |
Flat / Ribbon Cable; Number of Conductors:10; Pitch Spacing:0.05"; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyvinylchloride (PVC); Approval Bodies:UL, CSA; Capacitance:50pF RoHS Compliant: Yes 扼流圈的数据和信号线 Chokes for Data and Signal Lines
|
Electronic Theatre Controls, Inc. EPCOS ETC[ETC] List of Unclassifed Manufacturers
|
NCP4543 |
NCP4543 Datasheet - ecoSWITCH™ Advanced Load Management: 7.3A Integrated Load Switch w/ Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-6V, Adj. Slew Rate, Adj. Discharge, Adj. Turn-On Delay
|
ON Semiconductor
|
NCP45560 |
NCP45560 Datasheet - ecoSWITCH™ Advanced Load Management: 23A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out, Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|
MBB0207IC1333DC100 MBB02070C1133DCT00 MBB0207IC100 |
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414 VG06 - Leaded Metal Film Resistors with Established Reliability RES THNFLM 3.83M OHM 1% 3/5W 50PPM/ C AXL TH - Ammo Pack Res Thin Film 1.05K Ohm 1% 3/5W ±50ppm/C Conformal AXL Thru-Hole Ammo Pack RES THNFLM 82.5 OHM 1% 3/5W 50PPM/ C AXL TH - Tape and Reel
|
Vishay Beyschlag
|
|