Part Number Hot Search : 
2SC23 MA3T157A VCH16 BF422ZL1 XC1765D SD166 8VDCS ASM3I27
Product Description
Full Text Search
  50pf-load Datasheet PDF File

For 50pf-load Found Datasheets File :: 8624    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    74F166 74F166_2 N74F166N I74F166D I74F166N N74F166D

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74F166 74F166_2 N74F166N I74F166D I74F166N N74F166D
OCR Text ...TEST CONDITION VCC = +5.0V CL = 50pF, RL = 500 MIN fmax tPLH tPHL tPHL Maximum clock frequency Propagation delay CP to Q7 Propagation delay ...Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and p...
Description 8-bit bidirectional universal shift register
From old datasheet system

File Size 98.23K  /  12 Page

View it Online

Download Datasheet





   
Part No. K6X1008C2D-BF700
OCR Text ... the parameters are tested with 50pf test load product family operating temperature vcc range speed power dissipation pkg type standby (i sb1 , max) operating (i cc2, max) k6x1008c2d-b commercial(0~70 c) 4.5~5.5v 55 1) /70ns 10 a 25ma 32...
Description 128K X 8 STANDARD SRAM, 70 ns, PDSO32

File Size 120.50K  /  10 Page

View it Online

Download Datasheet

    CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 CD4044

INTERSIL[Intersil Corporation]
Part No. CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 CD4044
OCR Text ...+125oC, -55oC NOTES: 1. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 2. -55oC and +125oC limits guaranteed, 100% testing being implemented....Load VDD = 10V, No Load VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, VOUT = 0.4V 1, 2 1, 2 1, 2...
Description Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125
CMOS Quad Clocked “DLatch
R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic
CMOS Quad Clocked “D” Latch
From old datasheet system
CMOS Quad 3 State R/S Latches
CMOS Quad Clocked D Latch
CMOS Quad Clocked “D Latch

File Size 108.99K  /  10 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX1233 MAX1234 MAX1233-MAX1234
OCR Text ...ve and negative 0.5LSB; 50k and 50pF load (Note 9) Code 127 to 128 From shutdown 0.4 20 40 50 V/s s nV/s s Code = 255, no load Code = 255, no load 10 INL DNL VOS (Note 7) No missing codes (Note 8) 1 1 5 SYMBOL CONDITIONS DIGITAL-TO-ANALOG C...
Description ?à15kV ESD-Protected Touch- Screen Controllers Include DAC and Keypad Controller
From old datasheet system

File Size 640.27K  /  44 Page

View it Online

Download Datasheet

    MAXIM[Maxim Integrated Products]
Part No. MAX6143 MAX6143BASA25 MAX6143AASA33 MAX6143AASA25 MAX6143AASA41 MAX6143BASA50 MAX6143AASA50 MAX6143BASA41 MAX6143BASA10 MAX6143AASA10 MAX6143BASA33
OCR Text ...T = 0.1% of final value, COUT = 50pF Guaranteed by line regulation test No load, normal operation No load, VSHDN < 0.8V TA = +25C TA = -40C to +125C TA = -40C to +125C 4.5 3.8 6.8 150 40.0 300 450 600 0.01 5 VP-P VRMS s V A A 2 ...
Description High-Precision Voltage Reference with Temperature Sensor

File Size 911.28K  /  16 Page

View it Online

Download Datasheet

    74F393 74F393_2 N74F393D N74F393N N74F393

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74F393 74F393_2 N74F393D N74F393N N74F393
OCR Text ...TION VCC = +5V Tamb = +25C CL = 50pF, RL = 500 MIN fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPHL Maximum clock frequency Propagation del...Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and p...
Description From old datasheet system
Dual 4-bit binary ripple counter

File Size 78.32K  /  8 Page

View it Online

Download Datasheet

    MM74HCT540MTC MM74HCT541WM MM74HCT540SJ

Fairchild Semiconductor
Part No. MM74HCT540MTC MM74HCT541WM MM74HCT540SJ
OCR Text ...tput propagation delay c l = 50pf 12 20 25 30 ns c l = 150pf 22 30 38 45 t pzh , t pzl maximum output enable time r l = 1k ? c l = ...load dynamic power consumption, p d = c pd v cc 2 f + i cc v cc , and the no load dynamic curr...
Description MM74HCT540, Inverting Octal 3-STATE Buffer MM74HCT541, Octal 3-STATE Buffer

File Size 275.97K  /  11 Page

View it Online

Download Datasheet

For 50pf-load Found Datasheets File :: 8624    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 50pf-load

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0327260494232