Part Number Hot Search : 
CTQ040 MA4E929D 1C05D50 1N5254B 28M0WC IT2008K 66TQC DF2521
Product Description
Full Text Search
  oscillator Datasheet PDF File

For oscillator Found Datasheets File :: 63065    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ATTINY861-15MAZ ATTINY861-15MZ ATTINY861-15SZ ATTINY861-15XZ ATTINY261-15MAZ ATTINY461-15MAZ

ATMEL Corporation
Part No. ATTINY861-15MAZ ATTINY861-15MZ ATTINY861-15SZ ATTINY861-15XZ ATTINY261-15MAZ ATTINY461-15MAZ
OCR Text ...dog Timer with Separate On-chip oscillator - On-chip Analog Comparator Special Microcontroller Features - debugWIRE On-chip Debug System - In-System Programmable via SPI Port - External and Internal Interrupt Sources - Low Power Idle, ADC N...
Description 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash

File Size 2,954.73K  /  227 Page

View it Online

Download Datasheet





    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ...he RAM contents but freezes the oscillator causing all other chip functions to be inoperative For the remainder of this document the 87C51 80C51BH and 80C31BH will be referred to as the 87C51 BH unless information applies to a specific devi...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...ns XTAL1 Input to the inverting oscillator amplifier XTAL2 Output from the inverting oscillator amplifier oscillator CHARACTERISTICS XTAL1 and XTAL2 are the input and output respectively of a inverting amplifier which can be configured ...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...struction Set Boolean Processor oscillator Fail Detect Available in 68-Pin PLCC Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y Y MEMORY ORGANIZATION PROGRAM MEMORY Up to 8 Kbytes of the program memory can reside in the ...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...r full duplex UART, and on-chip oscillator and clock circuits. In addition, the devices are low power static designs which offer a wide range of operating frequencies down to zero. Two software Type Memory # of Timers selectable modes ...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...r full duplex UART, and on-chip oscillator and clock circuits. In addition, the device is a low power static design which offers a wide range of operating frequencies down to zero. Two software selectable modes of power reduction--idle mode...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...ull duplex serial port, on-chip oscillator, and clock circuitry. In addition, the AT89C55 is designed with static logic for operation down to zero frequency and supports two software selectable power saving modes. The Idle Mode stops the CP...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

   
Part No. PIC16F628T-04/SO025
OCR Text ...or) ? power-up timer (pwrt) and oscillator start-up timer (ost) ? brown-out detect (bod) ? watchdog timer (wdt) with its own on-chip rc oscillator for reliable operation ? multiplexed mclr -pin ? programmable weak pull-ups on portb ? prog...
Description 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO18

File Size 1,331.79K  /  161 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78L52/P/F
OCR Text ...wer-down mode stops the crystal oscillator for minimum power consumption. the external clock can be stopped at any time and in any state without affecting the processor. features ? fully static design ? supply voltage of 1.8v to 5.5v ? dc...
Description W78C52D Wide Voltage Version

File Size 174.31K  /  18 Page

View it Online

Download Datasheet

For oscillator Found Datasheets File :: 63065    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of oscillator

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59495902061462