PART |
Description |
Maker |
DS620 DS620U DS620U_TR DS620U/TR |
Low-Voltage, -0.5°C Accuracy Digital Thermometer and Thermostat Low-Voltage/ 0.5C Accuracy Digital Thermometer and Thermostat 240 x 64 pixel format, CFL, LED, or EL Backlight available VOLTAGE REG POS 6V 100MA SOT-89 Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat Low-Voltage, -0.5∑C Accuracy Digital Thermometer and Thermostat
|
http:// Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
ADR4520 ADR4525 |
Ultra-Low-Noise, High-Accuracy 2.048V Voltage Reference Ultra-Low-Noise, High-Accuracy 2.5V Voltage Reference
|
Analog Devices
|
ADM8710 |
Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
|
Analog Devices
|
MAX6710QUT MAX6710QUTT MAX6710KUT |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package
|
MAXIM - Dallas Semiconductor
|
VRH1001LLX VRH1001LTX VRH1001LVX VRH1001NLX VRH100 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with On/Off circuit
|
AnaSem Hong Kong Limite... AnaSem Hong Kong Limited
|
RP100X |
The RP100 Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current
|
RICHTEK
|
PCS2P5T915A PCS2I5T915AG PCS2P5T915AG |
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
|
PulseCore Semiconductor
|
NCT203 |
Low Voltage, High Accuracy Temperature Monitor with I2C Interface
|
ON Semiconductor
|
RP102X |
The RP102 Series are CMOS-based voltage regulator ICs with high output voltage accuracy
|
RICHTEK
|
NJU7774F NJU7772 NJU7776F NJU7771 NJU7771F NJU7772 |
3-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 LOW DROPOUT VOLTAGE REGULATOR From old datasheet system
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|