Part Number Hot Search : 
KS5211 NJL21194 W8NA60 HM304 XHXXX 2SD1260A C9013N BL8596
Product Description
Full Text Search
  25mm Datasheet PDF File

For 25mm Found Datasheets File :: 34591    Search Time::1.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Bivar Inc.
Part No. ERM1-5MM ERM1-3MM ERM1-580 ERM1-585 ERM1-775 ERM1-770 ERM1-140 ERM1-1MM ERM1-285 ERM1-2MM ERM1-495 ERM1-4MM ERM1-680 ERM1-745 ERM1-800 ERM1-890 ERM1-740 ERM1-780 ERM1-620 ERM1-490 ERM1-895 ERM1-275 ERM1-700 ERM1-785
OCR Text .... M. C. 0.200 [5.1mm] 0.080 [2.0mm] O.025.005 TYP. L 0.020 [0.5mm] TYP. 0.095 [2.4mm] 3. TOLERANCE "L" DIMENSION: 0.030 - 0.500 (1.0 - 12.7mm)0.005(0.1mm) 0.505 - 0.750 (12.8 - 19.1mm)0.008(0.2mm) 0.755 - 1.250 (19.2 - 31.8mm)0....
Description
File Size 9.83K  /  1 Page

View it Online

Download Datasheet





    Bivar Inc.
Part No. ELM1-5MM ELM1-3MM ELM1-580 ELM1-585 ELM1-770 ELM1-775 ELM1-140 ELM1-1MM ELM1-285 ELM1-275 ELM1-2MM ELM1-495 ELM1-680 ELM1-785 ELM1-800 ELM1-895 ELM1-4MM ELM1-740 ELM1-780 ELM1-490 ELM1-620 ELM1-890 ELM1-745
OCR Text ...)0.008(0.2mm) 0.755 - 1.250 (19.2 - 31.8mm)0.015(0.4mm) 2. MATERIAL: PVC ALLOY, 94V-0, BLACK. BIVAR MATERIAL CODE 58-BK. CYBERTECH CYBERSHIELD PVC ALLOY, CS1534WX-BLK02N BLACK. 1. GENERAL SPECIFICATIONS: BIVAR EXTRUDED PRODUCT SPECIFICATION...
Description
File Size 10.64K  /  1 Page

View it Online

Download Datasheet

    Bivar Inc.
Part No. SLP-2
OCR Text 2.3mm] 0.16 [4.0mm] 0.100 [2.5mm] 0.740 [18.8mm] 0.162 [4.1mm] 0.104 [2.6mm] ?.040 +.003 -.002 lightpipe faces 0.235 [6.0mm] 0.092 [2.3mm] 0.118 [3.0mm] 0.218 [5.5mm] 0.100 [2.5mm] 0.11 [2.8mm] ( unless otherwise specified ) slp-2 cage code...
Description
File Size 12.08K  /  1 Page

View it Online

Download Datasheet

    ZM2BG68W-2

SunLED Corporation
Part No. ZM2BG68W-2
OCR Text 2 1.0X0.5mm SMD CHIP LED LAMP PRELIMINARY SPEC Features 1.0mmX0.5mm SMT LED, 0.5mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / R...
Description 1.0X0.5mm SMD CHIP LED LAMP

File Size 178.15K  /  4 Page

View it Online

Download Datasheet

    GI250-2 GI250-4 GI250-1 GI250-3

GOOD-ARK Electronics
Part No. GI250-2 GI250-4 GI250-1 GI250-3
OCR Text ...75 (9.5mm) lead length, 5 lbs. (2.3Kg) tension. Mechanical Data Case: DO-41 molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position...
Description Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 820uF; Voltage: 50V; Case Size: 12.5x40 mm; Packaging: Bulk
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER

File Size 141.28K  /  2 Page

View it Online

Download Datasheet

    Linear Technology Corporation
Part No. LT3669-2
OCR Text ...100ma (lt3669)/ 300ma (lt3669-2) n synchronizable and adjustable switching frequency: 250khz to 2.2mhz n output voltage: 0.8v to 16v...5mm qfn package typical a pplica t ion fea t ures descrip t ion io-link transceiver with integ...
Description IO-Link Transceiver

File Size 528.15K  /  40 Page

View it Online

Download Datasheet

    DBCTB3-2 DBCTB3-3 DBCTB3A-2 DBCTB3A-3 DBCTB2-2 DBCTB2-3

Dubilier
Part No. DBCTB3-2 DBCTB3-3 DBCTB3A-2 DBCTB3A-3 DBCTB2-2 DBCTB2-3
OCR Text 2 and 3 pole interlocking 2.5mm2 wire acceptance 4-12 pole solid, end stackable Screw terminal UL/VDE approved UL94v-0 Flame retardant material 5mm PITCH VERTICAL MOUNT SPECIFICATION Rating: Dielectric Strength: Insulation Resistance...
Description TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT

File Size 97.50K  /  1 Page

View it Online

Download Datasheet

    IC-657-2-MF IC-657-3-MF IC-657-1-MF

Yamaichi Electronics Co., Ltd.
Part No. IC-657-2-MF IC-657-3-MF IC-657-1-MF
OCR Text ... 1 = 200 Pins with 0.6mm Pitch 2 = 172 Pins with 0.5mm Pitch 3 = 144 Pins with 0.5mm Pitch MF = Flanged Unmarked = Not Flanged Features 144 and 172 contact pins with 0.5mm pitch 200 contact pins with 0.6mm pitch IC-667-1-* IC-6...
Description Dual Inline Memory Module 144, 172 and 200 Pins

File Size 70.08K  /  1 Page

View it Online

Download Datasheet

    LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC-2-PBF LTC3417AEDHC-2-TRPBF LTC3417AIDHC-2-PBF LTC3417AIDHC-2-TRPBF LT

LINEAR TECHNOLOGY CORP
Linear Technology, Corp.
Part No. LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC-2-PBF LTC3417AEDHC-2-TRPBF LTC3417AIDHC-2-PBF LTC3417AIDHC-2-TRPBF LTC3417AIFE-2PBF LTC3417AIDHC-2PBF LTC3417AEFE-2PBF LTC3417AEFE-2TRPBF LTC3417AEDHC-2TRPBF
OCR Text 2 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator DESCRIPTION The LTC(R)3417A-2 is a dual constant frequency, synchronous step-down...5mm x 3mm) DFN and 20-Lead TSSOP Packages APPLICATIONS n n n n n GPS/Navigation Systems Autom...
Description Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40&deg;C to 125&deg;C
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40&deg;C to 125&deg;C
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40&deg;C to 85&deg;C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40&deg;C to 85&deg;C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator

File Size 335.76K  /  20 Page

View it Online

Download Datasheet

    LTC3417A-2 LTC3417AEFE-2-PBF LTC3417AEFE-2-TRPBF

Linear Technology
Part No. LTC3417A-2 LTC3417AEFE-2-PBF LTC3417AEFE-2-TRPBF
OCR Text 2 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator DESCRIPTION The LTC(R)3417A-2 is a dual constant frequency, synchronous step-down...5mm x 3mm) DFN and 20-Lead TSSOP Packages APPLICATIONS n n n n n GPS/Navigation Systems Autom...
Description Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator

File Size 331.80K  /  20 Page

View it Online

Download Datasheet

For 25mm Found Datasheets File :: 34591    Search Time::1.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 25mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1772751808167