Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
  high-accuracy Datasheet PDF File

For high-accuracy Found Datasheets File :: 47537    Search Time::3.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ AD536ASCHIPS AD536ASD AD536ASE AD536ASH 5962-89805 AD536 AD883B AD536AKH_ AD536AKH/
OCR Text High Accuracy 0.2% Max Error (AD536AK) 0.5% Max Error (AD536AJ) Wide Response Capability: Computes RMS of AC and DC Signals 450 kHz Bandwidth: V rms > 100 mV 2 MHz Bandwidth: V rms > 1 V Signal Crest Factor of 7 for 1% Error dB Output with ...
Description Complete Monolithic IC Which Performs True RMS-to-DC Conversion
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
JT 28C 26#20 2#16 SKT PLUG
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...mable Counter Arrays with 2 x 5 High Speed Input Output Channels Compare Capture Pulse Width Modulators Watchdog Timer Capabilities Three 16...accuracy of g1 LSB (g2 LSB for channels 0 and 1) The conversion time for a single channel is 20 ms a...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    AD524 AD524A AD524AD AD524AE AD524AR-16 AD524AR-16-REEL AD524AR-16-REEL7 5962-8853901EA AD524BD AD524B AD524BE AD524C AD

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD524 AD524A AD524AD AD524AE AD524AR-16 AD524AR-16-REEL AD524AR-16-REEL7 5962-8853901EA AD524BD AD524B AD524BE AD524C AD524CD AD524S AD524SCHIPS AD524SD AD524SE_883B AD524SD_883B AD524SE/883B AD524SD/883B
OCR Text High CMRR: 120 dB (G = 1000) Low Offset Voltage: 50 V Low Offset Voltage Drift: 0.5 V/ C Gain Bandwidth Product: 25 MHz Pin Programmable Gai...accuracy under worst-case operating conditions. An outstanding combination of high linearity, high c...
Description Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 1000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 250 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16
VARISTOR 150V RMS 14MM RADIAL
PQ II HIP 7 REV A NO-PB
Precision Instrumentation Amplifier

File Size 392.59K  /  16 Page

View it Online

Download Datasheet

    AD721 AD721JP AD720JP AD720

AD[Analog Devices]
Part No. AD721 AD721JP AD720JP AD720
OCR Text ...log Ground Connection A Logical High Enables the NTSC/PAL Encode Mode (A Logical Low Powers Down the Chip) A Logical Low Enables the RGB Byp...accuracy. Figures 9 and 10 show the correct interface between a RAM-DAC and the AD720 and AD721 resp...
Description RGB to NTSC/PAL Encoders

File Size 131.76K  /  8 Page

View it Online

Download Datasheet

    AD8600 AD8600AP AD8600CHIPS

AD[Analog Devices]
Part No. AD8600 AD8600AP AD8600CHIPS
OCR Text ...e Buffered 8-Bit Parallel Input High Speed Data Load Rate Data Readback Operates from Single +5 V Optional 6 V Supply Extends Output Range A...Accuracy Differential Nonlinearity Full-Scale Voltage Full-Scale Voltage Error Full-Scale Tempco Zer...
Description 16-Channel, 8-Bit Multiplying DAC

File Size 231.85K  /  16 Page

View it Online

Download Datasheet

    AD8628 AD8628AR AD8628ART

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8628 AD8628AR AD8628ART
OCR Text ...ing 5 V Single-Supply Operation High Gain, CMRR, and PSRR: 120 dB Very Low Input Bias Current: 100 pA Low Supply Current: 1.3 mA Overload Re...accuracy and low noise. (No external capacitors are required.) In addition, the AD8628 greatly reduc...
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Low Noise Operational Amplifier

File Size 36.19K  /  4 Page

View it Online

Download Datasheet

    ADS119 ADS-119 ADS-119_883 ADS-119GC ADS-119GM ADS-119MC ADS-119MM ADC-B119 ADS-119/883

Murata Power Solutions ...
Murata Power Solutions Inc.
Electronic Theatre Controls, Inc.
ETC[ETC]
Datel
List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. ADS119 ADS-119 ADS-119_883 ADS-119GC ADS-119GM ADS-119MC ADS-119MM ADC-B119 ADS-119/883
OCR Text ...L DESCRIPTION The ADS-119 is a high-performance, 12-bit, 10MHz sampling A/D converter. The device samples input signals up to Nyquist frequ...Accuracy Bipolar Zero Error (Tech Note 2) Unipolar Offset Error (Tech Note 2) Gain Error (Tech Note ...
Description Circular Connector; No. of Contacts:37; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-37
Circular Connector; No. of Contacts:128; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-35
Circular Connector; No. of Contacts:4; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:21-75
Circular Connector; No. of Contacts:16; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:21-16
12-Bit/ 10MHz/ Low-Power Sampling A/D Converters
LJT 12C 8#20 4#16 SKT RECP
12-Bit, 10MHz, Low-Power Sampling A/D Converters

File Size 133.02K  /  8 Page

View it Online

Download Datasheet

For high-accuracy Found Datasheets File :: 47537    Search Time::3.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of high-accuracy

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0545928478241