Part Number Hot Search : 
MAZ7300 74HCT54 LVC14A DR331 H189L C3225 LM158J FR807G
Product Description
Full Text Search
  screw Datasheet PDF File

For screw Found Datasheets File :: 16229    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    G7J-2A2B-BAC50

Omron Electronics LLC
Part No. G7J-2A2B-BAC50
OCR Text ...rm model quick-connect terminal screw terminal pcb terminal pcb mounting 4pst-no ? ? g7j-4a-p 3pst-no/spst-nc ? ? g7j-3a1b-p dpst-no/dpst-nc ? ? g7j-2a2b-p w-bracket (see note) 4pst-no g7j-4a-t g7j-4a-b 3pst-no/spst-nc g7j-3a1b-t g7j-3a1b-b...
Description General Purpose Relay

File Size 795.88K  /  10 Page

View it Online

Download Datasheet





    LG
Part No. LP133X7-F2IB
OCR Text .... description of side mounting screw: unify the expression of screw length with lp141x6-a 1ib change drawings(b/l wire) add safety application model box change power sequence spec(t2, t5); 20ms 50ms(max) change drawings(concer...
Description Liquid Crystal Display

File Size 417.80K  /  25 Page

View it Online

Download Datasheet

    B65531D0000R033 B65531D0000R048 B65531D0025A001 B65531D0040A001 B65531D0040A033 B65531D0063A033 B65535B0003X000 B65532B0

EPCOS
Part No. B65531D0000R033 B65531D0000R048 B65531D0025A001 B65531D0040A001 B65531D0040A033 B65531D0063A033 B65535B0003X000 B65532B0000T001 B65531W0000R030 B65531W0000R087 B65531W0000Y038 B65535B0002X000 B65531D0400J048 B6553106 B65531D0100A048
OCR Text ... With thread for the adjusting screw (to be combined with core version "D") Material: GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code black Pocan B4235 (R) [E245249 (M)...
Description Ferrites and accessories

File Size 86.95K  /  7 Page

View it Online

Download Datasheet

    B84299K0021 B84299K0021E000 B84299K0026

EPCOS
Part No. B84299K0021 B84299K0021E000 B84299K0026
OCR Text ... 2-line filter Metal case screw-type cable fitting for strain relief on line side, B84299K0021, K0026 edge protector on load side Feed-through capacitors Features High insertion loss up to the GHz range UL and cUL a...
Description EMC filters

File Size 123.83K  /  8 Page

View it Online

Download Datasheet

    ADAM-3011 ADAM-3013 ADAM-3014

Advantech Co., Ltd.
Part No. ADAM-3011 ADAM-3013 ADAM-3014
OCR Text ... < 50 Drive: 10 mA max. CE, FM screw terminal ABS Power LED indicator 1,000 VDC 0.85 W (voltage output) 1.2 W (current output) 24 VDC 10% -10 ~ 70 C (14 ~ 158 F) -25 ~ 85 C (-13 ~ 185 F) 115 dB min Temperature Range ( C) -40 ~ 760 0 ...
Description Isolated Thermocouple Input Module

File Size 511.07K  /  1 Page

View it Online

Download Datasheet

    CM1600HC-34H CM1600HC-34H09

Mitsubishi Electric Semiconductor
Part No. CM1600HC-34H CM1600HC-34H09
OCR Text ... Conditions M8 : Main terminals screw M6 : Mounting screw M4 : Auxiliary terminals screw Min 7.0 3.0 1.0 -- 600 10.0 15.0 -- Limits Typ -- -- -- 1.0 -- -- -- 18 Max 13.0 6.0 2.0 -- -- -- -- -- Unit M -- CTI da ds LC-E(int) Mounting to...
Description HIGH POWER SWITCHING USE INSULATED TYPE

File Size 62.10K  /  6 Page

View it Online

Download Datasheet

    SJS991000 SJS862100 SJS861100 SJS861700 SJS862200 SJS861800 SJS862400 SJS450400 SJS450300 SJS450350 SJS450100 SJS257000

Amphenol Corporation
Part No. SJS991000 SJS862100 SJS861100 SJS861700 SJS862200 SJS861800 SJS862400 SJS450400 SJS450300 SJS450350 SJS450100 SJS257000 SJS883000
OCR Text ... standoff feet and self-tapping screw holes enable pcb mounting. pcb mounting is useful for inter-system connectivity, where a rigid board-to-board connector is impractical. jam nut receptacle samples are currently available in the 12-pi...
Description Luminus MP Series
   Luminus MP Series

File Size 553.68K  /  3 Page

View it Online

Download Datasheet

    Schneider Electric
Part No. RMCN22BD
OCR Text ...e cover ? din rail mounting and screw mounting options ? led indicator on the front panel ? input and output selector switches on the front panel ? output with fallback value if no input signal is pr esent (due to failure of a sensor, for ...
Description Zelio Analog Interface Modules

File Size 317.61K  /  12 Page

View it Online

Download Datasheet

    PSAK1500

Wall Industries,Inc.
Part No. PSAK1500
OCR Text ...um allowable penetration of the screw s is 4mm. incomplete threading should not be penetr ated. 2.3 recommended torque of mounting screw: m4 screw: 1.27n ? m (13.0kgf ? cm) air ow more than 50mm fan fan more than 50mm ...
Description AC/DC Switching Power Supplies

File Size 293.89K  /  8 Page

View it Online

Download Datasheet

    MPMS25-C0 TM1S4-C ABM4H-A-L ABM100-A-C ABM112-A-C ABM100-AT-C0 ABM112-AT-C ABM112-AT-C0 ABM1M-A-C ABM1M-AT-C ABM2S-A-C A

PANDUIT CORP.
Part No. MPMS25-C0 TM1S4-C ABM4H-A-L ABM100-A-C ABM112-A-C ABM100-AT-C0 ABM112-AT-C ABM112-AT-C0 ABM1M-A-C ABM1M-AT-C ABM2S-A-C ABMM-AT-C0 ABM3H-A-L ABM3H-AT-L ABM2S-AT-C TM2S8-C
OCR Text ...nylon natural indoors #4 (m2.5) screw 100 500 1000 5000 tm1s6-c m .513 (13.0) .316 (8.0) .230 (5.8) indoors #6 (m3) screw 100 500 1000 5000 tm2s8-c m, i, s .630 (16) .425 (10.8) .275 (7.0) indoors #6 (m3) screw 100 500 1000 5000 tm3s10-c m,...
Description Easy Selection Guide For Adhesive Backed Cable Tie Mounts

File Size 75.24K  /  2 Page

View it Online

Download Datasheet

For screw Found Datasheets File :: 16229    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of screw

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.63897609710693