PART |
Description |
Maker |
ISL22424TFR16Z ISL22424TFV14Z ISL22424UFR16Z ISL22 |
Dual Digitally Controlled Potentiometer (XDCP?? Dual Digitally Controlled Potentiometer (XDCP? Dual Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, SPI® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 14-TSSOP T&R
|
Intersil Corporation
|
X9269US24IZ X9269UV24-2.7T1 X9269TV24I-2.7 X9269TS |
Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R Dual Digitally-Controlled Potentiometers Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP
|
http:// Intersil, Corp. INTERSIL CORP
|
X93256WV14I-2.7T1 X93256UV14I-2.7 |
Dual Digitally Controlled Potentiometers (XDCPs™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 12.5K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO14 Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil, Corp. Intersil Corporation
|
FX029 FX029DW |
Dual digitally controlled amplifier array Dual Digitally Controlled Amp Array
|
CONSUMER MICROCIRCUITS LIMITED
|
EP9604G-850 EP9604G-150 EP9604G-350 EP9604G-60 EP9 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Tapped Delay Line 抽头延迟 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Data Delay Devices, Inc. Advanced Micro Devices, Inc.
|
X9268US24IZ X9268US24Z X9268_06 X9268 X9268TS24 X9 |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X9269_07 X9269 X9269TS24 X9269TS24-2.7 X9269TS24I |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
ISL22426 ISL22426UFV14Z ISL22426WFV14Z |
Dual Digitally Controlled Potentiometer
|
Intersil Corporation
|
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
ISL95811 ISL95811UFRTZ ISL95811UFRTZ-TK ISL95811UF |
Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: Full-Range Ind; Package: 8-MSOP T&R Single Digitally Controlled Potentiometer (XDCP垄芒) Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: Full-Range Ind; Package: 8-MSOP 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
Intersil Corporation Intersil, Corp.
|
X93254 |
Dual Digitally Controlled Potentiometers (XDCPs From old datasheet system
|
Xicor
|