Part Number Hot Search : 
MSB38D 100BG MTZJ27 AD8500 MVCO1700 2AZ24VDC 100BG BD131
Product Description
Full Text Search
  full-range Datasheet PDF File

For full-range Found Datasheets File :: 93357    Search Time::1.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CQB75W-24S05 CQB75W-24S12 CQB75W-24S15 CQB75W-24S24 CQB75W-24S3V3 CQB75W-48S05 CQB75W-48S12 CQB75W-48S15 CQB75W-48S24 CQ

RSG Electronic Components GmbH
Part No. CQB75W-24S05 CQB75W-24S12 CQB75W-24S15 CQB75W-24S24 CQB75W-24S3V3 CQB75W-48S05 CQB75W-48S12 CQB75W-48S15 CQB75W-48S24 CQB75W-48S3V3
OCR Text ...ne to Low Line 2. Measured From Full Load to Zero Load 3. Output Ripple and Noise measured with 10uF tantalum and 1uF Ceramic capacitor acro...Range................................. 24V................................. 9-36V ON/OFF (2) 48V.......
Description 75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS

File Size 134.09K  /  1 Page

View it Online

Download Datasheet





    AD[Analog Devices]
Part No. AD9460BSVZ-80 AD9460 AD9460-105LVDS_PCB AD9460-80LVDS_PCB AD9460BSVZ-105
OCR Text ...V p-p to 4.0 V p-p differential full-scale input Buffered analog inputs LVDS outputs (ANSI-644 compatible) or CMOS outputs Data format selec...range, data format select, and output data mode. The AD9460 is available in a Pb-free, 100-lead, sur...
Description 16-Bit, 80 MSPS/105 MSPS ADC

File Size 1,188.10K  /  32 Page

View it Online

Download Datasheet

    AD[Analog Devices]
Part No. AD9755ASTRL AD9755 AD9755AST AD9755-EB
OCR Text ... outputs each provide a nominal full-scale current from 2 mA to 20 mA. The AD9755 is manufactured on an advanced low cost 0.35 m CMOS proces...Range Output Resistance Output Capacitance REFERENCE OUTPUT Reference Voltage Reference Output Curre...
Description 14-Bit, 300 MSPS High Speed TxDAC D/A Converter

File Size 496.17K  /  28 Page

View it Online

Download Datasheet

    CYIS1SM0250-AA09 CYIS1SM0250-EVAL CYIS1SM0250AA-HHC CYIS1SM0250AA-HHCS CYIS1SM0250AA-HWC CYIS1SM0250AA-HQC

Cypress Semiconductor
Part No. CYIS1SM0250-AA09 CYIS1SM0250-EVAL CYIS1SM0250AA-HHC CYIS1SM0250AA-HHCS CYIS1SM0250AA-HWC CYIS1SM0250AA-HQC
OCR Text ... 25 m Electronic 8 MHz Up to 30 full frames/s 10 bit 3340 V.m2/W.s 74dB (5000:1) 76 e4750 e-/s at RT 5V 0C - +65C (STAR250) -40C - +85C (STA...range Programmable gain Supply voltage VDD Operational temperature range Package Table 2. Electro-op...
Description CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor

File Size 685.77K  /  21 Page

View it Online

Download Datasheet

    BEI1511 BEI15-120-Q12 BEI15-120-Q48 BEI15-050-Q12 BEI15-150-Q12 BEI15-050-Q48 BEI15-150-Q48 BEI15-150-Q12N-C BEI15-050-Q

Murata Manufacturing Co., Ltd.
MURATA POWER SOLUTIONS INC
Part No. BEI1511 BEI15-120-Q12 BEI15-120-Q48 BEI15-050-Q12 BEI15-150-Q12 BEI15-050-Q48 BEI15-150-Q48 BEI15-150-Q12N-C BEI15-050-Q12N-C BEI15-150-Q48N-C BEI15-150-Q48P-C BEI15-050-Q48N-C
OCR Text full 15 Watt output in one square inch of board area, the BEI-15 series isolated DC/ DC converter family offers efficient regulated DC power for printed circuit board mounting. The wide range 4:1 inputs on the 0.96" x 1.1" x 0.35" (24.4 x 2...
Description Isolated Wide Input Bipolar 15-Watt DC/DC Converters
1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE

File Size 249.59K  /  13 Page

View it Online

Download Datasheet

    BC384R480T065VM-00

Vicor Corporation
Part No. BC384R480T065VM-00
OCR Text ...ssipation (W) 28 24 97 96.5 Full Load Efficiency vs Temperature Efficiency (%) 360 365 370 375 -40 20 16 12 8 4 0 355 380 385 2...range should not be exceeded. An internal under / over voltage lockout-function prevents operation o...
Description BCM Array??/a>
BCM Array?/a>

File Size 913.70K  /  10 Page

View it Online

Download Datasheet

    AT91RM9200-QI-002 AT91RM9200-CI-002

ATMEL Corporation
Part No. AT91RM9200-QI-002 AT91RM9200-CI-002
OCR Text ...or Receive and Transmit USB 2.0 Full Speed (12 Mbits per second) Host Double Port - Dual On-chip Transceivers (Single Port Only on 208-lead ...range of compute-intensive applications that require maximum functionality at minimum power consumpt...
Description ARM920T based Microcontroller
ARM920T based Microcontroller

File Size 3,759.05K  /  683 Page

View it Online

Download Datasheet

    AT91RM9200-CI-002 AT91RM9200-CJ-002 AT91RM9200 AT91RM9200-QU-002

ATMEL Corporation
Part No. AT91RM9200-CI-002 AT91RM9200-CJ-002 AT91RM9200 AT91RM9200-QU-002
OCR Text ...or Receive and Transmit USB 2.0 Full Speed (12 Mbits per second) Host Double Port - Dual On-chip Transceivers (Single Port Only on 208-lead ...range of compute-intensive applications that require maximum functionality at minimum power consumpt...
Description ARM920T-based Microcontroller

File Size 3,814.64K  /  689 Page

View it Online

Download Datasheet

    EN29LV160JB70S EN29LV160JB70SI EN29LV160JB70SIP EN29LV160JB70SP EN29LV160JB70T EN29LV160JB70TI EN29LV160JB70TIP EN29LV16

Electronic Theatre Controls, Inc.
http://
List of Unclassifed Manufacturers
List of Unclassifed Manufac...
Part No. EN29LV160JB70S EN29LV160JB70SI EN29LV160JB70SIP EN29LV160JB70SP EN29LV160JB70T EN29LV160JB70TI EN29LV160JB70TIP EN29LV160JB70TP EN29LV160JB90SIP EN29LV160JT90SIP EN29LV160JB90S EN29LV160JB90SI EN29LV160JB90SP EN29LV160JB90T EN29LV160JB90TI EN29LV160JB90TP EN29LV160JB90TIP EN29LV160JT70TIP EN29LV160JT70SIP EN29LV160JT70SP EN29LV160JT90SP EN29LV160JT90TP EN29LV160JT90TI EN29LV160JT90TIP EN29LV160JT70TI EN29LV160JT70TP
OCR Text ... sectors (word mode) - Supports full chip erase - Individual sector erase supported - Sector protection: Hardware locking of sectors to prev...Range GENERAL DESCRIPTION The EN29LV160J is a 16-Megabit, electrically erasable, read/write non-...
Description Replaced by PTN78000W : 16兆位048K × 8 1024K x 16位)闪存引导扇区闪存,CMOS 3.0伏,
Replaced by PTN78000W : 8VOUT 1A WIDE INPUT POSITIVE STEP-DOWN ISR 3-SIP MODULE
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

File Size 256.44K  /  44 Page

View it Online

Download Datasheet

    AD[Analog Devices]
Part No. AD9773EB AD9773 AD9773AST
OCR Text ...to 3.6V single supply. The 20ma full-scale current can be reduced for lower power operation, and a several sleep functions are provided to r...range also can be used to control the output power level of each DAC. The AD9773 features the abilit...
Description 12-Bit, 160 MSPS 2×/4×/8× Interpolating Dual TxDAC D/A Converter
12-Bit, 160 MSPS 2】/4】/8】 Interpolating Dual TxDAC D/A Converter

File Size 205.86K  /  19 Page

View it Online

Download Datasheet

For full-range Found Datasheets File :: 93357    Search Time::1.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of full-range

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91630816459656