Part Number Hot Search : 
M708A 215SF FAN105A 2SK2496 TK11530 LS432043 CY7C132 RF2054
Product Description
Full Text Search
  positions Datasheet PDF File

For positions Found Datasheets File :: 6679    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ...an be made to produce new wiper positions when the device is resumed from shutdown. The AD5207 is available in 1.1 mm thin TSSOP-14 package, which is suitable for PCMCIA applications. All parts are guaranteed to operate over the extended in...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 positions, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet





    HON HAI PRECISION INDUSTRY CO LTD
Part No. HF01050
OCR Text ...ad contact area plating 04 = 4 positions 03 = 3 positions 02 = 2 positions no. of pos. termination & contact type friction lock header 05 = 5 positions 2.54 7.40 5.33 [.291] dim. a p/n hf01020 [.100] dim. c [.210] dim. b [.402] [.502] [.60...
Description 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 37.94K  /  1 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...stance divided by the number of positions (e.g., RSTEP = 10 k/ 128 = 78 ). The variable resistor offers a true adjustable value of resistance, between the A terminal and the wiper, or the B terminal and the wiper. The fixed A-to-B terminal ...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...stance divided by the number of positions (e.g., R STEP = 10 k/128 = 78 ). The variable resistor offers a true adjustable value of resistance, between Terminal A and the wiper, or Terminal B and the wiper. The fixed A-to-B terminal resistan...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    62HN30-H0-040C 62HN30-H9-040C 62HN45-H0-040C 62HN22-H0-040C

Grayhill, Inc
Part No. 62HN30-H0-040C 62HN30-H9-040C 62HN45-H0-040C 62HN22-H0-040C
OCR Text ...ailable in 8,12 and 16 detent positions ? choice of cable length and ter - minations applications ? avionics pin version stripped version circuitry 6 5 4 3 2 1 output b deck a no function ground pushbutton pushbutton r* r* 100 *exter...
Description High Torque, Non-Turn Concentric Shaft

File Size 301.69K  /  2 Page

View it Online

Download Datasheet

    62H2222-H9-040C 62H2222-H0-040C 62H3030-H9-040C 62H3030-H0-040C

Grayhill, Inc
Part No. 62H2222-H9-040C 62H2222-H0-040C 62H3030-H9-040C 62H3030-H0-040C
OCR Text ...ailable in 8,12 and 16 detent positions ? choice of cable length and ter - minations applications ? avionics clockwise rotation position output a output b ? indicates logic high; blank indicates logic low. c...
Description High Torque, Concentric Shaft

File Size 292.87K  /  2 Page

View it Online

Download Datasheet

    Tyco
Part No. ADF0304 ADF08T04 ADF03T04 ADF05T04 ADF0704 ADF06T04
OCR Text ...hole dip switch p ositions 02 2 positions 07 7 positions 03 3 positions 0 8 8 positions 04 4 positions 09 9 positions 05 5 positions 10 10 positions 06 6 positions 12 12 positions t er minal blank thr ough hole - tht sealin g blank no tape ...
Description DIP Switches

File Size 182.05K  /  2 Page

View it Online

Download Datasheet

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ...r (VR) with resolutions of 1024 positions. These devices perform the same electronic adjustment function as a potentiometer or variable resistor. The AD5235's versatile programming via a Micro Controller allows multiple modes of operation a...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 positions, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet

    AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU

AD[Analog Devices]
Part No. AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU10-REEL7 AD5242BRU1M-REEL7 AD5241BR1M AD5241BRU10-REEL7 AD5241BRU100-REEL7 AD5241BRU1M-REEL7 AD5241BR10-REEL7 AD5241BR100-REEL7 AD5241 AD5242
OCR Text positions 10 k , 100 k , 1 M Low Tempco 30 ppm/ C Internal Power ON Midscale Preset Single-Supply 2.7 V to 5.5 V or Dual-Supply 2.7 V for AC or Bipolar Operation I2C Compatible Interface with Readback Capability Extra Programmable Logic Out...
Description I2C Compatible 256-Position Digital Potentiometers

File Size 331.94K  /  16 Page

View it Online

Download Datasheet

    Tyco
Part No. GDH08STRNTS04 GDH06S04
OCR Text ...o?le dip switch p ositions 02 2 positions 0 8 8 positions 04 4 positions 10 10 positions 06 6 positions t er minal s sur face mount - smt pa c k a g in g blank tube tr tape & r eel sealin g blank tape seal nts no tape seal mat er ial 04 roh...
Description DIP Switches

File Size 158.40K  /  2 Page

View it Online

Download Datasheet

For positions Found Datasheets File :: 6679    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of positions

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.95842695236206